Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM6161FV16AW-70LF Datasheet(PDF) 8 Page - Emerging Memory & Logic Solutions Inc

Part # EM6161FV16AW-70LF
Description  512K x16 bit Low Power and Low Voltage Full CMOS Static RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMLSI [Emerging Memory & Logic Solutions Inc]
Direct Link  http://www.emlsi.com
Logo EMLSI - Emerging Memory & Logic Solutions Inc

EM6161FV16AW-70LF Datasheet(HTML) 8 Page - Emerging Memory & Logic Solutions Inc

Back Button EM6161FV16AW-70LF Datasheet HTML 3Page - Emerging Memory & Logic Solutions Inc EM6161FV16AW-70LF Datasheet HTML 4Page - Emerging Memory & Logic Solutions Inc EM6161FV16AW-70LF Datasheet HTML 5Page - Emerging Memory & Logic Solutions Inc EM6161FV16AW-70LF Datasheet HTML 6Page - Emerging Memory & Logic Solutions Inc EM6161FV16AW-70LF Datasheet HTML 7Page - Emerging Memory & Logic Solutions Inc EM6161FV16AW-70LF Datasheet HTML 8Page - Emerging Memory & Logic Solutions Inc EM6161FV16AW-70LF Datasheet HTML 9Page - Emerging Memory & Logic Solutions Inc EM6161FV16AW-70LF Datasheet HTML 10Page - Emerging Memory & Logic Solutions Inc EM6161FV16AW-70LF Datasheet HTML 11Page - Emerging Memory & Logic Solutions Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
EM681FU16 Series
Low Power, 512Kx16 SRAM
8
merging Memory & Logic Solutions Inc.
merging Memory & Logic Solutions Inc.
tWC
Address
CS
UB ,LB
WE
Data in
Data out
t
CW(2)
tWR(4)
tAW
tBW
tWP(1)
tDW
tDH
TIMING WAVEFORM OF WRITE CYCLE(3) (UB, LB CONTROLLED)
High-Z
High-Z
Data Valid
tAS(3)
NOTES (WRITE CYCLE)
1. A write occurs during the overlap(tWP) of low CS and low WE. A write begins when CS goes low and WE
goes low with asserting UB or LB for single byte operation or simultaneously asserting UB and LB for double
byte operation. A write ends at the earliest transition when CS goes high and WE goes high. The tWP is
measured from the beginning of write to the end of write.
2. tCW is measured from the CS going low to end of write.
3. tAS is measured from the address valid to the beginning of write.
4. tWR is measured from the end or write to the address change. tWR applied in case a write ends as CS
or WE going high.


Similar Part No. - EM6161FV16AW-70LF

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EM6161FV16AW10LL EMLSI-EM6161FV16AW10LL Datasheet
74Kb / 11P
   128K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM6161FV16AW10S EMLSI-EM6161FV16AW10S Datasheet
74Kb / 11P
   128K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM6161FV16AW45LL EMLSI-EM6161FV16AW45LL Datasheet
74Kb / 11P
   128K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM6161FV16AW45S EMLSI-EM6161FV16AW45S Datasheet
74Kb / 11P
   128K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM6161FV16AW55L EMLSI-EM6161FV16AW55L Datasheet
70Kb / 11P
   128K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
More results

Similar Description - EM6161FV16AW-70LF

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EM681FV16AU EMLSI-EM681FV16AU Datasheet
153Kb / 11P
   512K x16 bit Low Power and Low Voltage Full CMOS Static RAM
EM680FU16 EMLSI-EM680FU16 Datasheet
76Kb / 11P
   512K x16 bit Low Power and Low Voltage Full CMOS Static RAM
logo
List of Unclassifed Man...
EM681FV16AU ETC2-EM681FV16AU Datasheet
153Kb / 11P
   512K x16 bit Low Power and Low Voltage Full CMOS Static RAM
logo
Samsung semiconductor
K6F8016V3A SAMSUNG-K6F8016V3A Datasheet
146Kb / 9P
   512K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
DS_K6F8016U6B SAMSUNG-DS_K6F8016U6B Datasheet
157Kb / 9P
   512K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
K6F8016U6D SAMSUNG-K6F8016U6D Datasheet
154Kb / 9P
   512K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
DS_K6F8016U6C SAMSUNG-DS_K6F8016U6C Datasheet
173Kb / 9P
   512K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
K6F8016R6D SAMSUNG-K6F8016R6D Datasheet
154Kb / 9P
   512K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
K6F8016R6B SAMSUNG-K6F8016R6B Datasheet
157Kb / 9P
   512K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
K6F8016T6C SAMSUNG-K6F8016T6C Datasheet
173Kb / 9P
   512K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com