Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM6441FR32CW-10L Datasheet(PDF) 9 Page - Emerging Memory & Logic Solutions Inc

Part # EM6441FR32CW-10L
Description  256K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMLSI [Emerging Memory & Logic Solutions Inc]
Direct Link  http://www.emlsi.com
Logo EMLSI - Emerging Memory & Logic Solutions Inc

EM6441FR32CW-10L Datasheet(HTML) 9 Page - Emerging Memory & Logic Solutions Inc

Back Button EM6441FR32CW-10L Datasheet HTML 3Page - Emerging Memory & Logic Solutions Inc EM6441FR32CW-10L Datasheet HTML 4Page - Emerging Memory & Logic Solutions Inc EM6441FR32CW-10L Datasheet HTML 5Page - Emerging Memory & Logic Solutions Inc EM6441FR32CW-10L Datasheet HTML 6Page - Emerging Memory & Logic Solutions Inc EM6441FR32CW-10L Datasheet HTML 7Page - Emerging Memory & Logic Solutions Inc EM6441FR32CW-10L Datasheet HTML 8Page - Emerging Memory & Logic Solutions Inc EM6441FR32CW-10L Datasheet HTML 9Page - Emerging Memory & Logic Solutions Inc EM6441FR32CW-10L Datasheet HTML 10Page - Emerging Memory & Logic Solutions Inc EM6441FR32CW-10L Datasheet HTML 11Page - Emerging Memory & Logic Solutions Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
EM641FU16E Series
Low Power, 256Kx16 SRAM
9
merging Memory & Logic Solutions Inc.
merging Memory & Logic Solutions Inc.
DATA RETENTION CHARACTERISTICS
NOTES
1. See the ISB1 measurement condition of datasheet page 4.
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
VCC for Data Retention
VDR
ISB1 Test Condition
(Chip Disabled)
1)
1.5
-
3.3
V
Data Retention Current
IDR
VCC=1.5V, ISB1 Test Condition
(Chip Disabled)
1)
-
0.5
-
µA
Chip Deselect to Data Retention Time
tSDR
See data retention wave form
0
-
-
ns
Operation Recovery Time
tRDR
tRC
-
-
tSDR
tRDR
Data Retention Mode
CS > Vcc-0.2V or LB= UB
≥ V
CC-0.2V
V
cc
2.7V
2.2V
V
DR
CS ,LB /UB
GND
DATA RETENTION WAVE FORM


Similar Part No. - EM6441FR32CW-10L

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EM644FR16ET-10LF EMLSI-EM644FR16ET-10LF Datasheet
348Kb / 11P
   256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
EM644FR16ET-10S EMLSI-EM644FR16ET-10S Datasheet
348Kb / 11P
   256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
EM644FR16ET-12LF EMLSI-EM644FR16ET-12LF Datasheet
348Kb / 11P
   256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
EM644FR16ET-12S EMLSI-EM644FR16ET-12S Datasheet
348Kb / 11P
   256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
EM644FR16EU-10LF EMLSI-EM644FR16EU-10LF Datasheet
348Kb / 11P
   256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
More results

Similar Description - EM6441FR32CW-10L

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K6F4016R4E SAMSUNG-K6F4016R4E Datasheet
119Kb / 9P
   256K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
logo
Emerging Memory & Logic...
EM640FU16E EMLSI-EM640FU16E Datasheet
75Kb / 11P
   256K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM645FV16FU EMLSI-EM645FV16FU Datasheet
193Kb / 11P
   256K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM646FV16FU EMLSI-EM646FV16FU Datasheet
192Kb / 11P
   256K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM643FV16FU EMLSI-EM643FV16FU Datasheet
189Kb / 11P
   256K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM644FV16FU EMLSI-EM644FV16FU Datasheet
189Kb / 11P
   256K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM641FP16 EMLSI-EM641FP16 Datasheet
72Kb / 11P
   256K x16 bit Low Power and Low Voltage Full CMOS Static RAM
EM640FP16 EMLSI-EM640FP16 Datasheet
112Kb / 11P
   256K x16 bit Low Power and Low Voltage Full CMOS Static RAM
EM640FV16FW EMLSI-EM640FV16FW Datasheet
81Kb / 11P
   256K x16 bit Low Power and Low Voltage Full CMOS Static RAM
logo
Samsung semiconductor
K6F1616T6B SAMSUNG-K6F1616T6B Datasheet
199Kb / 10P
   1M x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com