Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OBH101048A Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # OBH101048A
Description  HCMOS/TTL Oscillator / with Jitter Control
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

OBH101048A Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  OBH101048A Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
OAH10, OAH310, OBH10, OBH310 Series
HCMOS/TTL Oscillator / with Jitter Control
TEL 949-366-8700
FAX 949-366-8707
WEB http://www.caliberelectronics.com
ELECTRICAL SPECIFICATIONS
Revision: 1997-B
Frequency Range
50.000MHz to 155.520MHz
Operating Temperature Range
0°C to 70°C / -40°C to 85°C
Storage Temperature Range
-55°C to 125°C
Supply Voltage
5.0Vdc ±10%, 3.3Vdc ±10%
Input Current
70.000M to 155.520MHz
50mA Maximum
Frequency Tolerance / Stability
Inclusive of Operating Temperature Range, Supply
Voltage and Load
±100ppm, ±50ppm, ±30ppm, ±25ppm, ±20ppm,
±15ppm or ±10ppm (20, 15, 10 = 0°C to 70°C Only)
Output Voltage Logic High (Voh)
w/TTL Load
w/HCMOS Load
2.4Vdc Minimum
Vdd –0.5Vdc Minimum
Output Voltage Logic Low (Vol)
w/TTL Load
w/HCMOS Load
0.4Vdc Maximum
0.5Vdc Maximum
Rise Time / Fall Time
0.4Vdc to 2.4Vdc w/TTL Load; 20% to 80% of
Waveform w/HCMOS Load
3nSeconds Maximum
Duty Cycle
@1.4Vdc w/TTL Load; @50% w/HCMOS Load
@1.4Vdc w/TTL Load or w/15pF HCMOS Load
50 ±10% (Standard)
50±5% (Optional)
10TTL or 50pF HCMOS Load
Pin 1 Tristate Input Voltage
No Connection
VIH
VIL
Enables Output
+2.4Vdc Minimum to Enable Output
+0.8Vdc Maximum to Disable Output
Aging (@ 25°C)
±5ppm / year Maximum
Start Up Time
10mSeconds Maximum
Absolute Clock Jitter
±200pSeconds Maximum
One Sigma Clock Jitter
±50pSeconds Maximum
Load Drive Capability
MECHANICAL DIMENSIONS
Marking Guide on page F3-F4
Pin 1:
No Connect or Tri-State
Pin 8:
Output
Pin 1:
No Connect or Tri-State
Pin 5:
Output
Pin 7:
Case Ground
Pin 14: Supply Voltage
Pin 4:
Case Ground
Pin 8:
Supply Voltage
PART NUMBERING GUIDE
Environmental/Mechanical Specifications on page F5
OAH10 100 48 A T - 70.000MHz
Package
OAH10
= 14 Pin Dip / 5.0Vdc / HCMOS-TTL
OAH310 = 14 Pin Dip / 3.3Vdc / HCMOS-TTL
OBH10
= 8 Pin Dip / 5.0Vdc / HCMOS-TTL
OBH3 10 = 8 Pin Dip / 3.3Vdc / HCMOS-TTL
Inclusive Stability
100= +/-100ppm, 50= +/-50ppm, 30= +/-30ppm25= +/-25ppm,
20= +/-20ppm, 15= +/-15ppm, 10= ±10ppm
Pin One Connection
Blank = No Connect, T = Tri State Enable High
Output Symmetry
Blank = 40/60%, A = 45/55%
Operating Temperature Range
Blank = 0°C to 70°C, 27 = -20°C to 70°C, 48 = -40°C to 85°C
13.2
MAX
7.620
±0.203
0.457
±01
(X4)
5.6
MAX
0.8 ±0.1
(X3)
Insulated Standoffs
13.2
MAX
7.620
±0.203
5.08
MIN
8
1
5
4
All Dimensions in mm.
8 Pin Half Size
20.8
MAX
13.2
MAX
15.240
±0.203
7.620
±.203
0.457
±0.1 (X4)
5.08
MAX
0.9
MAX
Insulated Standoffs
(Glass)
5.08
MIN
1
7
8
14
All Dimensions in mm.
14 Pin Full Size
CAL I BER
Electr on ics In c.
Lead-Free
RoHS Compliant


Similar Part No. - OBH101048A

ManufacturerPart #DatasheetDescription
logo
Caliber Electronics Inc...
OBH101048A CALIBER-OBH101048A Datasheet
105Kb / 1P
   HCMOS/TTL Oscillator / with Jitter Control
OBH101048AT CALIBER-OBH101048AT Datasheet
105Kb / 1P
   HCMOS/TTL Oscillator / with Jitter Control
More results

Similar Description - OBH101048A

ManufacturerPart #DatasheetDescription
logo
Caliber Electronics Inc...
OAH10 CALIBER-OAH10 Datasheet
105Kb / 1P
   HCMOS/TTL Oscillator / with Jitter Control
logo
List of Unclassifed Man...
OAH3 ETC2-OAH3 Datasheet
75Kb / 1P
   HCMOS/TTL Oscillator
logo
Caliber Electronics Inc...
OAH CALIBER-OAH Datasheet
80Kb / 1P
   HCMOS/TTL Oscillator
logo
Abracon Corporation
ASV25XXIY ABRACON-ASV25XXIY Datasheet
227Kb / 1P
   HCMOS/TTL COMPATIBLE VOLTAGE CONTROL CRYSTAL OSCILLATOR
logo
CTS Corporation
CB3LV CTS-CB3LV Datasheet
123Kb / 4P
   HCMOS/TTL CLOCK OSCILLATOR
logo
List of Unclassifed Man...
HO-12 ETC1-HO-12 Datasheet
302Kb / 1P
   HCMOS/TTL CRYSTAL OSCILLATOR
logo
CTS Corporation
CB2V5 CTS-CB2V5 Datasheet
127Kb / 4P
   HCMOS/TTL CLOCK OSCILLATOR
632 CTS-632 Datasheet
148Kb / 4P
   HCMOS/TTL CLOCK OSCILLATOR
CB3-3I-12M CTS-CB3-3I-12M Datasheet
216Kb / 3P
   HCMOS/TTL Clock Oscillator
CB1V8 CTS-CB1V8 Datasheet
125Kb / 4P
   HCMOS/TTL CLOCK OSCILLATOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com