Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM7160FP16AW-85S Datasheet(PDF) 10 Page - Emerging Memory & Logic Solutions Inc

Part # EM7160FP16AW-85S
Description  256K x16 bit Low Power and Low Voltage Full CMOS Static RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMLSI [Emerging Memory & Logic Solutions Inc]
Direct Link  http://www.emlsi.com
Logo EMLSI - Emerging Memory & Logic Solutions Inc

EM7160FP16AW-85S Datasheet(HTML) 10 Page - Emerging Memory & Logic Solutions Inc

Back Button EM7160FP16AW-85S Datasheet HTML 3Page - Emerging Memory & Logic Solutions Inc EM7160FP16AW-85S Datasheet HTML 4Page - Emerging Memory & Logic Solutions Inc EM7160FP16AW-85S Datasheet HTML 5Page - Emerging Memory & Logic Solutions Inc EM7160FP16AW-85S Datasheet HTML 6Page - Emerging Memory & Logic Solutions Inc EM7160FP16AW-85S Datasheet HTML 7Page - Emerging Memory & Logic Solutions Inc EM7160FP16AW-85S Datasheet HTML 8Page - Emerging Memory & Logic Solutions Inc EM7160FP16AW-85S Datasheet HTML 9Page - Emerging Memory & Logic Solutions Inc EM7160FP16AW-85S Datasheet HTML 10Page - Emerging Memory & Logic Solutions Inc EM7160FP16AW-85S Datasheet HTML 11Page - Emerging Memory & Logic Solutions Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
EM640FP16 Series
Low Power, 256Kx16 SRAM
10
#A1
A
A
B
C
D
E
F
G
H
6543
2
1
B
B1
0.4
B/2
B
PACKAGE DIMENSION
48 Ball Fine Pitch BGA (0.75mm ball pitch)
Bottom View
Top View
C
D
Y
Min
Typ
Max
A
-
0.75
-
B
5.95
6.00
6.05
B1
-
3.75
-
C
6.95
7.00
7.05
C1
-
5.25
-
D
0.30
0.35
0.40
E
-
0.85
0.90
E1
-
0.58
-
E2
-
0.27
-
Y-
-
0.08
NOTES.
1. Bump counts : 48(8row x 6column)
2. Bump pitch : (x,y)=(0.75x0.75) (typ.)
3. All tolerence are +/-0.050 unless
otherwise specified.
4. Typ : Typical
5. Y is coplanarity : 0.08(Max)
Side View
Detail A
A1 index Mark
Unit: millimeters


Similar Part No. - EM7160FP16AW-85S

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EM7160FP32AW-70L EMLSI-EM7160FP32AW-70L Datasheet
75Kb / 11P
   256K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM7160FP32AW-70LF EMLSI-EM7160FP32AW-70LF Datasheet
75Kb / 11P
   256K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM7160FP32AW12L EMLSI-EM7160FP32AW12L Datasheet
75Kb / 11P
   256K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM7160FP32AW12LF EMLSI-EM7160FP32AW12LF Datasheet
75Kb / 11P
   256K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM7160FP32DW-70L EMLSI-EM7160FP32DW-70L Datasheet
75Kb / 11P
   256K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
More results

Similar Description - EM7160FP16AW-85S

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EM641FP16 EMLSI-EM641FP16 Datasheet
72Kb / 11P
   256K x16 bit Low Power and Low Voltage Full CMOS Static RAM
EM640FV16FW EMLSI-EM640FV16FW Datasheet
81Kb / 11P
   256K x16 bit Low Power and Low Voltage Full CMOS Static RAM
logo
Samsung semiconductor
K6F4016R4E SAMSUNG-K6F4016R4E Datasheet
119Kb / 9P
   256K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
logo
Emerging Memory & Logic...
EM640FU16E EMLSI-EM640FU16E Datasheet
75Kb / 11P
   256K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM645FV16FU EMLSI-EM645FV16FU Datasheet
193Kb / 11P
   256K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM641FU16E EMLSI-EM641FU16E Datasheet
72Kb / 11P
   256K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM646FV16FU EMLSI-EM646FV16FU Datasheet
192Kb / 11P
   256K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM643FV16FU EMLSI-EM643FV16FU Datasheet
189Kb / 11P
   256K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM644FV16FU EMLSI-EM644FV16FU Datasheet
189Kb / 11P
   256K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM620FV16B EMLSI-EM620FV16B Datasheet
434Kb / 11P
   128K x16 bit Low Power and Low Voltage Full CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com