Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM716AFU8EW-85S Datasheet(PDF) 4 Page - Emerging Memory & Logic Solutions Inc

Part # EM716AFU8EW-85S
Description  256K x16 bit Low Power and Low Voltage Full CMOS Static RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMLSI [Emerging Memory & Logic Solutions Inc]
Direct Link  http://www.emlsi.com
Logo EMLSI - Emerging Memory & Logic Solutions Inc

EM716AFU8EW-85S Datasheet(HTML) 4 Page - Emerging Memory & Logic Solutions Inc

  EM716AFU8EW-85S Datasheet HTML 1Page - Emerging Memory & Logic Solutions Inc EM716AFU8EW-85S Datasheet HTML 2Page - Emerging Memory & Logic Solutions Inc EM716AFU8EW-85S Datasheet HTML 3Page - Emerging Memory & Logic Solutions Inc EM716AFU8EW-85S Datasheet HTML 4Page - Emerging Memory & Logic Solutions Inc EM716AFU8EW-85S Datasheet HTML 5Page - Emerging Memory & Logic Solutions Inc EM716AFU8EW-85S Datasheet HTML 6Page - Emerging Memory & Logic Solutions Inc EM716AFU8EW-85S Datasheet HTML 7Page - Emerging Memory & Logic Solutions Inc EM716AFU8EW-85S Datasheet HTML 8Page - Emerging Memory & Logic Solutions Inc EM716AFU8EW-85S Datasheet HTML 9Page - Emerging Memory & Logic Solutions Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
EM640FP16 Series
Low Power, 256Kx16 SRAM
4
DC AND OPERATING CHARACTERISTICS
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Input leakage current
ILI
VIN=VSS to VCC
-1
-
1
uA
Output leakage current
ILO
CS1=VIH, CS2=VIL or OE=VIH or WE=VIL or LB=UB=VIH
VIO=VSS to VCC
-1
-
1
uA
Operating power supply
ICC
IIO=0mA, CS1=VIL, CS2=WE=VIH, VIN=VIH or VIL
--
2
mA
Average operating current
ICC1
Cycle time=1
µs, 100% duty, I
LO=0mA,
CS1<0.2V, LB<0.2V or/and UB<0.2V, CS2>VCC-0.2V
VIN<0.2V or VIN>VCC-0.2V
--
2
mA
ICC2
Cycle time = Min, IIO=0mA, 100% duty,
CS1=VIL, CS2=VIH , LB=VIL or/and UB=VIL
VIN=VIL or VIH
--
15
mA
Output low voltage
VOL
IOL = 0.1mA
--
0.2
V
Output high voltage
VOH
IOH = -0.1mA
1.4
-
-
V
Standby Current (CMOS)
ISB1
CS1>VCC-0.2V, CS2>VCC-0.2V (CS1 controlled)
or 0V<CS2<0.2V (CS2 controlled),
Other inputs = 0 ~ VCC
(Typ. condition : VCC=1.8V @ 25
oC)
(Max. condition : VCC=2.2V @ 85
oC)
LL
LF
-1
5
uA
RECOMMENDED DC OPERATING CONDITIONS 1)
1. TA= -40 to 85oC, otherwise specified
2. Overshoot: VCC +1.0 V in case of pulse width < 20ns
3. Undershoot: -1.0 V in case of pulse width < 20ns
4. Overshoot and undershoot are sampled, not 100% tested
.
Parameter
Symbol
Min
Typ
Max
Unit
Supply voltage
VCC
1.65
1.8
2.2
V
Ground
VSS
00
0
V
Input high voltage
VIH
1.4
-
VCC + 0.3
2)
V
Input low voltage
VIL
-0.33)
-0.4
V
CAPACITANCE1) (f =1MHz, TA=25
oC)
1. Capacitance is sampled, not 100% tested
Item
Symbol
Test Condition
Min
Max
Unit
Input capacitance
CIN
VIN=0V
-8
pF
Input/Ouput capacitance
CIO
VIO=0V
-10
pF


Similar Part No. - EM716AFU8EW-85S

ManufacturerPart #DatasheetDescription
logo
Figaro Engineering Inc.
EM7160 FIGARO-EM7160 Datasheet
388Kb / 2P
   Evaluation Module
logo
Emerging Memory & Logic...
EM7160F32-45LF EMLSI-EM7160F32-45LF Datasheet
70Kb / 11P
   256K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM7160F32-45LL EMLSI-EM7160F32-45LL Datasheet
70Kb / 11P
   256K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM7160F32-85LF EMLSI-EM7160F32-85LF Datasheet
70Kb / 11P
   256K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM7160F32-85LL EMLSI-EM7160F32-85LL Datasheet
70Kb / 11P
   256K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
More results

Similar Description - EM716AFU8EW-85S

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EM641FP16 EMLSI-EM641FP16 Datasheet
72Kb / 11P
   256K x16 bit Low Power and Low Voltage Full CMOS Static RAM
EM640FV16FW EMLSI-EM640FV16FW Datasheet
81Kb / 11P
   256K x16 bit Low Power and Low Voltage Full CMOS Static RAM
logo
Samsung semiconductor
K6F4016R4E SAMSUNG-K6F4016R4E Datasheet
119Kb / 9P
   256K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
logo
Emerging Memory & Logic...
EM640FU16E EMLSI-EM640FU16E Datasheet
75Kb / 11P
   256K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM645FV16FU EMLSI-EM645FV16FU Datasheet
193Kb / 11P
   256K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM641FU16E EMLSI-EM641FU16E Datasheet
72Kb / 11P
   256K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM646FV16FU EMLSI-EM646FV16FU Datasheet
192Kb / 11P
   256K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM643FV16FU EMLSI-EM643FV16FU Datasheet
189Kb / 11P
   256K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM644FV16FU EMLSI-EM644FV16FU Datasheet
189Kb / 11P
   256K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM620FV16B EMLSI-EM620FV16B Datasheet
434Kb / 11P
   128K x16 bit Low Power and Low Voltage Full CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com