Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STB30NE06L Datasheet(PDF) 5 Page - STMicroelectronics

Part # STB30NE06L
Description  N - CHANNEL 60V - 0.35ohm - 30A - D2PAK STripFET] POWER MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB30NE06L Datasheet(HTML) 5 Page - STMicroelectronics

  STB30NE06L Datasheet HTML 1Page - STMicroelectronics STB30NE06L Datasheet HTML 2Page - STMicroelectronics STB30NE06L Datasheet HTML 3Page - STMicroelectronics STB30NE06L Datasheet HTML 4Page - STMicroelectronics STB30NE06L Datasheet HTML 5Page - STMicroelectronics STB30NE06L Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
4.4
4.6
0.173
0.181
A1
2.49
2.69
0.098
0.106
B
0.7
0.93
0.027
0.036
B2
1.14
1.7
0.044
0.067
C
0.45
0.6
0.017
0.023
C2
1.21
1.36
0.047
0.053
D
8.95
9.35
0.352
0.368
E
10
10.4
0.393
0.409
G
4.88
5.28
0.192
0.208
L
15
15.85
0.590
0.624
L2
1.27
1.4
0.050
0.055
L3
1.4
1.75
0.055
0.068
L2
L3
L
B2
B
G
E
A
C2
D
C
A1
DETAIL ”A”
DETAIL ”A”
P011P6/E
TO-263 (D
2PAK) MECHANICAL DATA
STB30NE06L
5/6


Similar Part No. - STB30NE06L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB30N10 STMICROELECTRONICS-STB30N10 Datasheet
43Kb / 5P
   N - CHANNEL 100V - 0.06ohm - 30A - D2PAK POWER MOS TRANSISTOR
STB30N65DM6AG STMICROELECTRONICS-STB30N65DM6AG Datasheet
399Kb / 15P
   Power MOSFET in a D짼PAK package
June 2021
STB30N65M2AG STMICROELECTRONICS-STB30N65M2AG Datasheet
1Mb / 15P
   Automotive-grade N-channel 650 V, 0.15 typ., 20 A MDmesh M2 Power MOSFET in a D²PAK package
December 2019 Rev 2
STB30N65M5 STMICROELECTRONICS-STB30N65M5 Datasheet
1Mb / 22P
   N-channel 650 V, 0.125 廓, 22 A, MDmesh??V Power MOSFET D짼PAK, TO-220FP, I짼PAK, TO-220, TO-247
September 2011 Rev 3
logo
Inchange Semiconductor ...
STB30N65M5 ISC-STB30N65M5 Datasheet
314Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - STB30NE06L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP36NF06L STMICROELECTRONICS-STP36NF06L Datasheet
436Kb / 14P
   N-channel 60V - 0.032ohm - 30A - TO-220 - D2PAK STripFET TM II Power MOSFET
CD00002847 STMICROELECTRONICS-CD00002847 Datasheet
405Kb / 13P
   N-channel 60V - 0.07ohm - 16A - D2PAK STripFET Power MOSFET
STB20NE06 STMICROELECTRONICS-STB20NE06 Datasheet
85Kb / 8P
   N - CHANNEL 60V - 0.06ohm - 20A D2PAK STripFET] POWER MOSFET
June 1999
STB45NF06 STMICROELECTRONICS-STB45NF06 Datasheet
112Kb / 6P
   N-CHANNEL 60V - 0.022ohm - 38A D2PAK STripFET??POWER MOSFET
STB60NF06 STMICROELECTRONICS-STB60NF06 Datasheet
425Kb / 9P
   N-CHANNEL 60V - 0.014ohm - 60A D2PAK STripFET??POWER MOSFET
STB60NE06L-16 STMICROELECTRONICS-STB60NE06L-16 Datasheet
85Kb / 8P
   N - CHANNEL 60V - 0.014ohm - 60A D2PAK STripFET POWER MOSFET
STB16NF06L STMICROELECTRONICS-STB16NF06L Datasheet
312Kb / 9P
   N-CHANNEL 60V - 0.07 ohm - 16A D2PAK STripFET??POWER MOSFET
STB16NF06LT4 STMICROELECTRONICS-STB16NF06LT4 Datasheet
405Kb / 13P
   N-channel 60V - 0.07廓 - 16A - D2PAK STripFET??Power MOSFET
STB16NF06L STMICROELECTRONICS-STB16NF06L_06 Datasheet
406Kb / 13P
   N-channel 60V - 0.07廓 - 16A - D2PAK STripFET??Power MOSFET
STD30NE06 STMICROELECTRONICS-STD30NE06 Datasheet
47Kb / 5P
   N - CHANNEL 60V - 0.025 ohm - 30A - DPAK STripFET POWER MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com