Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

125154U005AD1B Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # 125154U005AD1B
Description  The Pace-Setter for Long Life and High Temperature
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

125154U005AD1B Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  125154U005AD1B Datasheet HTML 1Page - List of Unclassifed Manufacturers 125154U005AD1B Datasheet HTML 2Page - List of Unclassifed Manufacturers 125154U005AD1B Datasheet HTML 3Page - List of Unclassifed Manufacturers 125154U005AD1B Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
Type 125 –55 ºC to +125 ºC, Ultra-High Temperature, Military Grade
Part Numbering System
125
333
U
7R5
AA
1
B
Type
Capacitance
Tolerance
Voltage
Case Code
Insulation
Terminal
100 = 10 µF
U = –10% +75% 6R3 = 6.3 Vdc See Ratings
0 = None
A = Low Post
101 = 100 µF
063 = 63 Vdc
Table
1 = Polyester B = High Post
100 = 100 Vdc
Typical Performance Curves
Impedance vs. Frequency - 14,000 µF 7.5 Vdc
Frequency (Hz)
Frequency (Hz)
100
10k
100k
1000
1M
10M
100
1000
10K
100K
1M
10M
0.001
0.01
0.1
1.0
10
0.001
0.01
0.1
1.0
10
Impedance vs. Frequency - 5700 µF 40 Vdc
Type 125 Operating Life in Kilohours vs. Ripple Current
0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1
1
Rated Ripple-Current Multiple
105 ºC
95 ºC
85 ºC
75 ºC
65 ºC
55 ºC
45 ºC
1.1 1.2 1.3 1.4 1.5
10
100
1000


Similar Part No. - 125154U005AD1B

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
125154U005AD1B CDE-125154U005AD1B Datasheet
277Kb / 4P
   Type 125 -55 쨘C to 125 쨘C, Ultra-High Temperature, Military Grade
125154U005AD1B CDE-125154U005AD1B Datasheet
178Kb / 5P
   Type 125 ??5 쨘C to 125 쨘C, Ultra-High Temperature, Military Grade
125154U005AD1B CDE-125154U005AD1B Datasheet
805Kb / 5P
   The Pace-Setter for Long Life and High Temperature
More results

Similar Description - 125154U005AD1B

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
125 CDE-125_17 Datasheet
805Kb / 5P
   The Pace-Setter for Long Life and High Temperature
logo
Illinois Capacitor, Inc...
TXK ILLINOISCAPACITOR-TXK Datasheet
221Kb / 2P
   High Temperature - High Voltage ??Long Life
logo
Surge Components
SPK2S471MND3545 SURGE-SPK2S471MND3545 Datasheet
363Kb / 2P
   Long life and high temperature, down size and high ripple current
logo
Dubilier
CEAJ10016TR DUBILIER-CEAJ10016TR Datasheet
160Kb / 2P
   AXIAL LONG LIFE HIGH TEMPERATURE CEAJ
logo
Illinois Capacitor, Inc...
KBM ILLINOISCAPACITOR-KBM Datasheet
179Kb / 2P
   Long Life - High temperature ??RoHS Compliant
logo
RUBYCON CORPORATION
JGV RUBYCON-JGV Datasheet
61Kb / 2P
   105oC Long Life, High Temperature Reflow Soldering.
logo
Illinois Capacitor, Inc...
KFM ILLINOISCAPACITOR-KFM Datasheet
201Kb / 4P
   High temperature - High voltage ??Long Life (10k Hrs)
logo
Cornell Dubilier Electr...
330 CDE-330_15 Datasheet
470Kb / 6P
   High Ripple and Ultra-Long Life
logo
CSB Battery Co., Ltd.
EVX12300 CSB-BATTERY-EVX12300_16 Datasheet
817Kb / 2P
   It has high cycling life, high and long service life.
EVH12240 CSB-BATTERY-EVH12240_16 Datasheet
629Kb / 2P
   It has high cycling life, high and long service life.
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com