Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

125233U6R3AK1B Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 125233U6R3AK1B
Description  The Pace-Setter for Long Life and High Temperature
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

125233U6R3AK1B Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  125233U6R3AK1B Datasheet HTML 1Page - List of Unclassifed Manufacturers 125233U6R3AK1B Datasheet HTML 2Page - List of Unclassifed Manufacturers 125233U6R3AK1B Datasheet HTML 3Page - List of Unclassifed Manufacturers 125233U6R3AK1B Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
Type 125 –55 ºC to +125 ºC, Ultra-High Temperature, Military Grade
The Pace-Setter for Long Life and High Temperature
Exceeding the requirements of military aluminum
electrolytic large can capacitors, the Type 125 performs
in the most demanding filter applications delivering
the longest life and the lowest leakage in low-voltage,
aluminum-electrolytic capacitors. It’s the choice for
output capacitors in high temperature and military
power supplies.
Highlights
Now 5000 hour load life
Ripple Current to 50 amps
ESRs to 4m
Ω
>90% capacitance at –40 ºC
Operates at +125 ºC
Specifications
Operating Temperature:
Rated Voltage:
Capacitance:
Capacitance Tolerance:
Leakage Current:
Cold Impedance:
Ripple Current Multipliers:
–55 ºC to +125 ºC
5 to 40 Vdc
2600 µF to 190,000 µF
–10 +75%
≤0.003 CV µA @ +25 ºC; ≤0.009 CV @ +125ºC
–55 ºC Multiple of +25 ºC Z ≤2
Ambient Temperature
+45 ºC +55 ºC +65 ºC +75 ºC +85 ºC 95 ºC
105 ºC
1.80
1.63
1.45
1.25
1.00 0.87
0.71
Frequency
50 Hz 60 Hz 120 Hz 360 Hz 1 kHz 5 kHz 10 kHz & Up
0.85
0.87
1.00
1.10
1.22 1.32
1.33
5,000 h at full load @ 85 ºC per EIA IS-749
∆ Capacitance ±20%
ESR 200% of limit
DCL 100% of limit
5,000 h at +125ºC and rated voltage
∆ Capacitance ±20%
ESR 200% of limit
DCL 100% of limit
500 h @ 105 VC, capacitance, ESR and DCL,
initial requirements
10 to 55 Hz, 0.06” and 10 g max, 1.5 h each of 2
axis
EIA Ripple Life:
Life Test:
Shelf Life:
Vibration:
Complies with the EU Directive
2 0 0 2 / 9 5 / E C r e q u i r e m e n t
restricting the use of Lead (Pb),
Mercury (Hg), Cadmium (Cd),
Hexavalent chromium (Cr(VI)),
PolyBrominated Biphenyls (PBB)
and PolyBrominated Diphenyl
Ethers (PBDE).


Similar Part No. - 125233U6R3AK1B

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
125233U6R3AK1B CDE-125233U6R3AK1B Datasheet
277Kb / 4P
   Type 125 -55 쨘C to 125 쨘C, Ultra-High Temperature, Military Grade
125233U6R3AK1B CDE-125233U6R3AK1B Datasheet
178Kb / 5P
   Type 125 ??5 쨘C to 125 쨘C, Ultra-High Temperature, Military Grade
125233U6R3AK1B CDE-125233U6R3AK1B Datasheet
805Kb / 5P
   The Pace-Setter for Long Life and High Temperature
More results

Similar Description - 125233U6R3AK1B

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
125 CDE-125_17 Datasheet
805Kb / 5P
   The Pace-Setter for Long Life and High Temperature
logo
Illinois Capacitor, Inc...
TXK ILLINOISCAPACITOR-TXK Datasheet
221Kb / 2P
   High Temperature - High Voltage ??Long Life
logo
Surge Components
SPK2S471MND3545 SURGE-SPK2S471MND3545 Datasheet
363Kb / 2P
   Long life and high temperature, down size and high ripple current
logo
Dubilier
CEAJ10016TR DUBILIER-CEAJ10016TR Datasheet
160Kb / 2P
   AXIAL LONG LIFE HIGH TEMPERATURE CEAJ
logo
Illinois Capacitor, Inc...
KBM ILLINOISCAPACITOR-KBM Datasheet
179Kb / 2P
   Long Life - High temperature ??RoHS Compliant
logo
RUBYCON CORPORATION
JGV RUBYCON-JGV Datasheet
61Kb / 2P
   105oC Long Life, High Temperature Reflow Soldering.
logo
Illinois Capacitor, Inc...
KFM ILLINOISCAPACITOR-KFM Datasheet
201Kb / 4P
   High temperature - High voltage ??Long Life (10k Hrs)
logo
Cornell Dubilier Electr...
330 CDE-330_15 Datasheet
470Kb / 6P
   High Ripple and Ultra-Long Life
logo
CSB Battery Co., Ltd.
EVX12300 CSB-BATTERY-EVX12300_16 Datasheet
817Kb / 2P
   It has high cycling life, high and long service life.
EVH12240 CSB-BATTERY-EVH12240_16 Datasheet
629Kb / 2P
   It has high cycling life, high and long service life.
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com