Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

301R223U6R3HS2 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 301R223U6R3HS2
Description  High Capacitance and Ultra-Low ESR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

301R223U6R3HS2 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  301R223U6R3HS2 Datasheet HTML 1Page - List of Unclassifed Manufacturers 301R223U6R3HS2 Datasheet HTML 2Page - List of Unclassifed Manufacturers 301R223U6R3HS2 Datasheet HTML 3Page - List of Unclassifed Manufacturers 301R223U6R3HS2 Datasheet HTML 4Page - List of Unclassifed Manufacturers 301R223U6R3HS2 Datasheet HTML 5Page - List of Unclassifed Manufacturers 301R223U6R3HS2 Datasheet HTML 6Page - List of Unclassifed Manufacturers 301R223U6R3HS2 Datasheet HTML 7Page - List of Unclassifed Manufacturers 301R223U6R3HS2 Datasheet HTML 8Page - List of Unclassifed Manufacturers 301R223U6R3HS2 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
CDM Cornell Dubilier
140 Technology Place Liberty, SC 29657 Phone: (864)843-2277 Fax: (864)843-3800 www.cde.com
Type 300/301 –55 ºC to 105 ºC Long-Life, Switching Power Grade Radial
Highlights
4000 hour load life
Ripple Current to 16 amps
ESRs to 6 m
> 90% capacitance at –40 °C
Replaces multiple capacitors
Specifications
Operating Temperature:
–55 °C to +105 °C
Rated Voltage:
6.3 to 250 Vdc
Capacitance:
8.2 µF to 33,000 µF
Capacitance Tolerance:
6.3 to 100 Vdc; –10 + 75%, 160 to 250 Vdc; –10 +50%
Leakage Current:
≤0.5 √CV µA, 4 mA max, 5 minutes
Cold Impedance:
–55 °C multiple of 25 °C Z ≤4 for 6.3 & 7.5 V,
3 for 10 to 50 V, 2 for > 50 V
Ambient Temperature
Ripple Current Multipliers:
45ºC
55ºC 65ºC
75ºC
85ºC
95ºC
105ºC
1.66
1.52
1.37
1.20
1.00
0.75
0.36
Frequency
The Types 300 and 301 are the wide-temperature, low-ESR capaci-
tors for power-supply outputs and UPS battery stiffening. The ex-
ceptionally low ESRs enable high ripple-current capability. With
series inductance of 12 to 16 n Hand ripple currents to 16 amps one
of these capacitors can save by replacing three or four of the 12.5
mm diameter capacitors routinely at the output of switching power
supplies. Type 300 has three leads for rugged, reverse-proof mount-
ing, and Type 301 has two leads. Types 300R and 301R deliver even
lower ESR and higher ripple.
High Capacitance and
Ultra-Low ESR
50 Hz 60 Hz 120 Hz 360 Hz 1 kHz 5 kHz 10 kHz & up
Less than .77” Diameter
6.3 & 7.5 V
0.76
0.81
1.00
1.23
1.35
1.41
1.43
10 to 40 V
0.74
0.79
1.00
1.29
1.46
1.55
1.57
50V
0.72
0.78
1.00
1.33
1.54
1.67
1.69
63 & 75 V
0.71
0.76
1.00
1.38
1.64
1.82
1.86
100 to 250 V
0.68
0.74
1.00
1.51
2.00
2.51
2.67
.77” Diameter
6.3 & 7.5 V
0.82
0.86
1.00
1.15
1.21
1.24
1.25
10 to 40 V
0.78
0.83
1.00
1.20
1.30
1.35
1.36
50V
0.76
0.81
1.00
1.25
1.38
1.45
1.47
63 & 75 V
0.74
0.80
1.00
1.28
1.43
1.52
1.54
100 to 250 V
0.76
0.81
1.00
1.24
1.37
1.44
1.46
.895” Diameter
6.3 & 7.5 V
0.82
0.86
1.00
1.14
1.20
1.23
1.24
10 to 40 V
0.80
0.84
1.00
1.17
1.25
1.29
1.30
50V
0.75
0.80
1.00
1.27
1.42
1.50
1.52
63 & 75 V
0.75
0.80
1.00
1.26
1.40
1.48
1.50
100 to 250 V
0.76
0.81
1.00
1.25
1.38
1.46
1.48
1.02” Diameter
6.3 & 7.5 V
0.84
0.88
1.00
1.12
1.17
1.19
1.20
10 to 40 V
0.81
0.86
1.00
1.15
1.22
1.25
1.26
50V
0.76
0.81
1.00
1.23
1.35
1.42
1.44
63 & 75 V
0.77
0.81
1.00
1.23
1.35
1.42
1.44
100 to 250 V
0.76
0.81
1.00
1.24
1.37
1.44
1.46


Similar Part No. - 301R223U6R3HS2

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
301R223U6R3HS2 CDE-301R223U6R3HS2 Datasheet
764Kb / 12P
   High Capacitance and Ultra-Low ESR
More results

Similar Description - 301R223U6R3HS2

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
300 CDE-300_17 Datasheet
764Kb / 12P
   High Capacitance and Ultra-Low ESR
325 CDE-325_15 Datasheet
1Mb / 5P
   High Temperature and Ultra-Low ESR
logo
Kemet Corporation
T530D477M2R5AH4097 KEMET-T530D477M2R5AH4097 Datasheet
106Kb / 2P
   High Capacitance/Ultra-Low ESR Tantalum Surface Mount Capacitor
logo
EPCOS
B37923K5100B060 EPCOS-B37923K5100B060 Datasheet
126Kb / 14P
   Ultra-low ESR and high Q factor
logo
Nichicon corporation
RR5 NICHICON-RR5 Datasheet
660Kb / 2P
   Ultra-low ESR
logo
Stackpole Electronics, ...
ESD SEI-ESD Datasheet
205Kb / 3P
   Low and Ultra Low Capacitance ESD Suppressor
12/12/2019
logo
Illinois Capacitor, Inc...
ALG ILLINOISCAPACITOR-ALG Datasheet
176Kb / 2P
   Highest capacitance & Voltage, Low ESR
logo
M/A-COM Technology Solu...
MADS-002545-1307 MA-COM-MADS-002545-1307_15 Datasheet
608Kb / 4P
   Ultra Low Parasitic Capacitance and Inductance
logo
Illinois Capacitor, Inc...
PHC ILLINOISCAPACITOR-PHC Datasheet
214Kb / 3P
   Metallized polypropylene ??Low self inductance ??High capacitance ??Low ESR
logo
Nichicon corporation
RE5 NICHICON-RE5 Datasheet
668Kb / 2P
   Ultra-low ESR, Low Profile
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com