Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7P801V330A042 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 7P801V330A042
Description  Photoflash, High-Energy, Long Life, Aluminum
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

7P801V330A042 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  7P801V330A042 Datasheet HTML 1Page - List of Unclassifed Manufacturers 7P801V330A042 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CDM Cornell Dubilier
140 Technology Place Liberty, SC 29657 Phone: (864)843-2277 Fax: (864)843-3800 www.cde.com
100,000 flash capability
1 joule per cc energy density
Specifications
Operating Temperature Range: –20 °C to +55 °C
Rated Voltage: 330 or 360 Vdc
Capacitance: 300 to 2700 µF –10% +20%
Leakage Current: 1 times C in µA maximum at 5 min.
Dissipation Factor (Tan
δ): 15% max. @ 25 °C & 120 Hz
Discharge Life: 100,000 minimum at 30 s interval
Capacitance ±10%
ESR 150% of limit
DCL 150% of limit
Shelf Life: 500 h @ +70 °C
Capacitance ±10%
ESR 150% of limit
DCL 150% of limit
Vibration: 10 to 55 Hz; 0.06” and 10 g max, 6 h vertical, 2 h. ea. 2 other planes
Outline Drawings
Type 7P 55 °C Photoflash, High-Energy, Long Life, Aluminum
High Energy, Long-Life
Snapmount or Solder-Lug Terminals
Rugged Type 7P capacitors can withstand more
than 100,000 full discharges in typical photoflash
applications—that’s more than ten times the life of
ordinary photoflash capacitors. And thanks to special,
high-energy anode foil, the Type 7P has industry-
leading energy densities of more than 1 joule per cc.
Highlights


Similar Part No. - 7P801V330A042

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
7P801V330A042 CDE-7P801V330A042 Datasheet
186Kb / 2P
   Type 7P 55 째C Photoflash, High-Energy, Long Life, Aluminum
7P801V330A042 CDE-7P801V330A042 Datasheet
303Kb / 3P
   High Energy, Long-Life, Snapmount or Solder-Lug Terminals
More results

Similar Description - 7P801V330A042

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
PF601V500AJ2B CDE-PF601V500AJ2B Datasheet
234Kb / 2P
   55 ?C Photoflash, High-Energy, Long Life, 500 V, Aluminum
7P301V330J032 CDE-7P301V330J032 Datasheet
186Kb / 2P
   Type 7P 55 째C Photoflash, High-Energy, Long Life, Aluminum
PF601V500AJ2B CDE-PF601V500AJ2B_13 Datasheet
232Kb / 3P
   High-Energy, Long Life, 500 V, Aluminum
SEK CDE-SEK_18 Datasheet
588Kb / 8P
   Long Life, Aluminum Electrolytic
7P301V330J032 CDE-7P301V330J032_13 Datasheet
303Kb / 3P
   High Energy, Long-Life, Snapmount or Solder-Lug Terminals
logo
Vishay Siliconix
151RLH VISHAY-151RLH_08 Datasheet
98Kb / 6P
   Aluminum Capacitors Radial Long-Life, High Voltage
Revision: 27-May-08
151RLH VISHAY-151RLH Datasheet
59Kb / 5P
   Aluminum Capacitors Radial Long-Life, High Voltage
Revision: 04-Nov-03
151RLH VISHAY-151RLH_12 Datasheet
100Kb / 7P
   Aluminum Capacitors Radial Long-Life, High Voltage
Revision: 31-Jul-12
116RLL VISHAY-116RLL_08 Datasheet
104Kb / 6P
   Aluminum Capacitors Radial Long Life
Revision: 14-Oct-08
116RLL VISHAY-116RLL_13 Datasheet
107Kb / 6P
   Aluminum Capacitors Radial Long Life
Revision: 26-Apr-13
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com