Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STP30NF10 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STP30NF10
Description  N-CHANNEL 100V - 0.038 ohm - 35A TO-220/TO-220FP/D2PAK LOW GATE CHARGE STripFET??II POWER MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP30NF10 Datasheet(HTML) 2 Page - STMicroelectronics

  STP30NF10 Datasheet HTML 1Page - STMicroelectronics STP30NF10 Datasheet HTML 2Page - STMicroelectronics STP30NF10 Datasheet HTML 3Page - STMicroelectronics STP30NF10 Datasheet HTML 4Page - STMicroelectronics STP30NF10 Datasheet HTML 5Page - STMicroelectronics STP30NF10 Datasheet HTML 6Page - STMicroelectronics STP30NF10 Datasheet HTML 7Page - STMicroelectronics STP30NF10 Datasheet HTML 8Page - STMicroelectronics STP30NF10 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
STB30NF10 STP30NF10 STP30NF10FP
2/11
THERMAL DATA
ELECTRICAL CHARACTERISTICS (Tcase = 25 °C unless otherwise specified)
OFF
ON (*)
DYNAMIC
D2PAK
TO-220
TO-220FP
Rthj-case
Thermal Resistance Junction-case
Max
1.30
5
°C/W
Rthj-amb
Tl
Thermal Resistance Junction-ambient
Maximum Lead Temperature For Soldering Purpose
Max
62.5
300
°C/W
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source
Breakdown Voltage
ID = 250 µA, VGS = 0
100
V
IDSS
Zero Gate Voltage
Drain Current (VGS = 0)
VDS = Max Rating
VDS = Max Rating TC = 125°C
1
10
µA
µA
IGSS
Gate-body Leakage
Current (VDS = 0)
VGS = ± 20 V
±100
nA
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VGS(th)
Gate Threshold Voltage
VDS = VGS
ID = 250 µA
23
4
V
RDS(on)
Static Drain-source On
Resistance
VGS = 10 V
ID = 15 A
0.038
0.045
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
gfs (*)
Forward Transconductance
VDS = 15 V
ID = 15 A
10
S
Ciss
Coss
Crss
Input Capacitance
Output Capacitance
Reverse Transfer
Capacitance
VDS = 25V, f = 1 MHz, VGS = 0
1180
180
80
pF
pF
pF


Similar Part No. - STP30NF10

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP30NF10 STMICROELECTRONICS-STP30NF10 Datasheet
510Kb / 16P
   N-channel 100V - 0.038廓 - 35A - D2PAK/TO-220/TO-220FP Low gate charge STripFET??II Power MOSFET
logo
Inchange Semiconductor ...
STP30NF10 ISC-STP30NF10 Datasheet
253Kb / 2P
   Isc N-Channel MOSFET Transistor
logo
VBsemi Electronics Co.,...
STP30NF10 VBSEMI-STP30NF10 Datasheet
949Kb / 7P
   N-Channel 100-V (D-S) MOSFET
logo
STMicroelectronics
STP30NF10FP STMICROELECTRONICS-STP30NF10FP Datasheet
510Kb / 16P
   N-channel 100V - 0.038廓 - 35A - D2PAK/TO-220/TO-220FP Low gate charge STripFET??II Power MOSFET
logo
Inchange Semiconductor ...
STP30NF10FP ISC-STP30NF10FP Datasheet
313Kb / 2P
   Isc N-Channel MOSFET Transistor
More results

Similar Description - STP30NF10

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB30NF10 STMICROELECTRONICS-STB30NF10_06 Datasheet
510Kb / 16P
   N-channel 100V - 0.038廓 - 35A - D2PAK/TO-220/TO-220FP Low gate charge STripFET??II Power MOSFET
STB14NF10 STMICROELECTRONICS-STB14NF10 Datasheet
464Kb / 11P
   N-CHANNEL 100V - 0.115 ohm - 15A TO-220/TO-220FP/D2PAK LOW GATE CHARGE STripFET??II POWER MOSFET
June 2002
STF40N20 STMICROELECTRONICS-STF40N20 Datasheet
507Kb / 18P
   N-channel 200V - 0.038 -40A- D2PAK/TO-220/TO-220FP/TO-247 Low gate charge STripFET Power MOSFET
STB14NF10 STMICROELECTRONICS-STB14NF10_07 Datasheet
516Kb / 16P
   N-channel 100V - 0.115廓 - 15A - D2PAK/TO-220/TO-220FP Low gate charge STripFET??II Power MOSFET
STP40N20 STMICROELECTRONICS-STP40N20 Datasheet
348Kb / 13P
   N-CHANNEL 200V - 0.038 OHM - 40A TO-220/TO-247/D2PAK LOW GATE CHARGE STripFET MOSFET
STP40NF20 STMICROELECTRONICS-STP40NF20 Datasheet
480Kb / 17P
   N-channel 200V - 0.038廓 -40A- D2PAK/TO-220/TO-220FP/TO-247 Low gate charge STripFET??Power MOSFET
STP40NF10 STMICROELECTRONICS-STP40NF10 Datasheet
479Kb / 11P
   N-CHANNEL 100V - 0.024ohm - 50A TO-220/D2PAK/I2PAK LOW GATE CHARGE STripFET??II POWER MOSFET
STB24NF10 STMICROELECTRONICS-STB24NF10_06 Datasheet
421Kb / 14P
   N-channel 100V - 0.0055OHM - 26A - TO-220 - D2PAK Low gate charge STripFET TM II Power MOSFET
STB35NF10 STMICROELECTRONICS-STB35NF10_06 Datasheet
427Kb / 14P
   N-channel 100V - 0.030廓 - 40A - D2PAK/TO-220 Low gate charge STripFET??II Power MOSFET
STB80NF10 STMICROELECTRONICS-STB80NF10 Datasheet
317Kb / 14P
   N-channel 100V - 0.012OHM - 80A - TO-220 / D2PAK Low gate charge STRIPFET TM II Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com