Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

167105M250A-F Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 167105M250A-F
Description  Radial Box Metallized Polyester Capacitors for Automatic Insertion
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

167105M250A-F Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  167105M250A-F Datasheet HTML 1Page - List of Unclassifed Manufacturers 167105M250A-F Datasheet HTML 2Page - List of Unclassifed Manufacturers 167105M250A-F Datasheet HTML 3Page - List of Unclassifed Manufacturers 167105M250A-F Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Type 167/184 Metallized Polyester Radial Lead Capacitors
Capacitor Outline Drawing
Test Method and Performance
L
T
Max
Max
H
Max
.217 ±.039
(5.5 ±1.0 mm)
S
Ø
d ±.002
±.015
(±0.05)
(±0.4 mm)
Lead length shown is as supplied on 167 Series
Insulation Resistance
Test Conditions
Temperature
25 ºC ±5 ºC
Voltage Charge Time
1 minute
Voltage Charge
50 Vdc for Vn < 100 Vdc
100 Vdc for Vn ≥ 100 Vdc
Performance
For Vn > 100 Vdc
≥30,000 MΩ (50,000 MΩ typical)
For Vn ≤100 Vdc
≥10,000 MΩ for C ≤ 0.1µF
≥1,000 MΩ x µF for > 0.1µF
Damp Heat Test
Test Conditions
Temperature
+40 ºC
Relative Humidity
95%
Test Duration
21 days
Performance
Capacitance Change ∆C/C ≤ ±5%
DF Change ∆tgδ
≤50 x 104 at 1 kHz
Insulation Resistance
≥ 50% of limit value
Life Test
Test Conditions
Temperature
+85 ºC
Test Duration
1000 hrs
Voltage Applied
1.25 x Vn
Performance
Capacitance Change ∆C/C ≤ ±5%
DF Change ∆tgδ
≤30 x 10–4 at 10 kHz
Insulation Resistance
≥ 50% of limit value
Soldering
Test Conditions
Soldering Temperature
260 ºC ±5 ºC
Soldering Duration
10 sec ±1 sec
Performance
Capacitance Change ∆C/C ≤ ±2%
DF Change ∆tgδ
≤30 x 10–4 at 10 kHz
Insulation Resistance
≥ limit value
Ratings
RoHS Compliant
Cap
(µF)
Catalog
Part Number
Tape & Reel
Ammo Pack
Inches
Millimeters
L
T
H
S
Ød
L
T
H
S
Ød
63 Vdc / 40 Vac
.068
167683*63A–F
184683*63#A>–F
0.413 0.138 0.276 0.295 0.024
10.5
3.5
7.0
7.5
0.6
.10
167104*63A–F
184104*63#A>–F
0.413 0.138 0.276 0.295 0.024
10.5
3.5
7.0
7.5
0.6
.15
167154*63A–F
184154*63#A>–F
0.413 0.138 0.276 0.295 0.024
10.5
3.5
7.0
7.5
0.6
.22
167224*63A–F
184224*63#A>–F
0.413 0.138 0.276 0.295 0.024
10.5
3.5
7.0
7.5
0.6
.27
167274*63A–F
184274*63#A>–F
0.413 0.138 0.276 0.295 0.024
10.5
3.5
7.0
7.5
0.6
.33
167334*63A–F
184334*63#A>–F
0.413 0.138 0.276 0.295 0.024
10.5
3.5
7.0
7.5
0.6
.47
167474*63B–F
184474*63#B>–F
0.413 0.157 0.354 0.295 0.024
10.5
4.0
9.0
7.5
0.6
.68
167684*63C–F
184684*63#C>–F
0.413 0.197 0.433 0.295 0.024
10.5
5.0
11.0
7.5
0.6
1.00
167105*63C–F
184105*63#C>–F
0.413 0.197 0.433 0.295 0.024
10.5
5.0
11.0
7.5
0.6
100 Vdc / 63 Vac
.033
167333*100A–F 184333*100#A>–F 0.413 0.138 0.276 0.295 0.024
10.5
3.5
7.0
7.5
0.6
.047
167473*100A–F 184473*100#A>–F 0.413 0.138 0.276 0.295 0.024
10.5
3.5
7.0
7.5
0.6
.068
167683*100A–F 184683*100#A>–F 0.413 0.138 0.276 0.295 0.024
10.5
3.5
7.0
7.5
0.6
.10
167104*100A–F 184104*100#A>–F 0.413 0.138 0.276 0.295 0.024
10.5
3.5
7.0
7.5
0.6
.12
167124*100B–F 184124*100#B>–F 0.413 0.157 0.354 0.295 0.024
10.5
4.0
9.0
7.5
0.6
.15
167154*100B–F 184154*100#B>–F 0.413 0.157 0.354 0.295 0.024
10.5
4.0
9.0
7.5
0.6
.22
167224*100C–F 184224*100#C>–F 0.413 0.197 0.433 0.295 0.024
10.5
5.0
11.0
7.5
0.6
.33
167334*100C–F 184334*100#C>–F 0.413 0.197 0.433 0.295 0.024
10.5
5.0
11.0
7.5
0.6
* Indicates capacitance tolerance: J = ±5%, K = ±10%, M = ±20%
# Indicates packaging type: R = Tape and Reel, A = Ammo Pack
> Indicates tooling code: A = 16.5 mm, B = 18.5 mm, C = 16.0 mm (See H dimension in taping specifications)
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com


Similar Part No. - 167105M250A-F

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
167105M63C-F CDE-167105M63C-F Datasheet
373Kb / 4P
   Type 167/184 Metallized Polyester Radial Lead Capacitors
More results

Similar Description - 167105M250A-F

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
160 CDE-160_17 Datasheet
442Kb / 6P
   Radial Box Metallized Polyester Capacitors
logo
List of Unclassifed Man...
16810450A-F ETC2-16810450A-F Datasheet
584Kb / 4P
   Metallized Polyester Radial Lead Capacitors
16022463C-F ETC2-16022463C-F Datasheet
779Kb / 5P
   Metallized Polyester Radial Lead Capacitors
171333160B-F ETC2-171333160B-F Datasheet
190Kb / 3P
   Radial Box Metallized Polypropylene Capacitors
logo
Cornell Dubilier Electr...
171 CDE-171 Datasheet
190Kb / 3P
   Radial Box Metallized Polypropylene Capacitors
DMMAAS47K-F CDE-DMMAAS47K-F Datasheet
184Kb / 2P
   Polyester Film Capacitors Metallized Radial Leads
DME1P56K-F CDE-DME1P56K-F Datasheet
210Kb / 4P
   Polyester Film Capacitors Metallized Radial Leads
logo
Illinois Capacitor, Inc...
103MSR400K ILLINOISCAPACITOR-103MSR400K_13 Datasheet
238Kb / 2P
   Radial leaded metallized polyester film capacitors
logo
Cornell Dubilier Electr...
DMM1P15K-F CDE-DMM1P15K-F Datasheet
205Kb / 2P
   Polyester Film Capacitors Metallized Radial Leads
DSF050J103 CDE-DSF050J103 Datasheet
119Kb / 2P
   Polyester Capacitors Stacked Metallized Radial Leads
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com