Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

057152U7R5GE2 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # 057152U7R5GE2
Description  Military Grade, Axial Leaded, Aluminum
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

057152U7R5GE2 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  057152U7R5GE2 Datasheet HTML 1Page - List of Unclassifed Manufacturers 057152U7R5GE2 Datasheet HTML 2Page - List of Unclassifed Manufacturers 057152U7R5GE2 Datasheet HTML 3Page - List of Unclassifed Manufacturers 057152U7R5GE2 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Type 057 105 °C Military Grade, Axial Leaded, Aluminum
Cap.
(µF )
Catalog Part
Number
ESR Max.Ω
120 Hz 20 kHz
Ripple A
@
85 °C
120Hz 20kHz
Nominal
Size (in)
D
x L
1800 057182U040GP2
0.084
0.029
3.2
4.7
1800 057182U040HL2
0.077
0.028
3.2
4.6
1800
057182U040JJ2
0.091
0.034
2.7
3.8
2200 057222U040GS2
0.069
0.025
3.9
5.5
2700 057272U040HP2
0.059
0.022
4.1
5.7
3/4 x 2 5/8
7/8 x 2 1/8
1 x 1 5/8
3/4 x 3 1/8
7/8 x 2 5/8
2700
057272U040JL2
0.060
0.023
3.9
5.2
3300 057332U040HS2
0.049
0.019
4.9
6.6
3300 057332U040JP2
0.046
0.019
4.9
6.4
4700 057472U040JS2
0.039
0.016
5.7
7.3
5600
057562U040JT2
0.034
0.015
6.5
8.1
1 x 2 1/8
7/8 x 3 1/8
1 x 2 5/8
1 x 3 1/8
1 x 3 5/8
50 Vdc (70 Vdc Surge)
220
057221U050FE2
0.620
0.160
0.7
1.3
330
057331U050GE2
0.410
0.113
0.9
1.6
390
057391U0S0FJ2
0.310
0.080
1.2
2.2
470
057471U050HE2
0.280
0.080
1.2
1.9
560
057561U050GJ2
0.210
0.057
1.5
2.6
5/8 x 1 1/8
3/4 x 1 1/8
5/8 x 1 5/8
7/8 x 1 1/8
3/4 x 1 5/8
680
057681U050FL2
0.200
0.054
1.8
3.1
820
057821U050FP2
0.150
0.041
2.3
3.9
1000 057102U050GL2
0.130
0.038
2.2
3.7
1000 057102U050HJ2
0.140
0.043
2.0
3.1
1200 057122U050GP2
0.100
0.029
2.9
4.6
5/8 x 2 1/8
5/8 x 2 5/8
3/4 x 2 1/8
7/8 x 1 5/8
3/4 x 2 5/8
1500 057152U050HL2
0.093
0.029
2.9
4.4
1500
057152U050JJ2
0.110
0.037
2.4
3.5
1800 057182U050GS2
0.081
0.025
3.5
5.4
2200
057222U050JL2
0.073
0.025
3.4
4.8
2200 057222U050HP2
0.071
0.023
3.7
5.5
7/8 x 2 1/8
1 x 1 5/8
3/4 x 3 1/8
1 x 2 1/8
7/8 x 2 5/8
2700 057272U050HS2
0.058
0.019
4.4
6.4
2700 057272U050JP2
0.056
0.020
4.4
6.0
3900 057392U050JS2
0.047
0.017
5.2
6.9
4700
057472U050JT2
0.041
0.016
5.9
7.7
7/8 x 3 1/8
1 x 2 5/8
1 x 3 1/8
1 x 3 5/8
100 Vdc (135 Vdc Surge)
47
057470U100FE2
1.300
0.400
0.5
0.8
82
057820U100GE2
0.850
0.260
0.6
1.0
100
057101U100FJ2
0.660
0.200
0.8
1.3
120
057121U100HE2
0.570
0.180
0.8
1.3
150
057151U100FL2
0.420
0.127
1.2
2.0
5/8 x 1 1/8
3/4 X 1 1/8
5/8 X 1 5/8
7/8 X 1 1/8
5/8 X 2 1/8
150
057151U100GJ2
0.430
0.133
1.1
1.7
220
057221U100FP2
0.310
0.093
1.6
2.5
270
057271U100GL2
0.280
0.087
1.6
2.4
270
057271U100HJ2
0.290
0.093
1.4
2.2
330
057331U100GP2
0.200
0.065
2.0
3.1
3/4 X 1 5/8
5/8 X 2 5/8
3/4 X 2 1/8
7/8 X 1 5/8
3/4 X 2 5/8
330
057331U100JJ2
0.210
0.073
1.8
2.6
390
057391U100HL2
0.190
0.060
2.1
3.1
470
057471U100GS2
0.160
0.053
2.5
3.8
560
057561U100HP2
0.140
0.045
2.7
4.0
1 X 1 5/8
7/8 X 2 1/8
3/4 X 3 1/8
7/8 X 2 5/8
Cap.
(µF )
Catalog Part
Number
ESR Max.Ω
120 Hz 20kHz
Ripple A
@
85 °C
120Hz 20kHz
Nominal
Size (in)
D
x L
560
057561U100JL2
0.140
0.047
2.5
3.7
680
057681U100HS2
0.110
0.037
3.3
4.7
680
057681U100JP2
0.100
0.037
3.3
4.6
1000 057102U100JS2
0.085
0.030
3.9
5.5
1200
057122U100JT2
0.072
0.027
4.6
6.3
1 X 2 1/8
7/8 x 3 1/8
1 x 2 5/8
1 x 3 1/8
1 x 3 5/8
200 Vdc (250 Vdc Surge)
18
05718OU200FE2
4.500
2.270
0.3
0.4
27
057270U200GE2
2.900
1.470
0.4
0.5
33
057330U200FJ2
2.200
1.130
0.5
0.6
39
057390U200HE2
1.900
0.933
0.5
0.6
56
057560U200FL2
1.400
0.733
0.7
0.9
5/8 x 1 1/8
3/4 x 1 1/8
5/8 x 1 5/8
7/8 x 1 1/8
5/8 x 2 1/8
56
057560U200GJ2
1.400
0.733
0.6
0.8
68
057680U200FP2
1.000
0.527
1.0
1.1
82
057820U200GL2
0.910
0.460
0.9
1.1
82
057820U200HJ2
0.940
0.473
0.9
1.0
120
057121U00GP2
0.670
0.340
1.2
1.5
3/4 x 1 5/8
5/8 x 2 5/8
3/4 x 2 1/8
7/8 x 1 5/8
3/4 x 2 5/8
120
057121U200HL2
0.600
0.307
1.2
1.5
120
057121U200JJ2
0.680
0.347
1.1
1.3
150
057151U200GS2
0.530
0.273
1.5
1.8
180
057181U200HP2
0.440
0.227
1.6
1.9
180
057181U200JL2
0.430
0.220
1.6
1.9
7/8 x 2 1/8
1 x 1 5/8
3/4 x 3 1/8
7/8 x 2 5/8
1 x 2 1/8
220
057221U200HS2
0.350
0.180
2.0
2.4
270
057271U200JP2
0.320
0.167
2.0
2.4
330
057331U200JS2
0.260
0.133
2.5
2.9
390
057391U200JT2
0.210
0.107
2.9
3.4
7/8 x 3 1/8
1 x 2 5/8
1 x 3 1/8
1 x 3 5/8
250 Vdc (300 Vdc Surge)
12
057120U250FE2
5.200
2.330
0.3
0.3
22
057220U250GE2
3.300
1.530
0.3
0.4
27
057270U250FJ2
2.600
1.200
0.5
0.6
33
057330U250HE2
2.200
1.000
0.5
0.6
39
057390U250FL2
1.700
0.733
0.7
0.9
5/8 x 1 1/8
3/4 x 1 1/8
5/8 x 1 5/8
7/8 x 1 1/8
5/8 x 2 1/8
39
057390U250GJ2
1.700
0.733
0.6
0.7
56
057560U250FP2
1.200
0.553
0.9
1.1
68
057680U250GL2
1.100
0.487
0.8
1.1
68
057680U250HJ2
1.100
0.500
0.8
1.0
82
057820U250GP2
0.790
0.353
1.1
1.4
3/4 x 1 5/8
5/8 x 2 5/8
3/4 x 2 1/8
7/8 x 1 5/8
3/4 x 2 5/8
82
057820U250JJ2
0.790
0.360
1.0
1.2
100
057101U250HL2
0.700
0.320
1.1
1.4
120
057121U250GS2
0.620
0.280
1.4
1.7
150
057151U250HP2
0.520
0.233
1.5
1.9
150
057151U250JL2
0.510
0.233
1.4
1.8
1 x 1 5/8
7/8 x 2 1/8
3/4 x 3 1/8
7/8 x 2 5/8
1 x 2 1/8
180
057181U250HS2
0.410
0.187
1.8
2.3
180
057181U250JP2
0.370
0.173
1.9
2.3
220
057221U250JS2
0.300
0.140
2.3
2.8
270
057271U250JT2
0.250
0.113
2.7
3.3
7/8 x 3 1/8
1 x 2 5/8
1 x 3 1/8
1 x 3 5/8
CDM Cornell Dubilier • 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800 • www.cde.com


Similar Part No. - 057152U7R5GE2

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
057152U7R5GE2 CDE-057152U7R5GE2 Datasheet
175Kb / 4P
   Type 057 105 째C Military Grade, Axial Leaded, Aluminum
More results

Similar Description - 057152U7R5GE2

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
057152U6R3FE2 CDE-057152U6R3FE2 Datasheet
175Kb / 4P
   Type 057 105 째C Military Grade, Axial Leaded, Aluminum
logo
List of Unclassifed Man...
WBR100-16A ETC2-WBR100-16A Datasheet
163Kb / 2P
   Industrial Grade, Axial Leaded, Aluminum
logo
Cornell Dubilier Electr...
556 CDE-556 Datasheet
81Kb / 5P
   Computer Grade, Axial Leaded, Aluminum
WBR100-16A CDE-WBR100-16A Datasheet
163Kb / 2P
   Industrial Grade, Axial Leaded, Aluminum
logo
STATEK CORPORATION
LHGAT STATEK-LHGAT Datasheet
209Kb / 2P
   Leaded Military Grade/High Shock
logo
List of Unclassifed Man...
066182U6R3FE2 ETC2-066182U6R3FE2 Datasheet
75Kb / 6P
   Standard, Axial Leaded, Aluminum
logo
Cornell Dubilier Electr...
SKA470M6R3 CDE-SKA470M6R3 Datasheet
387Kb / 3P
   Axial Leaded Aluminum Electrolytic Capacitors
TC1530 CDE-TC1530 Datasheet
152Kb / 2P
   Axial Leaded Aluminum Electrolytic Capacitors
TCG252U010L1C CDE-TCG252U010L1C Datasheet
167Kb / 3P
   Axial Leaded Aluminum Electrolytic Capacitors
TCX103U010L3C CDE-TCX103U010L3C Datasheet
210Kb / 2P
   105 쨘C, Axial Leaded Aluminum Electrolytic Capacitors Extended Life Computer Grade Capacitor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com