Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM621FS8BU-70LF Datasheet(PDF) 8 Page - Emerging Memory & Logic Solutions Inc

Part # EM621FS8BU-70LF
Description  512K x8 bit Low Power Full CMOS Static RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMLSI [Emerging Memory & Logic Solutions Inc]
Direct Link  http://www.emlsi.com
Logo EMLSI - Emerging Memory & Logic Solutions Inc

EM621FS8BU-70LF Datasheet(HTML) 8 Page - Emerging Memory & Logic Solutions Inc

Back Button EM621FS8BU-70LF Datasheet HTML 2Page - Emerging Memory & Logic Solutions Inc EM621FS8BU-70LF Datasheet HTML 3Page - Emerging Memory & Logic Solutions Inc EM621FS8BU-70LF Datasheet HTML 4Page - Emerging Memory & Logic Solutions Inc EM621FS8BU-70LF Datasheet HTML 5Page - Emerging Memory & Logic Solutions Inc EM621FS8BU-70LF Datasheet HTML 6Page - Emerging Memory & Logic Solutions Inc EM621FS8BU-70LF Datasheet HTML 7Page - Emerging Memory & Logic Solutions Inc EM621FS8BU-70LF Datasheet HTML 8Page - Emerging Memory & Logic Solutions Inc EM621FS8BU-70LF Datasheet HTML 9Page - Emerging Memory & Logic Solutions Inc EM621FS8BU-70LF Datasheet HTML 10Page - Emerging Memory & Logic Solutions Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
EM641FT8
Low Power, 512Kx8 SRAM
8
tWC
Address
CS
WE
Data in
Data out
tCW2)
tWR4)
tAW
tWP1)
tDW
tDH
TIMING WAVEFORM OF WRITE CYCLE(3) (WE Controlled, OE LOW)
Data Valid
NOTES (WRITE CYCLE)
1. A write occurs during the overlap(tWP) of low CS and low WE. A write begins at the latest transition among
CS goes low and WE goes low. A write ends at the earliest transition when CS goes high and WE goes high.
The tWP is measured from the beginning of write to the end of write.
2. tCW is measured from the CS going low to end of write.
3. tAS is measured from the address valid to the beginning of write.
4. tWR is measured from the end of write to the address change. tWR applied in case a write ends as CS
or WE going high.
tAS3)
Data Undefined
tWHZ
High-Z
High-Z


Similar Part No. - EM621FS8BU-70LF

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EM621FS8BU-10L EMLSI-EM621FS8BU-10L Datasheet
475Kb / 11P
   512K x8 bit Low Power Full CMOS Static RAM
EM621FS8BU-10LF EMLSI-EM621FS8BU-10LF Datasheet
475Kb / 11P
   512K x8 bit Low Power Full CMOS Static RAM
EM621FS8BU-45L EMLSI-EM621FS8BU-45L Datasheet
475Kb / 11P
   512K x8 bit Low Power Full CMOS Static RAM
EM621FS8BU-45LF EMLSI-EM621FS8BU-45LF Datasheet
475Kb / 11P
   512K x8 bit Low Power Full CMOS Static RAM
More results

Similar Description - EM621FS8BU-70LF

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EM641FT8V EMLSI-EM641FT8V Datasheet
435Kb / 11P
   512K x8 bit Low Power Full CMOS Static RAM
EM641FT8T EMLSI-EM641FT8T Datasheet
475Kb / 11P
   512K x8 bit Low Power Full CMOS Static RAM
EM641FT8S EMLSI-EM641FT8S Datasheet
863Kb / 11P
   512K x8 bit Low Power Full CMOS Static RAM
EM641FV8FS EMLSI-EM641FV8FS Datasheet
62Kb / 10P
   512K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM640FU8E EMLSI-EM640FU8E Datasheet
71Kb / 11P
   512K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM641FV8FT EMLSI-EM641FV8FT Datasheet
183Kb / 10P
   512K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM640FP8 EMLSI-EM640FP8 Datasheet
71Kb / 11P
   512K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM620FV8BS EMLSI-EM620FV8BS Datasheet
433Kb / 11P
   256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
EM620FV8B EMLSI-EM620FV8B Datasheet
427Kb / 11P
   256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
EM620FU8B EMLSI-EM620FU8B Datasheet
391Kb / 10P
   256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com