Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

171222630C-F Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 171222630C-F
Description  Radial Box Metallized Polypropylene Capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

171222630C-F Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  171222630C-F Datasheet HTML 1Page - List of Unclassifed Manufacturers 171222630C-F Datasheet HTML 2Page - List of Unclassifed Manufacturers 171222630C-F Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
Type 171 Radial Leaded Metallized Polypropylene
Radial Box Metallized Polypropylene Capacitors
Type 171 radial leaded, box, metallized polypropylene
capacitors are available in five pitch sizes and have a
flame retardant case and epoxy encapsulant that meets
UL94V-0. The Type 171 is an excellent choice for
applications requiring low dielectric losses, high in-
sulation resistance in an AC or DC environment. The
polypropylene direlectric gives this capacitor excellent
pulse rise time (dv/dt) performance.
Highlights
High dv/dt
Low leakage
Radial leaded (7.5, 10, 15, 22.5, 27.5 mm pitch)
Flame retardant case and encapsulant meets
UL94V-0
Non-inductively wound
Specifications
Capacitance Range:
Voltage Range:
Capacitance Tolerance:
Operating Temperature Range:
Dielectric Withstand Voltage:
Dissipation Factor (DF):
0.0022 to 3.3 µF
160 to 630 Vdc (90 to 250 Vac, 60 Hz)
±5%, ±10%, ±20%
–55 ºC to +105 ºC (derate linearly to 50% rated
voltage from 85 ºC to 105 ºC)
1.6 x rated voltage for 2 s @ +25 ºC ±5 ºC
tgδ x 10–4 at +25 ºC ±5 ºC
kHz
C ≤0.1 µF 0.1 µF <C ≤1 µF
C >1 µF
1
≤6
≤6
≤6
10
≤10
≤20
100
≤30
Insulation Resistance:
Self Inductance:
Life Test:
Damp Heat Test:
Soldering:
Long Term Storage Stability:
Maximum Pulse Rise Time dv/dt (V/µ):
100,000 MΩ x µF, 200,000 MΩ Min.
2 mm lead length - total self inductance
Lead Spacing (
Pitch)
Vn
7.5
10
15
22.5
27.5
160
5.5
4
2
1.5
1
250
15
11
7
4
3
400
35
20
10
5.5
5
630
55
30
15
8
7
If the working voltage (V) is less than the nominal voltage (Vn), the capaci-
tor can work at higher dv/dt . In this case, the maximum value allowed
is obtained by multiplying the above value (See table dv/dt) with the ratio
Vn/V
2000 hrs @ 85 ºC 1.25 x Vn
95% RH @ +40 ºC for 56 days
260 ºC ±5 ºC for 10 s ±1 s
ΔC/C ≤ ±0.5% after 2 years
Pitch (mm) 7.5 10 15 22.5 27.5
L (nH) ≈
8
9
10
18
18
RoHS Compliant


Similar Part No. - 171222630C-F

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
171222J630B-F CDE-171222J630B-F Datasheet
190Kb / 3P
   Radial Box Metallized Polypropylene Capacitors
171222J630C-F CDE-171222J630C-F Datasheet
190Kb / 3P
   Radial Box Metallized Polypropylene Capacitors
171222K630B-F CDE-171222K630B-F Datasheet
190Kb / 3P
   Radial Box Metallized Polypropylene Capacitors
171222K630C-F CDE-171222K630C-F Datasheet
190Kb / 3P
   Radial Box Metallized Polypropylene Capacitors
171222M630B-F CDE-171222M630B-F Datasheet
190Kb / 3P
   Radial Box Metallized Polypropylene Capacitors
More results

Similar Description - 171222630C-F

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
171 CDE-171 Datasheet
190Kb / 3P
   Radial Box Metallized Polypropylene Capacitors
160 CDE-160_17 Datasheet
442Kb / 6P
   Radial Box Metallized Polyester Capacitors
logo
List of Unclassifed Man...
MPXM-275104K10F ETC2-MPXM-275104K10F Datasheet
186Kb / 2P
   METALLIZED POLYPROPYLENE RADIAL BOX, X2 TYPE, REDUCED SIZE
logo
Illinois Capacitor, Inc...
103MPR400K ILLINOISCAPACITOR-103MPR400K_13 Datasheet
200Kb / 2P
   Radial leaded metallized polypropylene film capacitors
755DCB112K2J ILLINOISCAPACITOR-755DCB112K2J Datasheet
373Kb / 3P
   Radial Leaded Metallized Polypropylene Film Capacitors
472PSB302K2G ILLINOISCAPACITOR-472PSB302K2G_13 Datasheet
806Kb / 7P
   Radial leaded metallized polypropylene film capacitors
472MKP275K ILLINOISCAPACITOR-472MKP275K Datasheet
399Kb / 3P
   Class X2 Radial Lead Metallized Polypropylene Capacitors
logo
Vishay Siliconix
MKP416 VISHAY-MKP416 Datasheet
346Kb / 12P
   Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Revision: 21-Nov-05
logo
Illinois Capacitor, Inc...
103MPR400K ILLINOISCAPACITOR-103MPR400K Datasheet
378Kb / 2P
   105째C Metallized Polypropylene Epoxy Dipped Radial Lead Capacitors
logo
TDK Electronics
B32692 TDK-B32692_16 Datasheet
508Kb / 45P
   Metallized Polypropylene Capacitors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com