Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

158X334K Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 158X334K
Description  Suppressor Capacitors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

158X334K Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  158X334K Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
158X Series Type X2 Suppressor Capacitors
Metallized Polyester / Radial Leads
Radial Leads
in Two Lengths
UL-1414 and CSA Approved
Flame Retardant Case
Meets UL94V-0
Potting End Fill
Meets UL94V-0
Used in applications where
damage to the capacitor will
not lead to the danger of
electrical shock
Lead Material
Tinned Copper Clad Steel
GENERAL
SPECIFICATIONS
.
Operating Temperature:
-40 °C to +100 °C
Voltage Range:
275/250 VAC, 60 Hz
Capacitance Range:
0.01 µF to 2.2 µF
Capacitance Tolerance:
±20% (Standard)
±10% (Special)
Dissipation Factor (DF)
tg
δ 0.01 Max at 1,000 ± 100kHz
Insulation Resistance (IR)
(@ 500 VDC and 20 °C)
Terminal to Terminal:
0.33µF
15,000 M
min
0.47µF
5,000 M
x µF min
Both Terminals to Body:
100,000 M
min
Maximum Pulse Rise Time
µF
V/µs
µF
V/µs
.010
2800
0.22
1200
.022
2400
0.47
1000
.033
2400
0.68
1000
.047
2000
1.00
800
.068
2000
1.50
800
.100
1600
2.20
600
Safety Agency
Standard
File Number
UL
UL-1414 (250VAC)
E171988
UL
UL-1283 (250VAC)
E223166
CSA
C22 2, No. 1-98/No.8 (250VAC)
1572961
VDE
IEC384-14 II
EN 132400
109365
SEMKO
IEC384-14 II
EN 132400
9817262
FIMKO
IEC384-14 II
EN 132400
11141
DEMKO
IEC384-14 II
EN 132400
9817262
NEMKO
IEC384-14 II
EN 132400
P98101124
International Approvals
Outline Dimensions
Ratings
RoHS Compliant
Catalog
Part Number
Cap
(µF)
L
Length
T
Thickness
Inches
H
Height
S
Spacing
Ød
L
Length
T
Thickness
Millimeters
H
Height
S
Spacing
Ød
158X103
0.010
0.669
0.197
0.472
0.591
0.024
17.0
5.0
12.0
15.0
0.6
158X123
0.012
0.669
0.197
0.472
0.591
0.024
17.0
5.0
12.0
15.0
0.6
158X153
0.015
0.669
0.197
0.472
0.591
0.024
17.0
5.0
12.0
15.0
0.6
158X183
0.018
0.669
0.197
0.472
0.591
0.024
17.0
5.0
12.0
15.0
0.6
158X223
0.022
0.669
0.197
0.472
0.591
0.024
17.0
5.0
12.0
15.0
0.6
158X273
0.027
0.669
0.197
0.472
0.591
0.024
17.0
5.0
12.0
15.0
0.6
158X333
0.033
0.669
0.197
0.472
0.591
0.024
17.0
5.0
12.0
15.0
0.6
158X393
0.039
0.669
0.217
0.492
0.591
0.031
17.0
5.5
12.5
15.0
0.8
158X473
0.047
0.669
0.217
0.492
0.591
0.031
17.0
5.5
12.5
15.0
0.8
158X563
0.056
0.669
0.256
0.531
0.591
0.031
17.0
6.5
13.5
15.0
0.8
158X683
0.068
0.669
0.256
0.531
0.591
0.031
17.0
6.5
13.5
15.0
0.8
158X823
0.082
0.669
0.256
0.591
0.591
0.031
17.0
6.5
15.0
15.0
0.8
158X104
0.100
0.669
0.315
0.591
0.591
0.031
17.0
8.0
15.0
15.0
0.8
158X124
0.120
0.984
0.256
0.630
0.886
0.031
25.0
6.5
16.0
22.5
0.8
158X154
0.150
0.984
0.256
0.630
0.886
0.031
25.0
6.5
16.0
22.5
0.8
158X184
0.180
0.984
0.315
0.689
0.886
0.031
25.0
8.0
17.5
22.5
0.8
158X224
0.220
0.984
0.315
0.689
0.886
0.031
25.0
8.0
17.5
22.5
0.8
158X274
0.270
1.181
0.354
0.669
1.083
0.031
30.0
9.0
17.0
27.5
0.8
158X334
0.330
0.984
0.394
0.768
0.886
0.031
25.0
10.0
19.5
22.5
0.8
158X394
0.390
1.181
0.433
0.866
1.083
0.031
30.0
11.0
22.0
27.5
0.8
158X474
0.470
1.181
0.433
0.866
1.083
0.031
30.0
11.0
22.0
27.5
0.8
158X564
0.560
1.181
0.531
0.965
1.083
0.031
30.0
13.5
24.5
27.5
0.8
158X684
0.680
1.181
0.531
0.965
1.083
0.031
30.0
13.5
24.5
27.5
0.8
158X824
0.820
1.201
0.630
1.102
1.083
0.039
30.5
16.0
28.0
27.5
1.0
158X105
1.000
1.201
0.591
0.965
1.083
0.039
30.5
15.0
24.5
27.5
1.0
158X125
1.200
1.614
0.610
1.102
1.476
0.039
41.0
15.5
28.0
37.5
1.0
158X155
1.500
1.614
0.610
1.102
1.476
0.039
41.0
15.5
28.0
37.5
1.0
158X185
1.800
1.614
0.689
1.280
1.476
0.039
41.0
17.5
32.5
37.5
1.0
158X225
2.200
1.614
0.689
1.280
1.476
0.039
41.0
17.5
32.5
37.5
1.0
NOTE: If ±10% tolerance is required, add 'K' to end of Catalog Number
NOTE: Parts are normally supplied with leads 30mm minimum
To order short leads, 3.5mm minimum length, add 'S' to end of Catalog Part Number.
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com


Similar Part No. - 158X334K

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
158X334 CDE-158X334 Datasheet
254Kb / 1P
   158X Series Type X2 Suppressor Capacitors
158X334 CDE-158X334 Datasheet
253Kb / 2P
   Metallized Polyester
More results

Similar Description - 158X334K

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
158X103 CDE-158X103 Datasheet
254Kb / 1P
   158X Series Type X2 Suppressor Capacitors
M60UR68M25-F CDE-M60UR68M25-F Datasheet
165Kb / 1P
   Y5U Multilayer Ceramic Capacitors Radial Leaded Noise Suppressor
logo
Panasonic Semiconductor
EZA-EG2A50AX PANASONIC-EZA-EG2A50AX Datasheet
94Kb / 2P
   ESD Suppressor
logo
Eaton All Rights Reserv...
0603ESDA2-TR2 EATON-0603ESDA2-TR2 Datasheet
494Kb / 3P
   ESD suppressor
logo
Moda-InnoChips Co., Ltd...
ULCE1005A015FR ICT-ULCE1005A015FR Datasheet
90Kb / 5P
   ESD Suppressor
logo
RFE international
Y2X1 RFE-Y2X1 Datasheet
4Mb / 4P
   Y2/X1 AC Film Capacitors Y2X1 Series: Interference Suppressor, 300Vac
26-JUN-2023
logo
Solid States Devices, I...
T00003 SSDI-T00003_15 Datasheet
148Kb / 2P
   VOLTAGE SUPPRESSOR
logo
List of Unclassifed Man...
DILM12-XSPR240 ETC2-DILM12-XSPR240 Datasheet
140Kb / 2P
   RC-suppressor
logo
Moda-InnoChips Co., Ltd...
ULCE0505C015FR ICT-ULCE0505C015FR Datasheet
90Kb / 5P
   ESD Suppressor
logo
Eaton All Rights Reserv...
0603ESDA-TR1 EATON-0603ESDA-TR1 Datasheet
783Kb / 3P
   ESD suppressor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com