Electronic Components Datasheet Search |
|
EM6321FV8BW-12LF Datasheet(PDF) 5 Page - Emerging Memory & Logic Solutions Inc |
|
EM6321FV8BW-12LF Datasheet(HTML) 5 Page - Emerging Memory & Logic Solutions Inc |
5 / 11 page EM681FU16 Series Low Power, 512Kx16 SRAM 5 merging Memory & Logic Solutions Inc. merging Memory & Logic Solutions Inc. Parameter Symbol 55ns 70ns Unit Min Max Min Max Read cycle time tRC 55 - 70 - ns Address access time tAA - 55 - 70 ns Chip select to output tCO - 55 - 70 ns Output enable to valid output tOE - 30 - 35 ns UB, LB acess time tBA 55 70 ns Chip select to low-Z output tLZ 5 - 5 - ns UB, LB enable to low-Z output tBLZ 10 - 10 - ns Output enable to low-Z output tOLZ 5 - 5 - ns Chip disable to high-Z output tHZ 0 20 0 25 ns UB, LB disable to high-Z output tBHZ 0 20 0 25 ns Output disable to high-Z output tOHZ 0 20 0 25 ns Output hold from address change tOH 10 - 10 - ns Parameter Symbol 55ns 70ns Unit Min Max Min Max Write cycle time tWC 55 - 70 - ns Chip select to end of write tCW 45 - 60 - ns Address setup time tAS 0 - 0 - ns Address valid to end of write tAW 45 - 60 - ns UB, LB valid to end of write tBW 45 - 60 - ns Write pulse width tWP 45 - 55 - ns Write recovery time tWR 0 - 0 - ns Write to ouput high-Z tWHZ 0 20 0 25 ns Data to write time overlap tDW 30 30 ns Data hold from write time tDH 0 - 0 - ns End write to output low-Z tOW 5 - 5 - ns READ CYCLE (Vcc =2.7 to 3.3V, Gnd = 0V, TA = -40 oC to +85oC) WRITE CYCLE (Vcc =2.7 to 3.3V, Gnd = 0V, TA = -40 oC to +85oC) AC OPERATING CONDITIONS Test Conditions (Test Load and Test Input/Output Reference) Input Pulse Level : 0.4 to 2.2V Input Rise and Fall Time : 5ns Input and Output reference Voltage : 1.5V Output Load (See right) : CL = 100pF+ 1 TTL CL1) = 30pF + 1 TTL 1. Including scope and Jig capacitance 2. R1=3070Ω, R2=3150Ω 3. VTM=2.8V CL 1) VTM 3) R1 2) R2 2) |
Similar Part No. - EM6321FV8BW-12LF |
|
Similar Description - EM6321FV8BW-12LF |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |