Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WBR2-50A Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # WBR2-50A
Description  Industrial Grade, Axial Leaded, Aluminum
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

WBR2-50A Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  WBR2-50A Datasheet HTML 1Page - List of Unclassifed Manufacturers WBR2-50A Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Type WBR 85 ºC, Industrial Grade, Axial Leaded, Aluminum
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
85 ºC, Industrial Grade
Type WBR capacitors are the preferred choice for
many varied industrial applications because they have
high capacitance and extended life characteristics. The
rugged construction delivers the high vibration resis-
tance required in industrial applications
High capacitance
Extended life
Rugged construction
High vibration resistance
Highlights
Specifications
Capacitance Range:
Voltage Range:
Capacitance Tolerance:
Operating Temperature Range:
Leakage Current:
Ripple Current Multipliers:
1.0 to 5,000 µF
16 to 450 Vdc
16 to 50 Vdc -10 + 150%, 75 to 350 Vdc
–10 + 100%, 450 Vdc –10 + 50%
–40 ºC +85ºC
16-75 Vdc ≤ 0.01CV + 10 µA
150-450 Vdc ≤ 0.03CV + 20 µ
A
45 ºC 55 ºC 65 ºC
75 ºC 85 ºC
95 ºC 105 ºC
1.50
1.46
1.32
1.17
1.00
0.79
0.50
Ambient Temperature
Frequency
60 Hz 120 Hz 400 Hz 1000 Hz 10 kHz 50 kHz 100 kHz
0-60 Vdc
0.85
1.00
1.10
1.15
1.15
1.15
1.15
61-200 Vdc
0.83
1.00
1.15
1.20
1.20
1.20
1.20
201-450 Vdc 0.80
1.00
1.15
1.30
1.30
1.30
1.30
Load Life:
Shelf Life:
Vibration:
2,000 h @ +85 ºC
∆ Capacitance ±20%
∆ ESR 150% of limit
∆ DCL 100% of limit
500 h @ 85 ºC
∆ Capacitance ±20%
∆ ESR 150% of limit
∆ DCL 100% of limit
10 to 55 Hz; 0.06” and 10 g max, 2 h in each plane
Outline Drawing
Complies with the EU Directive
2002/95/EC requirement restricting
the use of Lead (Pb), Mercury (Hg),
Cadmium (Cd), Hexavalent chromium
(Cr(VI)), PolyBrominated Biphenyls
(PBB) and PolyBrominated Diphenyl
Ethers (PBDE).


Similar Part No. - WBR2-50A

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
WBR2-50A CDE-WBR2-50A Datasheet
163Kb / 2P
   Industrial Grade, Axial Leaded, Aluminum
WBR2-50A CDE-WBR2-50A Datasheet
253Kb / 3P
   High vibration resistance
More results

Similar Description - WBR2-50A

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
WBR100-16A CDE-WBR100-16A Datasheet
163Kb / 2P
   Industrial Grade, Axial Leaded, Aluminum
556 CDE-556 Datasheet
81Kb / 5P
   Computer Grade, Axial Leaded, Aluminum
logo
List of Unclassifed Man...
057152U6R3FE2 ETC2-057152U6R3FE2 Datasheet
175Kb / 4P
   Military Grade, Axial Leaded, Aluminum
logo
Cornell Dubilier Electr...
057152U6R3FE2 CDE-057152U6R3FE2 Datasheet
175Kb / 4P
   Type 057 105 째C Military Grade, Axial Leaded, Aluminum
logo
Ohmite Mfg. Co.
HS100F1R0E OHMITE-HS100F1R0E Datasheet
210Kb / 2P
   Aluminum Housed Axial Terminal Wirewound, Industrial/Commercial Grade
logo
List of Unclassifed Man...
066182U6R3FE2 ETC2-066182U6R3FE2 Datasheet
75Kb / 6P
   Standard, Axial Leaded, Aluminum
logo
Cornell Dubilier Electr...
SKA470M6R3 CDE-SKA470M6R3 Datasheet
387Kb / 3P
   Axial Leaded Aluminum Electrolytic Capacitors
TC1530 CDE-TC1530 Datasheet
152Kb / 2P
   Axial Leaded Aluminum Electrolytic Capacitors
TCG252U010L1C CDE-TCG252U010L1C Datasheet
167Kb / 3P
   Axial Leaded Aluminum Electrolytic Capacitors
TCX103U010L3C CDE-TCX103U010L3C Datasheet
210Kb / 2P
   105 쨘C, Axial Leaded Aluminum Electrolytic Capacitors Extended Life Computer Grade Capacitor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com