Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM611FS16BU-45LL Datasheet(PDF) 4 Page - Emerging Memory & Logic Solutions Inc

Part # EM611FS16BU-45LL
Description  512K x8 bit Low Power Full CMOS Static RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMLSI [Emerging Memory & Logic Solutions Inc]
Direct Link  http://www.emlsi.com
Logo EMLSI - Emerging Memory & Logic Solutions Inc

EM611FS16BU-45LL Datasheet(HTML) 4 Page - Emerging Memory & Logic Solutions Inc

  EM611FS16BU-45LL Datasheet HTML 1Page - Emerging Memory & Logic Solutions Inc EM611FS16BU-45LL Datasheet HTML 2Page - Emerging Memory & Logic Solutions Inc EM611FS16BU-45LL Datasheet HTML 3Page - Emerging Memory & Logic Solutions Inc EM611FS16BU-45LL Datasheet HTML 4Page - Emerging Memory & Logic Solutions Inc EM611FS16BU-45LL Datasheet HTML 5Page - Emerging Memory & Logic Solutions Inc EM611FS16BU-45LL Datasheet HTML 6Page - Emerging Memory & Logic Solutions Inc EM611FS16BU-45LL Datasheet HTML 7Page - Emerging Memory & Logic Solutions Inc EM611FS16BU-45LL Datasheet HTML 8Page - Emerging Memory & Logic Solutions Inc EM611FS16BU-45LL Datasheet HTML 9Page - Emerging Memory & Logic Solutions Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
EM641FT8
Low Power, 512Kx8 SRAM
4
DC ELECTRICAL CHARACTERISTICS (TA = -40oC to +85oC)
NOTES :
1.Typical values are measured at Vcc=5V, TA=25oC and not 100% tested.
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Input leakage current
ILI
VIN=VSS to VCC
-1
-
1
uA
Output leakage current
ILO
CS=VIH or OE=VIH or WE=VIL
VIO=VSS to VCC
-1
-
1
uA
Operating power supply
ICC
IIO=0mA, CS=VIL, VIN=VIH or VIL
-
-
5
mA
Average operating current
ICC1
Cycle time=1
µs, 100% duty, IIO=0mA,
CS<0.2V, VIN<0.2V or VIN>VCC-0.2V
-
-
7
mA
ICC2
Cycle time = Min, IIO=0mA, 100% duty,
CS=VIL, VIN=VIL or VIH
45ns
-
-
65
mA
55ns
-
-
55
70ns
-
-
45
Output low voltage
VOL
IOL = 2.1mA
-
-
0.4
V
Output high voltage
VOH
IOH = -1.0mA
2.4
-
-
V
Standby Current (TTL)
ISB
CS=VIH, Other inputs=VIH or VIL
-
-
1
mA
Standby Current (CMOS)
ISB1
CS>VCC-0.2V
Other inputs = 0~VCC
(Typ. condition : VCC=5V @ 25oC)
(Max. condition : VCC=5.5V @ 85oC)
LF
-
1.51)
20
uA
RECOMMENDED DC OPERATING CONDITIONS 1)
Notes :
1. TA= -40 to 85oC, otherwise specified
2. Overshoot: VCC +1.0 V in case of pulse width < 20ns
3. Undershoot: -1.0 V in case of pulse width < 20ns
4. Overshoot and undershoot are sampled, not 100% tested.
Parameter
Symbol
Min
Typ
Max
Unit
Supply voltage
VCC2)
4.5
-
5.5
V
Ground
VSS
0
0
0
V
Input high voltage
VIH
2.2
-
VCC + 0.53)
V
Input low voltage
VIL
-0.54)
-
0.6
V
CAPACITANCE (f =1MHz, TA=25oC)
Note : Capacitance is sampled, not 100% tested.
Item
Symbol
Test Condition
Min
Max
Unit
Input capacitance
CIN
VIN=0V
-
8
pF
Input/Ouput capacitance
CIO
VIO=0V
-
10
pF


Similar Part No. - EM611FS16BU-45LL

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EM611FS16CW-12LL EMLSI-EM611FS16CW-12LL Datasheet
71Kb / 11P
   512K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM611FS16CW-12S EMLSI-EM611FS16CW-12S Datasheet
71Kb / 11P
   512K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM611FS16CW-55LL EMLSI-EM611FS16CW-55LL Datasheet
71Kb / 11P
   512K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM611FS16CW-55S EMLSI-EM611FS16CW-55S Datasheet
71Kb / 11P
   512K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM611FS16DW-12LL EMLSI-EM611FS16DW-12LL Datasheet
71Kb / 11P
   512K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
More results

Similar Description - EM611FS16BU-45LL

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EM641FT8V EMLSI-EM641FT8V Datasheet
435Kb / 11P
   512K x8 bit Low Power Full CMOS Static RAM
EM641FT8T EMLSI-EM641FT8T Datasheet
475Kb / 11P
   512K x8 bit Low Power Full CMOS Static RAM
EM641FT8S EMLSI-EM641FT8S Datasheet
863Kb / 11P
   512K x8 bit Low Power Full CMOS Static RAM
EM641FV8FS EMLSI-EM641FV8FS Datasheet
62Kb / 10P
   512K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM640FU8E EMLSI-EM640FU8E Datasheet
71Kb / 11P
   512K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM641FV8FT EMLSI-EM641FV8FT Datasheet
183Kb / 10P
   512K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM640FP8 EMLSI-EM640FP8 Datasheet
71Kb / 11P
   512K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM620FV8BS EMLSI-EM620FV8BS Datasheet
433Kb / 11P
   256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
EM620FV8B EMLSI-EM620FV8B Datasheet
427Kb / 11P
   256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
EM620FU8B EMLSI-EM620FU8B Datasheet
391Kb / 10P
   256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com