Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

150152630BB Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 150152630BB
Description  Flame Retardant Wrap and Fill Axial Leaded Capacitors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

150152630BB Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  150152630BB Datasheet HTML 1Page - List of Unclassifed Manufacturers 150152630BB Datasheet HTML 2Page - List of Unclassifed Manufacturers 150152630BB Datasheet HTML 3Page - List of Unclassifed Manufacturers 150152630BB Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
Type 150 Axial Leaded Metallized Polyester
The Type 150 series axial lead metallized polyester
non inductive capacitors are available in bulk or on tape
and reel for automatic insertion. Type 150 is a general
purpose capacitor for use in blocking, bypass, decou-
pling, smoothing and some timing applications.
Flame Retardant Wrap and Fill Axial Leaded Capacitors
Highlights
Available on tape and reel or bulk
Epoxy end fill meets UL94V-0
Non inductively wound
Flame retardant outer wrap meets UL510
Non polar
Specifications
Capacitance Range:
Voltage Range:
Capacitance Tolerance:
Operating Tempeature Range:
Dielectric Withstand Voltage:
Dissipation Factor (DF):
0.001 µF to 10.0 µF
63 to 1000 Vdc (40 to 250 Vac @ 60 Hz)
±5%, ±10%, ±20%
–55 ºC to +125 ºC (derate linearly to 50% rated
voltage at 125 ºC)
1.6 x rated voltage for 2 s @ +25 ºC ±5 ºC
tgδ x 10–4 at +25 ºC ±5 ºC
kHz
C ≤0.1 µF 0.1 µF <C ≤1 µF
C >1 µF
1
80
80
100
10
150
150
100
250
Insulation Resistance:
Self Inductance:
Life Test:
Damp Heat Test:
Soldering:
Long Term Storage Stability:
Maximum Pulse Rise Time dv/dt and Pulse:
Characteristic (Wo):
10,000 MΩ x µF, 30,000 MΩ Min.
1 nH max. per 1 mm lead and body length
1000 hrs @ 85 ºC 1.25 x Vn
95% RH @ +45 ºC for 21 days
260 ºC ±5 ºC for 10 s ±1 s
ΔC/C ≤ ±3% after 2 years
V/n
L Max
16.5
19 - 20.5 26.5 - 5.28 31.5 - 33
dV/dt (V/µsec)
W
O (V
2
/µsec)
50 - 63
4
2
1.5
1
504
252
189
126
100
5
3
2
1
1,000
600
400
300
250
10
7
4
2.5
5,000
3,500
2,000
1,250
400
13.5
10
6.5
4
10,800
8,000
5,200
3,200
630
20
15
10
6
25,200
18,900
12,600
7,500
Complies with the EU Directive
2002/95/EC requirement restricting
the use of Lead (Pb), Mercury (Hg),
Cadmium (Cd), Hexavalent chromium
(Cr(VI)), PolyBrominated Biphenyls
(PBB) and PolyBrominated Diphenyl
Ethers (PBDE).


Similar Part No. - 150152630BB

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
15015250 CML-15015250 Datasheet
360Kb / 1P
   StarLEDs T1(3mm) BI-Pin with half wave rectifier
15015251 CML-15015251 Datasheet
360Kb / 1P
   StarLEDs T1(3mm) BI-Pin with half wave rectifier
15015252 CML-15015252 Datasheet
360Kb / 1P
   StarLEDs T1(3mm) BI-Pin with half wave rectifier
15015257 CML-15015257 Datasheet
360Kb / 1P
   StarLEDs T1(3mm) BI-Pin with half wave rectifier
1501525W3 CML-1501525W3 Datasheet
360Kb / 1P
   StarLEDs T1(3mm) BI-Pin with half wave rectifier
More results

Similar Description - 150152630BB

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
102MPW630K ILLINOISCAPACITOR-102MPW630K Datasheet
380Kb / 3P
   105째C Metallized Polypropylene Axial Leaded Wrap and Fill Capacitors
logo
List of Unclassifed Man...
170223160AA ETC2-170223160AA Datasheet
409Kb / 3P
   High Current / Low ESR, Wrap and Fill Axial Leaded Capacitors
logo
Surge Components
SAMR SURGE-SAMR Datasheet
142Kb / 1P
   WRAP AND FILL, NON-INDUCTIVE, METALLIZED FILM CAPACITORS, AXIAL LEAD
SAPR SURGE-SAPR Datasheet
131Kb / 1P
   WRAP AND FILL, NON-INDUCTIVE, METALLIZED FILM CAPACITORS, AXIAL LEAD
SMPT SURGE-SMPT Datasheet
165Kb / 1P
   WRAP AND FILL, NON-INDUCTIVE, METALLIZED POLYPROPYLENE FILM CAPACITORS, AXIAL LEAD
logo
List of Unclassifed Man...
1591GFLBK ETC2-1591GFLBK Datasheet
235Kb / 1P
   FLAME RETARDANT ABS
logo
Vishay Siliconix
V-430P VISHAY-V-430P Datasheet
70Kb / 4P
   Metallized Polyester Film Capacitors, Wrap-and-Fill
Revision: 12-Mar-09
430P VISHAY-430P Datasheet
47Kb / 3P
   Metalized Polyester Film Capacitors Wrap-and-Fill
Revision 13-Nov-03
632P VISHAY-632P Datasheet
50Kb / 5P
   Film Capacitors Metalized Polycarbonate, Wrap-and-Fill
Revision 04-Dec-03
732P VISHAY-732P Datasheet
40Kb / 1P
   Film Capacitors Metalized Polypropylene, Wrap-and-Fill
Revision 17-Nov-03
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com