Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WMC2D82K-F Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # WMC2D82K-F
Description  Polyester Film/Foil Capacitors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

WMC2D82K-F Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  WMC2D82K-F Datasheet HTML 1Page - List of Unclassifed Manufacturers WMC2D82K-F Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Type WMC Polyester Film/Foil Capacitors
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
Cap
Catalog
D
L
d
(µF)
Part Number Inches (mm) Inches (mm) Inches (mm)
80 Vdc (50 Vac)
0.010 WMC08S1K-F
.185 (4.7)
.406 (10.3)
.020 (.5)
0.012 WMC08S12K-F .185 (4.7)
.468 (11.9)
.020 (.5)
0.015 WMC08S15K-F .185 (4.7)
.468 (11.9)
.020 (.5)
0.018 WMC08S18K-F .185 (4.7)
.531 (13.5)
.020 (.5)
0.022 WMC08S22K-F .185 (4.7)
.531 (13.5)
.020 (.5)
0.027 WMC08S27K-F .229 (5.8)
.468 (11.9)
.020 (.5)
0.033 WMC08S33K-F .229 (5.8)
.468 (11.9)
.020 (.5)
0.039 WMC08S39K-F .229 (5.8)
.593 (15.1)
.020 (.5)
0.047 WMC08S47K-F .229 (5.8)
.593 (15.1)
.020 (.5)
0.056 WMC08S56K-F .250 (6.3)
.593 (15.1)
.020 (.5)
0.068 WMC08S68K-F .250 (6.3)
.593 (15.1)
.020 (.5)
0.082 WMC08S82K-F .343 (8.7)
.531 (13.5)
.024 (.6)
0.10 WMC08P1K-F
.343 (8.7)
.531 (13.5)
.024 (.6)
0.12 WMC08P12K-F .343 (8.7)
.656 (16.7)
.024 (.6)
0.15 WMC08P15K-F .343 (8.7)
.656 (16.7)
.024 (.6)
0.18 WMC08P18K-F .382 (9.7)
.656 (16.7)
.024 (.6)
0.22 WMC08P22K-F .382 (9.7)
.656 (16.7)
.024 (.6)
0.27 WMC08P27K-F .382 (9.7)
.905 (23.0)
.024 (.6)
0.33 WMC08P33K-F .382 (9.7)
.905 (23.0)
.024 (.6)
0.39 WMC08P39K-F .382 (9.7) 1.218 (30.9)
.024 (.6)
0.47 WMC08P47K-F .382 (9.7) 1.218 (30.9)
.024 (.6)
200/250 Vdc (125 Vac)
0.0010 WMC2D1K-F
.185 (4.7)
.406 (10.3)
.020 (.5)
0.0012 WMC2D12K-F
.185 (4.7)
.406 (10.3)
.020 (.5)
0.0015 WMC2D15K-F
.185 (4.7)
.406 (10.3)
.020 (.5)
0.0018 WMC2D18K-F
.185 (4.7)
.406 (10.3)
.020 (.5)
0.0022 WMC2D22K-F
.185 (4.7)
.406 (10.3)
.020 (.5)
0.0027 WMC2D27K-F
.185 (4.7)
.406 (10.3)
.020 (.5)
0.0033 WMC2D33K-F
.185 (4.7)
.468 (11.9)
.020 (.5)
0.0039 WMC2D39K-F
.185 (4.7)
.468 (11.9)
.020 (.5)
0.0047 WMC2D47K-F
.185 (4.7)
.468 (11.9)
.020 (.5)
0.0056 WMC2D56K-F
.185 (4.7)
.468 (11.9)
.020 (.5)
0.0068 WMC2D68K-F
.185 (4.7)
.468 (11.9)
.020 (.5)
0.0082 WMC2D82K-F
.185 (4.7)
.531 (13.5)
.020 (.5)
0.010 WMC2S1K-F
.185 (4.7)
.531 (13.5)
.020 (.5)
0.012 WMC2S12K-F
.229 (5.8)
.468 (11.9)
.020 (.5)
0.015 WMC2S15K-F
.229 (5.8)
.468 (11.9)
.020 (.5)
0.018 WMC2S18K-F
.229 (5.8)
.656 (16.7)
.020 (.5)
Cap
Catalog
D
L
d
(µF)
Part Number Inches (mm) Inches (mm) Inches (mm)
200/250 Vdc (125 Vac)
0.022 WMC2S22K-F .229 (5.8)
.656 (16.7)
.020 (.5)
0.027 WMC2S27K-F .250 (6.3)
.656 (16.7)
.020 (.5)
0.033 WMC2S33K-F .250 (6.3)
.656 (16.7)
.020 (.5)
0.039 WMC2S39K-F .343 (8.7)
.531 (13.5)
.024 (.6)
0.047 WMC2S47K-F .343 (8.7)
.531 (13.5)
.024 (.6)
0.056 WMC2S56K-F .343 (8.7)
.656 (16.7)
.024 (.6)
0.068 WMC2S68K-F .343 (8.7)
.656 (16.7)
.024 (.6)
0.082 WMC2S82K-F .382 (9.7)
.656 (16.7)
.024 (.6)
0.10 WMC2P1K-F
.382 (9.7)
.656 (16.7)
.024 (.6)
0.12 WMC2P12K-F .382 (9.7)
.906 (23.0)
.024 (.6)
0.15 WMC2P15K-F .382 (9.7)
.906 (23.0)
.024 (.6)
0.18 WMC2P18K-F .382 (9.7) 1.218 (30.9)
.024 (.6)
0.22 WMC2P22K-F .382 (9.7) 1.218 (30.9)
.024 (.6)
400 Vdc (200 Vac)
0.0010 WMC4D1K-F
.185 (4.7)
.468 (11.9)
.020 (.5)
0.0012 WMC4D12K-F .185 (4.7)
.468 (11.9)
.020 (.5)
0.0015 WMC4D15K-F .185 (4.7)
.468 (11.9)
.020 (.5)
0.0018 WMC4D18K-F .185 (4.7)
.531 (13.5)
.020 (.5)
0.0022 WMC4D22K-F .185 (4.7)
.531 (13.5)
.020 (.5)
0.0027 WMC4D27K-F .229 (5.8)
.531 (13.5)
.020 (.5)
0.0033 WMC4D33K-F .229 (5.8)
.531 (13.5)
.020 (.5)
0.0039 WMC4D39K-F .229 (5.8)
.531 (13.5)
.020 (.5)
0.0047 WMC4D47K-F .229 (5.8)
.531 (13.5)
.020 (.5)
0.0056 WMC4D56K-F .250 (6.3)
.656 (16.7)
.020 (.5)
0.0068 WMC4D68K-F .250 (6.3)
.656 (16.7)
.020 (.5)
0.0082 WMC4D82K-F .250 (6.3)
.656 (16.7)
.020 (.5)
0.010 WMC4S1K-F
.250 (6.3)
.656 (16.7)
.020 (.5)
0.012 WMC4S12K-F .343 (8.7)
.593 (15.1)
.024 (.6)
0.015 WMC4S15K-F .343 (8.7)
.593 (15.1)
.024 (.6)
0.018 WMC4S18K-F .343 (8.7)
.718 (18.2)
.024 (.6)
0.022 WMC4S22K-F .343 (8.7)
.718 (18.2)
.024 (.6)
0.027 WMC4S27K-F .382 (9.7)
.718 (18.2)
.024 (.6)
0.033 WMC4S33K-F .382 (9.7)
.718 (18.2)
.024 (.6)
0.039 WMC4S39K-F .382 (9.7)
.906 (23.0)
.024 (.6)
0.047 WMC4S47K-F .382 (9.7)
.906 (23.0)
.024 (.6)
0.056 WMC4S56K-F .382 (9.7) 1.218 (30.9)
.024 (.6)
0.068 WMC4S68K-F .382 (9.7) 1.218 (30.9)
.024 (.6)
RoHS Compliant


Similar Part No. - WMC2D82K-F

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
WMC2D82K-F CDE-WMC2D82K-F Datasheet
137Kb / 2P
   Polyester Film/Foil Capacitors
WMC2D82K-F CDE-WMC2D82K-F Datasheet
106Kb / 3P
   Axial Lead, Miniature Size for Automatic Insertion
More results

Similar Description - WMC2D82K-F

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
WMC08D1K-F CDE-WMC08D1K-F Datasheet
137Kb / 2P
   Polyester Film/Foil Capacitors
DLR1D1K-F CDE-DLR1D1K-F Datasheet
183Kb / 1P
   Film/Foil Polyester Film Capacitors
logo
RFE international
L104M2A RFE-L104M2A Datasheet
61Kb / 1P
   POLYESTER FILM CAPACITORS L Series: Radial, Polyester, Film Foil
LM472M2A RFE-LM472M2A Datasheet
60Kb / 1P
   POLYESTER FILM CAPACITORS LM Series: Radial, Polyester, Film Foil
logo
Cornell Dubilier Electr...
PVC1118 CDE-PVC1118 Datasheet
289Kb / 6P
   Polyester and Polypropylene Film/Foil Capacitors
logo
List of Unclassifed Man...
CQ92M ETC2-CQ92M Datasheet
52Kb / 3P
   ??Polyester film/foil capacitor
logo
RFE international
N103K1H RFE-N103K1H Datasheet
73Kb / 1P
   POLYESTER FILM CAPACITORS N Series: Non-Inductive, Film Foil
T102J2EAT1 RFE-T102J2EAT1 Datasheet
86Kb / 1P
   POLYESTER FILM CAPACITORS T Series: Axial Tubular, Film Foil
logo
Vishay Siliconix
192P222X9080 VISHAY-192P222X9080 Datasheet
96Kb / 5P
   Polyester Film/Foil Capacitors Sleeved, Miniature, Axial Lead
Revision 13-Nov-03
logo
List of Unclassifed Man...
225P10491WD3 ETC1-225P10491WD3 Datasheet
240Kb / 7P
   Type 225P, Orange Drop짰, Polyester Film/Foil Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com