Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

170335J160TFJ Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 170335J160TFJ
Description  High Current / Low ESR, Wrap and Fill Axial Leaded Capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

170335J160TFJ Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  170335J160TFJ Datasheet HTML 1Page - List of Unclassifed Manufacturers 170335J160TFJ Datasheet HTML 2Page - List of Unclassifed Manufacturers 170335J160TFJ Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
Type 170 Axial Leaded Metallized Polypropylene
The Type 170 series axial lead metallized polypropylene
capacitors are available in bulk or on tape and reel for
automatic insertion. The tape wrap and epoxy end fill
construction meets UL510 (outer wrap) and UL94V0
(epoxy). Type 170 is non-inductive with low ESR and
high current capability for switch-mode power supply
applications
High Current / Low ESR, Wrap and Fill Axial Leaded Capacitors
Highlights
Low ESR
High current
Available on tape and reel or bulk
Epoxy end fill meets UL94V-0
Non inductively wound
Flame retardant outer wrap meets UL510
Specifications
Capacitance Range:
Voltage Range:
Capacitance Tolerance:
Operating Temperature Range:
Dielectric Withstand Voltage:
Dissipation Factor (DF):
0.001 µF to 4.7 µF
160 to 630 Vdc (90 to 250 Vac, 60 Hz)
±5%, ±10%, ±20%
–55 ºC to +105 ºC (derate linearly to 50% rated
voltage at 105 ºC)
1.6 x rated voltage for 2 s @ +25 ºC ±5 ºC
tgδ x 10–4 at +25 ºC ±5 ºC
kHz
C ≤0.1 µF 0.1 µF <C ≤1 µF
C >1 µF
1
≤6
≤6
≤6
10
≤10
≤20
100
≤30
Insulation Resistance:
Self Inductance:
Life Test:
Damp Heat Test:
Soldering:
Long Term Storage Stability:
Maximum Pulse Rise Time dv/dt and Pulse
Characteristic (Wo):
100,000 MΩ x µF, 200,000 MΩ Min.
1 nH max. per 1 mm lead and body length
1000 hrs @ 85 ºC 1.25 x Vn
95% RH @ +40 ºC for 21 days
260 ºC ±5 ºC for 10 s ±1 s
ΔC/C ≤ ±0.5% after 2 years
Outline Drawing
1.58 ±0.2
(40 ±5 mm)
L
Max
D
Max
Ød ±.002
±0.05 mm)
L Max
Vn
11
16.5
20.5
28
33
160
5
5
3
2
1
250
11
10
7
4
2.5
400
13.5
10
6.5
4
630
20
15
10
6
If the working voltage (V) is less than the nominal voltage (Vn), the capaci-
tor can work at higher dv/dt . In this case, the maximum value allowed
is obtained by multiplying the above value (See table dv/dt) with the ratio
Vn/V
1.58 ±0.2
(40 ±5 mm)
Complies with the EU Directive
2 0 0 2 / 9 5 / E C r e q u i r e m e n t
restricting the use of Lead (Pb),
Mercury (Hg), Cadmium (Cd),
Hexavalent chromium (Cr(VI)),
PolyBrominated Biphenyls (PBB)
and PolyBrominated Diphenyl
Ethers (PBDE).
Lead Material: tinned copper wire


Similar Part No. - 170335J160TFJ

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
170335J160TF1 CDE-170335J160TF1 Datasheet
409Kb / 3P
   Type 170 Axial Leaded Metallized Polypropylene
More results

Similar Description - 170335J160TFJ

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
15015463AA ETC2-15015463AA Datasheet
172Kb / 4P
   Flame Retardant Wrap and Fill Axial Leaded Capacitors
logo
Illinois Capacitor, Inc...
102MPW630K ILLINOISCAPACITOR-102MPW630K Datasheet
380Kb / 3P
   105째C Metallized Polypropylene Axial Leaded Wrap and Fill Capacitors
logo
Vishay Siliconix
V-735P VISHAY-V-735P Datasheet
77Kb / 3P
   Film Capacitors, High Current, Wrap-and-Fill, Metallized Polypropylene
Revision: 12-Mar-09
735P VISHAY-735P Datasheet
81Kb / 3P
   Film Capacitors High Current, Wrap-and-Fill, Metalized Polypropylene
Revision 17-Nov-03
logo
Surge Components
SAMR SURGE-SAMR Datasheet
142Kb / 1P
   WRAP AND FILL, NON-INDUCTIVE, METALLIZED FILM CAPACITORS, AXIAL LEAD
SAPR SURGE-SAPR Datasheet
131Kb / 1P
   WRAP AND FILL, NON-INDUCTIVE, METALLIZED FILM CAPACITORS, AXIAL LEAD
SMPT SURGE-SMPT Datasheet
165Kb / 1P
   WRAP AND FILL, NON-INDUCTIVE, METALLIZED POLYPROPYLENE FILM CAPACITORS, AXIAL LEAD
logo
Vishay Siliconix
V-430P VISHAY-V-430P Datasheet
70Kb / 4P
   Metallized Polyester Film Capacitors, Wrap-and-Fill
Revision: 12-Mar-09
730P224X9100 VISHAY-730P224X9100 Datasheet
81Kb / 4P
   Film Capacitors High Frequency, Wrap-and-Fill, Metallized Polypropylene
Revision: 07-Feb-07
V-730P VISHAY-V-730P Datasheet
173Kb / 4P
   Film Capacitors High Frequency, Wrap-and-Fill, Metallized Polypropylene
Revision: 16-Nov-07
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com