Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM7641FS16CT-85S Datasheet(PDF) 9 Page - Emerging Memory & Logic Solutions Inc

Part # EM7641FS16CT-85S
Description  512K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMLSI [Emerging Memory & Logic Solutions Inc]
Direct Link  http://www.emlsi.com
Logo EMLSI - Emerging Memory & Logic Solutions Inc

EM7641FS16CT-85S Datasheet(HTML) 9 Page - Emerging Memory & Logic Solutions Inc

Back Button EM7641FS16CT-85S Datasheet HTML 2Page - Emerging Memory & Logic Solutions Inc EM7641FS16CT-85S Datasheet HTML 3Page - Emerging Memory & Logic Solutions Inc EM7641FS16CT-85S Datasheet HTML 4Page - Emerging Memory & Logic Solutions Inc EM7641FS16CT-85S Datasheet HTML 5Page - Emerging Memory & Logic Solutions Inc EM7641FS16CT-85S Datasheet HTML 6Page - Emerging Memory & Logic Solutions Inc EM7641FS16CT-85S Datasheet HTML 7Page - Emerging Memory & Logic Solutions Inc EM7641FS16CT-85S Datasheet HTML 8Page - Emerging Memory & Logic Solutions Inc EM7641FS16CT-85S Datasheet HTML 9Page - Emerging Memory & Logic Solutions Inc EM7641FS16CT-85S Datasheet HTML 10Page - Emerging Memory & Logic Solutions Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
EM641FV8FS Series
Low Power, 512Kx8 SRAM
9
merging Memory & Logic Solutions Inc.
merging Memory & Logic Solutions Inc.
0.20
0.008
+0.10
- 0.05
+0.004
- 0.002
#1
#16
0.0197
0.50
13.40
0.528
+/-0.20
+/- 0.008
#32
#17
11.80
0.465
+/-0.10
+/- 0.004
0.018~0.030
0.45~0.75
0.010
0.25
TYP
0~8
0.020
0.50 )
(
0.15
0.006
+0.10
- 0.05
+0.004
- 0.002
0.331
8.40 MAX
0.315
8.00
0.002
0.05 MIN
0.047
1.20
MAX
1.00
0.039
+/-0.10
+/- 0.004
0.010
0.25 )
(
0.004
0.10
MAX
Unit : millimeters/Inches
PACKAGE DIMENSIONS
( 32-sTSOP1-0813.4F )


Similar Part No. - EM7641FS16CT-85S

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EM7641FS16CS-45LF EMLSI-EM7641FS16CS-45LF Datasheet
72Kb / 11P
   64K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM7641FS16CS-45LL EMLSI-EM7641FS16CS-45LL Datasheet
72Kb / 11P
   64K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM7641FS16CS-70LF EMLSI-EM7641FS16CS-70LF Datasheet
72Kb / 11P
   64K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM7641FS16CS-70LL EMLSI-EM7641FS16CS-70LL Datasheet
72Kb / 11P
   64K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM7641FS16CW-45LF EMLSI-EM7641FS16CW-45LF Datasheet
72Kb / 11P
   64K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
More results

Similar Description - EM7641FS16CT-85S

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EM640FU8E EMLSI-EM640FU8E Datasheet
71Kb / 11P
   512K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM641FV8FT EMLSI-EM641FV8FT Datasheet
183Kb / 10P
   512K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM640FP8 EMLSI-EM640FP8 Datasheet
71Kb / 11P
   512K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM641FT8 EMLSI-EM641FT8 Datasheet
387Kb / 10P
   512K x8 bit Low Power Full CMOS Static RAM
EM641FT8V EMLSI-EM641FT8V Datasheet
435Kb / 11P
   512K x8 bit Low Power Full CMOS Static RAM
EM641FT8T EMLSI-EM641FT8T Datasheet
475Kb / 11P
   512K x8 bit Low Power Full CMOS Static RAM
EM641FT8S EMLSI-EM641FT8S Datasheet
863Kb / 11P
   512K x8 bit Low Power Full CMOS Static RAM
EM620FV8AT EMLSI-EM620FV8AT Datasheet
188Kb / 11P
   256K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM620FV8AS EMLSI-EM620FV8AS Datasheet
67Kb / 11P
   256K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM680FU8 EMLSI-EM680FU8 Datasheet
70Kb / 11P
   1M x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com