Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM646FT8BU-10L Datasheet(PDF) 3 Page - Emerging Memory & Logic Solutions Inc

Part # EM646FT8BU-10L
Description  512K x8 bit Low Power Full CMOS Static RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMLSI [Emerging Memory & Logic Solutions Inc]
Direct Link  http://www.emlsi.com
Logo EMLSI - Emerging Memory & Logic Solutions Inc

EM646FT8BU-10L Datasheet(HTML) 3 Page - Emerging Memory & Logic Solutions Inc

  EM646FT8BU-10L Datasheet HTML 1Page - Emerging Memory & Logic Solutions Inc EM646FT8BU-10L Datasheet HTML 2Page - Emerging Memory & Logic Solutions Inc EM646FT8BU-10L Datasheet HTML 3Page - Emerging Memory & Logic Solutions Inc EM646FT8BU-10L Datasheet HTML 4Page - Emerging Memory & Logic Solutions Inc EM646FT8BU-10L Datasheet HTML 5Page - Emerging Memory & Logic Solutions Inc EM646FT8BU-10L Datasheet HTML 6Page - Emerging Memory & Logic Solutions Inc EM646FT8BU-10L Datasheet HTML 7Page - Emerging Memory & Logic Solutions Inc EM646FT8BU-10L Datasheet HTML 8Page - Emerging Memory & Logic Solutions Inc EM646FT8BU-10L Datasheet HTML 9Page - Emerging Memory & Logic Solutions Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
EM641FT8T Series
Low Power, 512Kx8 SRAM
3
ABSOLUTE MAXIMUM RATINGS
Note : Stresses greater than those listed above “Absolute Maximum Ratings” may cause permanent damage to the device.
Functional operation should be restricted to recommended operating condition. Exposure to absolute maximum rating condi-
tions for extended periods may affect reliability.
Parameter
Symbol
Minimum
Unit
Voltage on Any Pin Relative to VSS
VIN, VOUT
-0.5 to 6.0V
V
Voltage on Vcc supply relative to VSS
VCC
-0.5 to 6.0V
V
Power Dissipation
PD
1.0
W
Operating Temperature
TA
-40 to 85
oC
FUNCTIONAL DESCRIPTION
Note : X means don’t care. (Must be low or high state)
CS
OE
WE
I/O0-7
Mode
Power
H
X
X
High-Z
Deselected/ Power down
Stand by
L
L
H
Data Out
Read
Active
L
X
L
Data In
Write
Active
L
H
H
High-Z
Selected, Output Disabled
Active


Similar Part No. - EM646FT8BU-10L

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EM646FV16FU EMLSI-EM646FV16FU Datasheet
192Kb / 11P
   256K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
More results

Similar Description - EM646FT8BU-10L

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EM641FT8 EMLSI-EM641FT8 Datasheet
387Kb / 10P
   512K x8 bit Low Power Full CMOS Static RAM
EM641FT8V EMLSI-EM641FT8V Datasheet
435Kb / 11P
   512K x8 bit Low Power Full CMOS Static RAM
EM641FT8S EMLSI-EM641FT8S Datasheet
863Kb / 11P
   512K x8 bit Low Power Full CMOS Static RAM
EM641FV8FS EMLSI-EM641FV8FS Datasheet
62Kb / 10P
   512K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM640FU8E EMLSI-EM640FU8E Datasheet
71Kb / 11P
   512K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM641FV8FT EMLSI-EM641FV8FT Datasheet
183Kb / 10P
   512K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM640FP8 EMLSI-EM640FP8 Datasheet
71Kb / 11P
   512K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM620FV8BS EMLSI-EM620FV8BS Datasheet
433Kb / 11P
   256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
EM620FV8B EMLSI-EM620FV8B Datasheet
427Kb / 11P
   256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
EM620FU8B EMLSI-EM620FU8B Datasheet
391Kb / 10P
   256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com