Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM640FR16AV-85L Datasheet(PDF) 7 Page - Emerging Memory & Logic Solutions Inc

Part # EM640FR16AV-85L
Description  512K x8 bit Low Power Full CMOS Static RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMLSI [Emerging Memory & Logic Solutions Inc]
Direct Link  http://www.emlsi.com
Logo EMLSI - Emerging Memory & Logic Solutions Inc

EM640FR16AV-85L Datasheet(HTML) 7 Page - Emerging Memory & Logic Solutions Inc

Back Button EM640FR16AV-85L Datasheet HTML 3Page - Emerging Memory & Logic Solutions Inc EM640FR16AV-85L Datasheet HTML 4Page - Emerging Memory & Logic Solutions Inc EM640FR16AV-85L Datasheet HTML 5Page - Emerging Memory & Logic Solutions Inc EM640FR16AV-85L Datasheet HTML 6Page - Emerging Memory & Logic Solutions Inc EM640FR16AV-85L Datasheet HTML 7Page - Emerging Memory & Logic Solutions Inc EM640FR16AV-85L Datasheet HTML 8Page - Emerging Memory & Logic Solutions Inc EM640FR16AV-85L Datasheet HTML 9Page - Emerging Memory & Logic Solutions Inc EM640FR16AV-85L Datasheet HTML 10Page - Emerging Memory & Logic Solutions Inc EM640FR16AV-85L Datasheet HTML 11Page - Emerging Memory & Logic Solutions Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
EM641FT8V Series
Low Power, 512Kx8 SRAM
7
tWR4)
tWC
Address
CS
WE
Data in
tCW2)
tAW
tWP1)
tAS3)
High-Z
tDW
tDH
High-Z
TIMING WAVEFORM OF WRITE CYCLE(1) (WE Controlled, OE High During WRITE)
Data Valid
tWC
Address
CS
WE
Data in
tCW2)
tWR4)
tAW
tWP1)
tDW
tDH
TIMING WAVEFORM OF WRITE CYCLE(2) (CS Controlled)
tAS3)
Data Valid
OE
Data out
Data Undefined
tOHZ
Data out
High-Z
High-Z
tOW


Similar Part No. - EM640FR16AV-85L

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EM640FR16AS-45L EMLSI-EM640FR16AS-45L Datasheet
434Kb / 11P
   128K x16 bit Low Power and Low Voltage Full CMOS Static RAM
EM640FR16AS-45S EMLSI-EM640FR16AS-45S Datasheet
434Kb / 11P
   128K x16 bit Low Power and Low Voltage Full CMOS Static RAM
EM640FR16AS-85L EMLSI-EM640FR16AS-85L Datasheet
434Kb / 11P
   128K x16 bit Low Power and Low Voltage Full CMOS Static RAM
EM640FR16AS-85S EMLSI-EM640FR16AS-85S Datasheet
434Kb / 11P
   128K x16 bit Low Power and Low Voltage Full CMOS Static RAM
EM640FR16AT-12LF EMLSI-EM640FR16AT-12LF Datasheet
391Kb / 10P
   256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
More results

Similar Description - EM640FR16AV-85L

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EM641FT8 EMLSI-EM641FT8 Datasheet
387Kb / 10P
   512K x8 bit Low Power Full CMOS Static RAM
EM641FT8T EMLSI-EM641FT8T Datasheet
475Kb / 11P
   512K x8 bit Low Power Full CMOS Static RAM
EM641FT8S EMLSI-EM641FT8S Datasheet
863Kb / 11P
   512K x8 bit Low Power Full CMOS Static RAM
EM641FV8FS EMLSI-EM641FV8FS Datasheet
62Kb / 10P
   512K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM640FU8E EMLSI-EM640FU8E Datasheet
71Kb / 11P
   512K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM641FV8FT EMLSI-EM641FV8FT Datasheet
183Kb / 10P
   512K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM640FP8 EMLSI-EM640FP8 Datasheet
71Kb / 11P
   512K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM620FV8BS EMLSI-EM620FV8BS Datasheet
433Kb / 11P
   256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
EM620FV8B EMLSI-EM620FV8B Datasheet
427Kb / 11P
   256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
EM620FU8B EMLSI-EM620FU8B Datasheet
391Kb / 10P
   256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com