Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT3T1CU Datasheet(PDF) 3 Page - Isahaya Electronics Corporation

Part # RT3T1CU
Description  Composite Transistor With Resistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISAHAYA [Isahaya Electronics Corporation]
Direct Link  http://www.idc-com.co.jp
Logo ISAHAYA - Isahaya Electronics Corporation

RT3T1CU Datasheet(HTML) 3 Page - Isahaya Electronics Corporation

  RT3T1CU Datasheet HTML 1Page - Isahaya Electronics Corporation RT3T1CU Datasheet HTML 2Page - Isahaya Electronics Corporation RT3T1CU Datasheet HTML 3Page - Isahaya Electronics Corporation RT3T1CU Datasheet HTML 4Page - Isahaya Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TYPICAL CHARACTERISTICS ( Tr2 )
PRELIMINARY
RT3T1CU
Composite Transistor With Resistor
For Switching Application
Silicon Epitaxial Type
ISAHAYA ELECTRONICS CORPORATION
COL L E CTOR C U R R E N T
V S. INP UT OF F V OL TA G E
-10
-100
-1000
-2
-1.6
-1.2
-0.8
-0.4
0
INPUT OFF VOLTAGE VI(OFF)(V)
VCE=-5V
IN P U T ON V OL TA GE
V S. C OL L EC TOR C UR R E NT
-0.1
-1
-10
-1
-10
-100
COLLECTOR CURRENT I (mA)
VCE=-0.2V
D C F OR W A R D C U R R E N T GA IN
V S. C OL L E C TOR C UR R E NT
10
100
1000
-1
-10
-100
COLLECTOR CURRENT I(mA)
VCE=-5V


Similar Part No. - RT3T1CU

ManufacturerPart #DatasheetDescription
logo
Isahaya Electronics Cor...
RT3T11M ISAHAYA-RT3T11M Datasheet
63Kb / 4P
   Composite Transistor With Resistor
RT3T11U ISAHAYA-RT3T11U Datasheet
172Kb / 4P
   Composite Transistor With Resistor
RT3T14M ISAHAYA-RT3T14M Datasheet
65Kb / 4P
   Composite Transistor With Resistor
More results

Similar Description - RT3T1CU

ManufacturerPart #DatasheetDescription
logo
Isahaya Electronics Cor...
RT3N33M ISAHAYA-RT3N33M Datasheet
57Kb / 3P
   Composite Transistor With Resistor
RT3NFFM ISAHAYA-RT3NFFM Datasheet
62Kb / 3P
   Composite Transistor With Resistor
RT3P11M ISAHAYA-RT3P11M Datasheet
61Kb / 3P
   Composite Transistor With Resistor
RT3P66U ISAHAYA-RT3P66U Datasheet
178Kb / 3P
   Composite Transistor With Resistor
RT3T11M ISAHAYA-RT3T11M Datasheet
63Kb / 4P
   Composite Transistor With Resistor
RT3T33M ISAHAYA-RT3T33M Datasheet
57Kb / 3P
   Composite Transistor With Resistor
RT3T55U ISAHAYA-RT3T55U Datasheet
164Kb / 4P
   Composite Transistor With Resistor
RT3TAAM ISAHAYA-RT3TAAM Datasheet
140Kb / 4P
   Composite Transistor With Resistor
RT3TSSM ISAHAYA-RT3TSSM Datasheet
142Kb / 4P
   Composite Transistor With Resistor
RT3N66M ISAHAYA-RT3N66M Datasheet
58Kb / 3P
   Composite Transistor With Resistor
RT3T66M ISAHAYA-RT3T66M Datasheet
56Kb / 3P
   Composite Transistor With Resistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com