Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM6141FR32CW-10S Datasheet(PDF) 1 Page - Emerging Memory & Logic Solutions Inc

Part # EM6141FR32CW-10S
Description  256K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMLSI [Emerging Memory & Logic Solutions Inc]
Direct Link  http://www.emlsi.com
Logo EMLSI - Emerging Memory & Logic Solutions Inc

EM6141FR32CW-10S Datasheet(HTML) 1 Page - Emerging Memory & Logic Solutions Inc

  EM6141FR32CW-10S Datasheet HTML 1Page - Emerging Memory & Logic Solutions Inc EM6141FR32CW-10S Datasheet HTML 2Page - Emerging Memory & Logic Solutions Inc EM6141FR32CW-10S Datasheet HTML 3Page - Emerging Memory & Logic Solutions Inc EM6141FR32CW-10S Datasheet HTML 4Page - Emerging Memory & Logic Solutions Inc EM6141FR32CW-10S Datasheet HTML 5Page - Emerging Memory & Logic Solutions Inc EM6141FR32CW-10S Datasheet HTML 6Page - Emerging Memory & Logic Solutions Inc EM6141FR32CW-10S Datasheet HTML 7Page - Emerging Memory & Logic Solutions Inc EM6141FR32CW-10S Datasheet HTML 8Page - Emerging Memory & Logic Solutions Inc EM6141FR32CW-10S Datasheet HTML 9Page - Emerging Memory & Logic Solutions Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
EM641FU16E Series
Low Power, 256Kx16 SRAM
1
merging Memory & Logic Solutions Inc.
merging Memory & Logic Solutions Inc.
Document Title
256K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
Revision History
Revision No.
History
Draft Date
Remark
0.0
Initial Draft
August 5 , 2002
0.1
2’nd Draft
Changed Icc, Icc1 value & 55ns product tDW value
November 11 , 2002
0.2
3’rd Draft
tLZ value is changed from 5ns to 10ns
tBW value ischanged from 60ns to 55ns ( 70ns product )
tWP value is changed from 55ns to 50ns ( 70ns product )
tWP value is changed from 45ns to 40ns ( 55ns product )
VDR & IDR measurement condition change
Changed ISB1 test conditions
March 13 , 2003
0.3
4’th Draft
Add Pb-free part number
February 13 , 2004
Emerging Memory & Logic Solutions Inc.
IT Venture Tower Eastside 11F, 78, Karac-Dong, Songpa-Ku, Seoul, Rep.of Korea
Zip Code : 138-160
Tel : +82-2-2142-1759~1766 Fax : +82-2-2142-1769 /
Homepage : www.emlsi.com
The attached datasheets are provided by EMLSI reserve the right to change the specifications and products. EMLSI will answer to your
questions about device. If you have any questions, please contact the EMLSI office.


Similar Part No. - EM6141FR32CW-10S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EM614163 ETC-EM614163 Datasheet
145Kb / 23P
   256K x 16 High Speed EDO DRAM
EM614163A ETC-EM614163A Datasheet
145Kb / 23P
   256K x 16 High Speed EDO DRAM
EM614163A-30 ETC-EM614163A-30 Datasheet
145Kb / 23P
   256K x 16 High Speed EDO DRAM
EM614163A-35 ETC-EM614163A-35 Datasheet
145Kb / 23P
   256K x 16 High Speed EDO DRAM
EM614163A-40 ETC-EM614163A-40 Datasheet
145Kb / 23P
   256K x 16 High Speed EDO DRAM
More results

Similar Description - EM6141FR32CW-10S

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K6F4016R4E SAMSUNG-K6F4016R4E Datasheet
119Kb / 9P
   256K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
logo
Emerging Memory & Logic...
EM640FU16E EMLSI-EM640FU16E Datasheet
75Kb / 11P
   256K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM645FV16FU EMLSI-EM645FV16FU Datasheet
193Kb / 11P
   256K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM646FV16FU EMLSI-EM646FV16FU Datasheet
192Kb / 11P
   256K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM643FV16FU EMLSI-EM643FV16FU Datasheet
189Kb / 11P
   256K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM644FV16FU EMLSI-EM644FV16FU Datasheet
189Kb / 11P
   256K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM641FP16 EMLSI-EM641FP16 Datasheet
72Kb / 11P
   256K x16 bit Low Power and Low Voltage Full CMOS Static RAM
EM640FP16 EMLSI-EM640FP16 Datasheet
112Kb / 11P
   256K x16 bit Low Power and Low Voltage Full CMOS Static RAM
EM640FV16FW EMLSI-EM640FV16FW Datasheet
81Kb / 11P
   256K x16 bit Low Power and Low Voltage Full CMOS Static RAM
logo
Samsung semiconductor
K6F1616T6B SAMSUNG-K6F1616T6B Datasheet
199Kb / 10P
   1M x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com