Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

100R18Y474ZV4T Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 100R18Y474ZV4T
Description  Tanceram짰 Chip Capacitors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

100R18Y474ZV4T Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  100R18Y474ZV4T Datasheet HTML 1Page - List of Unclassifed Manufacturers 100R18Y474ZV4T Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
15
www.johanson dielectrics.com
eleCtriCAl CHArACteristiCs
X7R
X5R
Y5V
Temperature Coefficient:
±15% (-55 to +125°C)
±15% (-55 to +85°C)
+22%, -82% (-30 to +85°C)
Dissipation Factor:
For
≥ 50 VDC: 5% max.
For
≤ 25 VDC: 10% max.
For
≥ 50 VDC: 5% max.
For
≤ 25 VDC: 10% max.
For
≥ 10 VDC: 16% max.
For 6.3 VDC: 20% max.
Insulation Resistance
(Min. @ 25°C, WVDC)
500
ΩF or 10 GΩ, whichever is less
Dielectric Strength:
2.5 X WVDC, 25°C, 50mA max.
Test Conditions:
Capacitance values
≤ 22 µF: 1.0kHz±50Hz @ 1.0±0.2 Vrms
Capacitance values > 22 µF: 120Hz±10Hz @ 0.5V±0.1 Vrms
Other:
See page 20 for additional dielectric specifications.
Tanceram® chip capaciTors
Inches
(mm)
.040 ±.004
(1.02 ±.10)
.020 ±.004
(0.51 ±.10)
.025 Max.
(0.64)
.008 ±.004
(0.20±.10)
L
W
T
E/B
CApACitANCe seleCtioN
Inches
(mm)
.080 ±.010
(2.03 ±.25)
.050 ±.010
(1.27 ±.25)
.060 Max.
(1.52)
.020±.010
(0.51±.25 )
L
W
T
E/B
Inches
(mm)
.063 ±.008
(1.60 ±.20)
.032 ±.008
(0.81 ±.20)
.035 Max.
(0.89)
.010±.005
(.25±.13)
L
W
T
E/B
Inches
(mm)
.125 ±.010
(3.17 ±.25)
.062 ±.010
(1.57 ±.25)
.070 Max.
(1.78)
.020 +.015-0.10 (0.51+.38-.25)
L
W
T
E/B
Inches
(mm)
.125 ±.010
(3.18 ±.25)
.095 ±.010
(2.41 ±.25)
.110 Max.
(2.8)
.020 +.015-0.10 (0.51+.38-.25)
L
W
T
E/B
Inches
(mm)
.175 ±.010
(4.45 ±.25)
.125 ±.010
(3.17 ±.25)
.110 Max.
(2.8)
.035±.020
(0.89±.51)
L
W
T
E/B
CAse size
0805
R15
0603
R14
0402
R07
50 V
25 V
16 V
10 V
6.3 V
1206
R18
* T .140 Max.
(3.55)
1210
S41
1812
S43
50 V
25 V
16 V
10 V
6.3 V
50 V
25 V
16 V
10 V
6.3 V
50 V
25 V
16 V
10 V
6.3 V
50 V
25 V
16 V
10 V
6.3 V
50 V
25 V
16 V
10 V
6.3 V
*
L
W
T
E/B
DIELECTRIC
X7R
X5R
Y5V


Similar Part No. - 100R18Y474ZV4T

ManufacturerPart #DatasheetDescription
logo
Johanson Technology Inc...
100R18N100BV4E JOHANSON-100R18N100BV4E Datasheet
284Kb / 3P
   250Rxx Surfacemount Ceramic MLCC
100R18N100BV6E JOHANSON-100R18N100BV6E Datasheet
284Kb / 3P
   250Rxx Surfacemount Ceramic MLCC
100R18N100CV4E JOHANSON-100R18N100CV4E Datasheet
284Kb / 3P
   250Rxx Surfacemount Ceramic MLCC
100R18N100CV6E JOHANSON-100R18N100CV6E Datasheet
284Kb / 3P
   250Rxx Surfacemount Ceramic MLCC
100R18N100DV4E JOHANSON-100R18N100DV4E Datasheet
284Kb / 3P
   250Rxx Surfacemount Ceramic MLCC
More results

Similar Description - 100R18Y474ZV4T

ManufacturerPart #DatasheetDescription
logo
Johanson Technology Inc...
100R15X106MV4E JOHANSON-100R15X106MV4E Datasheet
129Kb / 2P
   Tanceram짰 Chip Capacitors
250S41X106KV4E JOHANSON-250S41X106KV4E Datasheet
129Kb / 2P
   Tanceram짰 Chip Capacitors
logo
List of Unclassifed Man...
6R3R07X225MV4T ETC2-6R3R07X225MV4T Datasheet
126Kb / 2P
   TANCERAM짰 CHIP CAPACITORS
logo
EPCOS
X8R EPCOS-X8R Datasheet
112Kb / 13P
   Multilayer ceramic capacitors Chip capacitors
B45294R9227M409 EPCOS-B45294R9227M409 Datasheet
249Kb / 5P
   Tantalum Chip Capacitors
logo
Kemet Corporation
C0201C103B1GA KEMET-C0201C103B1GA Datasheet
1Mb / 8P
   CERAMIC CHIP CAPACITORS
logo
EPCOS
B45194 EPCOS-B45194 Datasheet
114Kb / 8P
   Tantalum Chip Capacitors
B45196E EPCOS-B45196E Datasheet
113Kb / 9P
   Tantalum Chip Capacitors
logo
Rohm
TCO ROHM-TCO Datasheet
106Kb / 10P
   Chip tantalum capacitors
logo
Kemet Corporation
C0805C103K5RAC KEMET-C0805C103K5RAC Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com