Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

150104J100BB2 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # 150104J100BB2
Description  Flame Retardant Wrap and Fill Axial Leaded Capacitors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

150104J100BB2 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  150104J100BB2 Datasheet HTML 1Page - List of Unclassifed Manufacturers 150104J100BB2 Datasheet HTML 2Page - List of Unclassifed Manufacturers 150104J100BB2 Datasheet HTML 3Page - List of Unclassifed Manufacturers 150104J100BB2 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Type 150 Axial Leaded Metallized Polyester
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
Catalog
Cap
Inches Max
Millimeters Max
Catalog
Cap
Inches Max
Millimeters Max
Part Number
(µF)
D
L
Ød
D
L
Ød
Part Number
(µF)
D
L
Ød
D
L
Ød
630 Vdc/220 Vac
1000 Vdc/250 Vac
150682*630AA^
0.0068
0.197 0.433 0.024
5.5
11.0 0.6
150102*1000CB^
0.0010
0.256 0.650 0.031
6.5
16.5 0.6
150682*630BB^
0.0068
0.236 0.650 0.024
6.0
16.5 0.6
150152*1000CB^
0.0015
0.256 0.650 0.031
6.5
16.5 0.6
150822*630BB^
0.0082
0.236 0.650 0.024
6.0
16.5 0.6
150222*1000CB^
0.0022
0.256 0.650 0.031
6.5
16.5 0.6
150103*630BB^
0.0100
0.236 0.650 0.024
6.0
16.5 0.6
150332*1000CB^
0.0033
0.256 0.650 0.031
6.5
16.5 0.6
150123*630BB^
0.0120
0.236 0.650 0.024
6.0
16.5 0.6
150472*1000DB^
0.0047
0.276 0.650 0.031
7.0
16.5 0.6
150153*630BB^
0.0150
0.236 0.650 0.024
6.0
16.5 0.6
150682*1000EB^
0.0068
0.315 0.650 0.031
8.0
16.5 0.8
150183*630CB^
0.0180
0.256 0.650 0.024
6.5
16.5 0.6
150103*1000DC^
0.0100
0.276 0.807 0.031
7.0
20.5 0.6
150223*630DB^
0.0220
0.276 0.650 0.024
7.0
16.5 0.6
150153*1000FC^
0.0150
0.335 0.807 0.031
8.5
20.5 0.8
150273*630CC^
0.0270
0.256 0.807 0.024
6.5
20.5 0.6
150223*1000HC^
0.0220
0.374 0.807 0.031
9.5
20.5 0.8
150333*630EC^
0.0330
0.315 0.807 0.031
8.0
20.5 0.8
150333*1000FE^
0.0330
0.335 1.102 0.031
8.5
28 0.8
150393*630EC^
0.0390
0.315 0.807 0.031
8.0
20.5 0.8
150473*1000HE^
0.0470
0.374 1.102 0.031
9.5
28 0.8
150473*630EC^
0.0470
0.315 0.807 0.031
8.0
20.5 0.8
150683*1000KE^
0.0680
0.433 1.102 0.031 11.0
28 0.8
150563*630FC^
0.0560
0.335 0.807 0.031
8.5
20.5 0.8
150104*1000NE^
0.1000
0.512 1.102 0.031 13.0
28 0.8
150683*630GC^
0.0680
0.354 0.807 0.031
9.0
20.5 0.8
150154*1000OF^
0.1500
0.551 1.299 0.031 14.0
33 0.8
150823*630HC^
0.0820
0.374 0.807 0.031
9.5
20.5 0.8
150224*1000WF^
0.2200
0.689 1.299 0.031 17.5
33 0.8
150104*630FE^
0.1000
0.335 1.102 0.031
8.5
28.0 0.8
150334*1000YF^
0.3300
0.807 1.299 0.031 20.5
33 0.8
150124*630GE^
0.1200
0.354 1.102 0.031
9.0
28.0 0.8
150474*1000Z1F^
0.4700
0.945 1.299 0.031 24.0
33 0.8
150154*630IE^
0.1500
0.394 1.102 0.031 10.0 28.0 0.8
150184*630JE^
0.1800
0.413 1.102 0.031 10.5 28.0 0.8
150224*630LE^
0.2200
0.453 1.102 0.031 11.5
28.0 0.8
* Indicates capacitance tolerance
^If ordering tape and reel,
150274*630ME^
0.2700
0.492 1.102 0.031 12.5 28.0 0.8
J = ±5%, K = ±10%, M = ±20%
insert 1, 2, or 3.
150334*630NF^
0.3300
0.512 1.299 0.031 13.0 33.0 0.8
See tape & reel specifications to determine which class applies.
150394*630QF^
0.3900
0.571 1.299 0.031 14.5 33.0 0.8
Part Number highlighted in yellow, available until stock is depleted.
150474*630RF^
0.4700
0.591 1.299 0.031 15.0 33.0 0.8
Replacement part number with “BB” case size.
150564*630TF^
0.5600
0.610 1.299 0.031 15.5 33.0 0.8
150684*630WF^
0.6800
0.689 1.299 0.031 17.5 33.0 0.8
150824*630XF^
0.8200
0.728 1.299 0.031 18.5 33.0 0.8
150105*630YF^
1.0000
0.807 1.299 0.031 20.5 33.0 0.8


Similar Part No. - 150104J100BB2

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
150104J100BB1 CDE-150104J100BB1 Datasheet
172Kb / 4P
   Type 150 Axial Leaded Metallized Polyester
More results

Similar Description - 150104J100BB2

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
102MPW630K ILLINOISCAPACITOR-102MPW630K Datasheet
380Kb / 3P
   105째C Metallized Polypropylene Axial Leaded Wrap and Fill Capacitors
logo
List of Unclassifed Man...
170223160AA ETC2-170223160AA Datasheet
409Kb / 3P
   High Current / Low ESR, Wrap and Fill Axial Leaded Capacitors
logo
Surge Components
SAMR SURGE-SAMR Datasheet
142Kb / 1P
   WRAP AND FILL, NON-INDUCTIVE, METALLIZED FILM CAPACITORS, AXIAL LEAD
SAPR SURGE-SAPR Datasheet
131Kb / 1P
   WRAP AND FILL, NON-INDUCTIVE, METALLIZED FILM CAPACITORS, AXIAL LEAD
SMPT SURGE-SMPT Datasheet
165Kb / 1P
   WRAP AND FILL, NON-INDUCTIVE, METALLIZED POLYPROPYLENE FILM CAPACITORS, AXIAL LEAD
logo
List of Unclassifed Man...
1591GFLBK ETC2-1591GFLBK Datasheet
235Kb / 1P
   FLAME RETARDANT ABS
logo
Vishay Siliconix
V-430P VISHAY-V-430P Datasheet
70Kb / 4P
   Metallized Polyester Film Capacitors, Wrap-and-Fill
Revision: 12-Mar-09
430P VISHAY-430P Datasheet
47Kb / 3P
   Metalized Polyester Film Capacitors Wrap-and-Fill
Revision 13-Nov-03
632P VISHAY-632P Datasheet
50Kb / 5P
   Film Capacitors Metalized Polycarbonate, Wrap-and-Fill
Revision 04-Dec-03
732P VISHAY-732P Datasheet
40Kb / 1P
   Film Capacitors Metalized Polypropylene, Wrap-and-Fill
Revision 17-Nov-03
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com