Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM7164SU16-70LL Datasheet(PDF) 5 Page - Emerging Memory & Logic Solutions Inc

Part # EM7164SU16-70LL
Description  1M x 16 bit Single Transistor RAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMLSI [Emerging Memory & Logic Solutions Inc]
Direct Link  http://www.emlsi.com
Logo EMLSI - Emerging Memory & Logic Solutions Inc

EM7164SU16-70LL Datasheet(HTML) 5 Page - Emerging Memory & Logic Solutions Inc

  EM7164SU16-70LL Datasheet HTML 1Page - Emerging Memory & Logic Solutions Inc EM7164SU16-70LL Datasheet HTML 2Page - Emerging Memory & Logic Solutions Inc EM7164SU16-70LL Datasheet HTML 3Page - Emerging Memory & Logic Solutions Inc EM7164SU16-70LL Datasheet HTML 4Page - Emerging Memory & Logic Solutions Inc EM7164SU16-70LL Datasheet HTML 5Page - Emerging Memory & Logic Solutions Inc EM7164SU16-70LL Datasheet HTML 6Page - Emerging Memory & Logic Solutions Inc EM7164SU16-70LL Datasheet HTML 7Page - Emerging Memory & Logic Solutions Inc EM7164SU16-70LL Datasheet HTML 8Page - Emerging Memory & Logic Solutions Inc EM7164SU16-70LL Datasheet HTML 9Page - Emerging Memory & Logic Solutions Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
EM7164SU16 Series
1Mx16 Single Transistor RAM
5
merging Memory & Logic Solutions Inc.
merging Memory & Logic Solutions Inc.
Preliminary
DC AND OPERATING CHARACTERISTICS
1. Maximum Icc specifications are tested with VCC = VCCmax.
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Input leakage current
ILI
VIN=VSS to VCCQ , VCC=VCCmax
-1
-
1
uA
Output leakage current
ILO
CS=VIH , /ZZ=VIH , OE=VIH or WE=VIL ,
VIO=VSS to VCCQ , VCC=VCCmax
-1
-
1
uA
Average operating current
ICC1
Cycle time=1
µs, 100% duty, IIO=0mA,
CS<0.2V, ZZ=VIH , VIN<0.2V or VIN>VCCQ-0.2V
--
3
mA
ICC2
Cycle time = Min, IIO=0mA, 100% duty,
CS=VIL, ZZ=VIH, VIN=VIL or VIH
--
25
mA
Output low voltage
VOL
IOL = 0.5mA, VCC=VCCmin
--
0.2*VCCQ
V
Output high voltage
VOH
IOH = -0.5mA, VCC=VCCmin
0.8*VCCQ
--
V
Standby Current (CMOS)
ISB1
CS,ZZ>VCCQ-0.2V, Other inputs = 0 ~ VCCQ
(Typ. condition : VCC=3.0V @ 25
oC)
(Max. condition : VCC=3.3V @ 85
oC)
LL
-
-
80
uA
RECOMMENDED DC OPERATING CONDITIONS 1)
1. TA= -25 to 85oC, otherwise specified
2. Overshoot: VCC +1.0 V in case of pulse width < 20ns
3. Undershoot: -1.0 V in case of pulse width < 20ns
4. Overshoot and undershoot are sampled, not 100% tested
.
Parameter
Symbol
Min
Typ
Max
Unit
Supply voltage
VCC
2.7
3.0
3.3
V
VCCQ
2.7
3.0
3.3
V
Ground
VSS, VSSQ
0
0
0
V
Input high voltage
VIH
0.8 * VCCQ
-
VCCQ + 0.22)
V
Input low voltage
VIL
-0.23)
-
0.2 * VCCQ
V
CAPACITANCE1) (f =1MHz, TA=25oC)
1. Capacitance is sampled, not 100% tested
Item
Symbol
Test Condition
Min
Max
Unit
Input capacitance
CIN
VIN=0V
-
8
pF
Input/Ouput capacitance
CIO
VIO=0V
-
8
pF


Similar Part No. - EM7164SU16-70LL

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EM7164SU16W EMLSI-EM7164SU16W Datasheet
450Kb / 12P
   1M x 16 bit Single Transistor RAM
EM7164SU16W-10L EMLSI-EM7164SU16W-10L Datasheet
450Kb / 12P
   1M x 16 bit Single Transistor RAM
EM7164SU16W-10LF EMLSI-EM7164SU16W-10LF Datasheet
450Kb / 12P
   1M x 16 bit Single Transistor RAM
EM7164SU16W-10LL EMLSI-EM7164SU16W-10LL Datasheet
450Kb / 12P
   1M x 16 bit Single Transistor RAM
EM7164SU16W-10S EMLSI-EM7164SU16W-10S Datasheet
450Kb / 12P
   1M x 16 bit Single Transistor RAM
More results

Similar Description - EM7164SU16-70LL

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EM7164SU16W EMLSI-EM7164SU16W Datasheet
450Kb / 12P
   1M x 16 bit Single Transistor RAM
logo
Siemens Semiconductor G...
HYB5116160BSJ-50 SIEMENS-HYB5116160BSJ-50 Datasheet
272Kb / 24P
   1M x 16-Bit Dynamic RAM
HYB5118160BSJ-50 SIEMENS-HYB5118160BSJ-50 Datasheet
254Kb / 24P
   1M x 16-Bit Dynamic RAM
HYB5118165BSJBST-50- SIEMENS-HYB5118165BSJBST-50- Datasheet
192Kb / 24P
   1M x 16-Bit Dynamic RAM 1k Refresh
HYB5118160BSJ-50- SIEMENS-HYB5118160BSJ-50- Datasheet
191Kb / 24P
   1M x 16-Bit Dynamic RAM 1k Refresh
logo
Cypress Semiconductor
CY7C1061AV25 CYPRESS-CY7C1061AV25 Datasheet
269Kb / 11P
   1M x 16 Static RAM
logo
AMIC Technology
A64S0616 AMICC-A64S0616 Datasheet
171Kb / 15P
   1M X 16 Bit Low Voltage Super RAM
A64E06161 AMICC-A64E06161 Datasheet
310Kb / 20P
   1M X 16 Bit Low Voltage Super RAM
A64E06161 AMICC-A64E06161 Datasheet
284Kb / 20P
   1M X 16 Bit Low Voltage Super RAM
logo
Cypress Semiconductor
CY7C1061AV33 CYPRESS-CY7C1061AV33 Datasheet
270Kb / 11P
   1M x 16 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com