Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALQ15-DUAL Datasheet(PDF) 2 Page - Astec America, Inc

Part # ALQ15-DUAL
Description  60 Watts Dual Output Converter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

ALQ15-DUAL Datasheet(HTML) 2 Page - Astec America, Inc

  ALQ15-DUAL Datasheet HTML 1Page - Astec America, Inc ALQ15-DUAL Datasheet HTML 2Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
EUROPE
Astec House, Waterfront Business Park
Merry Hill, Dudley
West Midlands, DY5 1LX, UK
Telephone: 44 (1384) 842-211
Facsimile: 44 (1384) 843-355
AMERICAS
5810 Van Allen Way
Carlsbad, CA 92008
Telephone: 760-930-4600
Facsimile: 760-930-0698
3
www.astecpower.com
ASIA
Units 2111-2116, Level 21
Tower1, Metroplaza
223, Hing Fong Road
Fwai Fong, New Territories
Hong Kong
Telephone: 852-2437-9662
Facsimile: 852-2402-4426
Ordering Information
Input Volatge
Output Voltage
Output Current
Efficiency2
Model Number
Vo1
Vo2
Io1
Io2
36V to 75V
5V
3.3V
12A
15A
89.5%
ALQ15AF48(N) - (6)
36V to 75V
3.3V
2.5V
15A
15A
87.7%
ALQ15FG48(N) - (6)
36V to 75V
3.3V
1.8V
15A
15A
86.5%
ALQ15FY48(N) - (6)
36V to 75V
2.5V
1.5V
15A
15A
84.0%
ALQ15GM48(N) - (6)
* Total power both outputs combined not to exceed 60 Watts
OPTIONS:
Enable Function "N" = Negative Logic Enable (default is Positive Logic Enable - no suffix “N”)
Pin Length
“-6” = 3.7mm nominal pin length (default is 5mm nominal - no suffix “6”)
Dual Output
1. +Vin
2. Enable (On/Off)
3. -Vin
4. +VO2
5. Secondary Return/Ground
6. Trim
7. +VO1
Notes:
1. 20 MHz bandwidth. External 10 uF tant. capacitor in
parallel with 1 uF ceramic capacitor placed output
and secondary return ground.
2. Efficiency measurements taken at full load - balanced
output load current, nominal line and TA = 25°C.
3. All specifications are typical at nominal line, full load
and TA = 25°C unless otherwise noted.
4. All specifications subject to change without notice.
Mechanical drawings are for reference only
5. Technical Reference Notes should be consulted for
detailed information when available
6. Warranty 1yr.
The information on this data sheet are believed to be accurate
at the time of its release. Astec reserves the right to make
changes to the information contained herein without notice and
assumes no liability as a result of its use and application.
(REV01: FEB 23, 2004)
Pin Assignment
SIDE
TOP
2
C
3
L
1
6
4
5
7
Mechanical Outline
PIN SIDE DOWN
PIN SIDE UP
Dimensions are in inches [millimeters]
Pin placement tolerance ± 0.005 [0.127]
Mechanical Tolerance ± 0.02 [0.5]


Similar Part No. - ALQ15-DUAL

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
ALQ15-DUAL EMERSON-NETWORKPOWER-ALQ15-DUAL Datasheet
408Kb / 2P
   High Efficiency
More results

Similar Description - ALQ15-DUAL

ManufacturerPart #DatasheetDescription
logo
DATEL, Inc.
QBR DATEL-QBR_17 Datasheet
915Kb / 15P
   Isolated Output 60 Watts
logo
List of Unclassifed Man...
FDC60 ETC1-FDC60 Datasheet
92Kb / 2P
   60 WATTS OUTPUT POWER
logo
Power Mate Technology C...
FEC60 P-DUKE-FEC60_14 Datasheet
483Kb / 3P
   60 WATTS DC-DC CONVERTER
FEC60-24S3P3 P-DUKE-FEC60-24S3P3 Datasheet
328Kb / 3P
   60 WATTS MAXIMUM OUTPUT POWER
logo
Wall Industries,Inc.
DCBC60 WALL-DCBC60 Datasheet
402Kb / 5P
   Up to 60 Watts Isolated DC/DC Power Converter Single Output
LANE2 WALL-LANE2 Datasheet
448Kb / 4P
   2 Watts DC/DC Converter Single and Dual Output
DCMD20W WALL-DCMD20W Datasheet
343Kb / 5P
   20 Watts DC/DC Converter Single and Dual Output
MDW WALL-MDW_18 Datasheet
423Kb / 8P
   20 Watts DC/DC Converter Single and Dual Output
DCMFW03 WALL-DCMFW03 Datasheet
296Kb / 5P
   3 Watts DC/DC Converter Single and Dual Output
DCMIE03-HI WALL-DCMIE03-HI Datasheet
336Kb / 6P
   3 Watts DC/DC Converter Single and Dual Output
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com