Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM7164SU16W-12LF Datasheet(PDF) 6 Page - Emerging Memory & Logic Solutions Inc

Part # EM7164SU16W-12LF
Description  1M x 16 bit Single Transistor RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMLSI [Emerging Memory & Logic Solutions Inc]
Direct Link  http://www.emlsi.com
Logo EMLSI - Emerging Memory & Logic Solutions Inc

EM7164SU16W-12LF Datasheet(HTML) 6 Page - Emerging Memory & Logic Solutions Inc

Back Button EM7164SU16W-12LF Datasheet HTML 2Page - Emerging Memory & Logic Solutions Inc EM7164SU16W-12LF Datasheet HTML 3Page - Emerging Memory & Logic Solutions Inc EM7164SU16W-12LF Datasheet HTML 4Page - Emerging Memory & Logic Solutions Inc EM7164SU16W-12LF Datasheet HTML 5Page - Emerging Memory & Logic Solutions Inc EM7164SU16W-12LF Datasheet HTML 6Page - Emerging Memory & Logic Solutions Inc EM7164SU16W-12LF Datasheet HTML 7Page - Emerging Memory & Logic Solutions Inc EM7164SU16W-12LF Datasheet HTML 8Page - Emerging Memory & Logic Solutions Inc EM7164SU16W-12LF Datasheet HTML 9Page - Emerging Memory & Logic Solutions Inc EM7164SU16W-12LF Datasheet HTML 10Page - Emerging Memory & Logic Solutions Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
EM7164SU16W Series
1Mx16 Single Transistor RAM
6
Preliminary
AC OPERATING CONDITIONS
Test Conditions (Test Load and Test Input/Output Reference)
Input Pulse Level : 0.2V to VCCQ-0.2V
Input Rise and Fall Time : 5ns
Input and Output reference Voltage : VCCQ/2
Output Load (See right) : CL1) = 30pF
1. Including scope and Jig capacitance
CL1)
AC CHARACTERISTICS (Vcc = 2.7 to 3.3V, Gnd = 0V, TA = -25C to +85oC)
Dout
Parameter List
Symbol
Speed
Unit
Min
Max
Read
Read Cycle Time
tRC
70
40k
ns
Address access time
tAA
-
70
ns
Chip enable to data output
tCO
-
70
ns
Output enable to valid output
tOE
-
25
ns
UB, LB enable to data output
tBA
-
70
ns
Chip enable to low-Z output
tLZ
10
-
ns
UB, LB enable to low-Z output
tBLZ
10
-
ns
Output enable to low-Z output
tOLZ
5
-
ns
Chip disable to high-Z output
tHZ
0
15
ns
UB, LB disable to high-Z output
tBHZ
0
15
ns
Output disable to high-Z output
tOHZ
0
15
ns
Output hold from Address change
tOH
5
-
ns
Write
Write Cycle Time
tWC
70
40k
ns
Chip enable to end of write
tCW
60
-
ns
Address setup time
tAS
0
-
ns
Address valid to end of write
tAW
60
-
ns
UB, LB valid to end of write
tBW
60
-
ns
Write pulse width
tWP
50
-
ns
Write recovery time
tWR
0
-
ns
Write to output high-Z
tWHZ
0
15
ns
Data to write time overlap
tDW
20
-
ns
Data hold from write time
tDH
0
-
ns
End write to output low-Z
tOW
5
-
ns


Similar Part No. - EM7164SU16W-12LF

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EM7164SU16 EMLSI-EM7164SU16 Datasheet
316Kb / 13P
   1M x 16 bit Single Transistor RAM
EM7164SU16-10L EMLSI-EM7164SU16-10L Datasheet
316Kb / 13P
   1M x 16 bit Single Transistor RAM
EM7164SU16-10LF EMLSI-EM7164SU16-10LF Datasheet
316Kb / 13P
   1M x 16 bit Single Transistor RAM
EM7164SU16-10LL EMLSI-EM7164SU16-10LL Datasheet
316Kb / 13P
   1M x 16 bit Single Transistor RAM
EM7164SU16-10S EMLSI-EM7164SU16-10S Datasheet
316Kb / 13P
   1M x 16 bit Single Transistor RAM
More results

Similar Description - EM7164SU16W-12LF

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EM7164SU16 EMLSI-EM7164SU16 Datasheet
316Kb / 13P
   1M x 16 bit Single Transistor RAM
logo
Siemens Semiconductor G...
HYB5116160BSJ-50 SIEMENS-HYB5116160BSJ-50 Datasheet
272Kb / 24P
   1M x 16-Bit Dynamic RAM
HYB5118160BSJ-50 SIEMENS-HYB5118160BSJ-50 Datasheet
254Kb / 24P
   1M x 16-Bit Dynamic RAM
HYB5118165BSJBST-50- SIEMENS-HYB5118165BSJBST-50- Datasheet
192Kb / 24P
   1M x 16-Bit Dynamic RAM 1k Refresh
HYB5118160BSJ-50- SIEMENS-HYB5118160BSJ-50- Datasheet
191Kb / 24P
   1M x 16-Bit Dynamic RAM 1k Refresh
logo
Cypress Semiconductor
CY7C1061AV25 CYPRESS-CY7C1061AV25 Datasheet
269Kb / 11P
   1M x 16 Static RAM
logo
AMIC Technology
A64S0616 AMICC-A64S0616 Datasheet
171Kb / 15P
   1M X 16 Bit Low Voltage Super RAM
A64E06161 AMICC-A64E06161 Datasheet
310Kb / 20P
   1M X 16 Bit Low Voltage Super RAM
A64E06161 AMICC-A64E06161 Datasheet
284Kb / 20P
   1M X 16 Bit Low Voltage Super RAM
logo
Cypress Semiconductor
CY7C1061AV33 CYPRESS-CY7C1061AV33 Datasheet
270Kb / 11P
   1M x 16 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com