Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM742SP16 Datasheet(PDF) 5 Page - Emerging Memory & Logic Solutions Inc

Part # EM742SP16
Description  256K x 16Bit Multiplexed Single Transistor RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMLSI [Emerging Memory & Logic Solutions Inc]
Direct Link  http://www.emlsi.com
Logo EMLSI - Emerging Memory & Logic Solutions Inc

EM742SP16 Datasheet(HTML) 5 Page - Emerging Memory & Logic Solutions Inc

  EM742SP16 Datasheet HTML 1Page - Emerging Memory & Logic Solutions Inc EM742SP16 Datasheet HTML 2Page - Emerging Memory & Logic Solutions Inc EM742SP16 Datasheet HTML 3Page - Emerging Memory & Logic Solutions Inc EM742SP16 Datasheet HTML 4Page - Emerging Memory & Logic Solutions Inc EM742SP16 Datasheet HTML 5Page - Emerging Memory & Logic Solutions Inc EM742SP16 Datasheet HTML 6Page - Emerging Memory & Logic Solutions Inc EM742SP16 Datasheet HTML 7Page - Emerging Memory & Logic Solutions Inc EM742SP16 Datasheet HTML 8Page - Emerging Memory & Logic Solutions Inc EM742SP16 Datasheet HTML 9Page - Emerging Memory & Logic Solutions Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
EM742SP16
256Kx16 Multiplexed STRAM
5
AC OPERATING CONDITIONS
Test Conditions (Test Load and Test Input/Output Reference)
Input Pulse Level : 0.2V to VCCQ-0.2V
Input Rise and Fall Time : 5ns
Input and Output reference Voltage : VCCQ/2
Output Load (See right) : CL1) = 30pF
1. Including scope and Jig capacitance
CL1)
Parameter List
Symbol
Speed
Unit
Min
Max
Common
AVD Low pulse
tAVD
15
1000
ns
Address setup to AVD rising edge
tAVDS
15
-
ns
Address hold from AVD rising edge
tAVDH
5
-
ns
Chip enable setup to AVD rising edge
tCSS
7
-
ns
Read
AVD low to data valid time
tACC1
-
70
ns
Address access time
tACC2
-
70
ns
Chip enable to data output
tACC3
-
70
ns
Address disable to output enable
tADOE
0
-
ns
Output enable to valid output
tOE
-
25
ns
UB, LB enable to data output
tUBLBA
-
25
ns
UB, LB enable to low-Z output
tBLZ
5
-
ns
Output enable to low-Z output
tOLZ
5
-
ns
Chip disable to high-Z output
tHZ
-
15
ns
UB, LB disable to high-Z output
tBHZ
-
15
ns
Output disable to high-Z output
tOHZ
-
15
ns
Write
AVD low to end of write
tACW1
70
-
ns
Address valid to end of write
tACW2
70
-
ns
Chip enable to end of write
tACW3
70
-
ns
Write pulse low
tWRL
45
-
ns
UB, LB valid to end of write
tBW
50
-
ns
Data to write time overlap
tDW
25
-
ns
Data hold from write time
tDH
0
-
ns
AC CHARACTERISTICS (Vcc = 1.7 to 1.9V, Gnd = 0V, TA = -25C to +85oC)
Dout


Similar Part No. - EM742SP16

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EM740FP16AS-45LF EMLSI-EM740FP16AS-45LF Datasheet
72Kb / 11P
   64K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM740FP16AS-45LL EMLSI-EM740FP16AS-45LL Datasheet
72Kb / 11P
   64K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM740FP16AS-70LF EMLSI-EM740FP16AS-70LF Datasheet
72Kb / 11P
   64K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM740FP16AS-70LL EMLSI-EM740FP16AS-70LL Datasheet
72Kb / 11P
   64K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM740FP16AW-45LF EMLSI-EM740FP16AW-45LF Datasheet
72Kb / 11P
   64K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
More results

Similar Description - EM742SP16

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EM7162SP16AW EMLSI-EM7162SP16AW Datasheet
428Kb / 11P
   1M x 16Bit Multiplexed Single Transistor RAM
EM782SP16A EMLSI-EM782SP16A Datasheet
392Kb / 10P
   512K x 16Bit Multiplexed Single Transistor RAM
logo
Samsung semiconductor
KM416C254D SAMSUNG-KM416C254D Datasheet
840Kb / 36P
   256K x 16Bit CMOS Dynamic RAM with Extended Data Out
KM416C256D SAMSUNG-KM416C256D Datasheet
83Kb / 8P
   256K x 16Bit CMOS Dynamic RAM with Fast Page Mode
logo
Cypress Semiconductor
CY7C197D CYPRESS-CY7C197D Datasheet
239Kb / 8P
   256K (256K x 1) Static RAM
CY7C1016 CYPRESS-CY7C1016 Datasheet
82Kb / 1P
   256K x Static RAM
logo
List of Unclassifed Man...
NN5118160 ETC1-NN5118160 Datasheet
1Mb / 31P
   CMOS 1M x 16BIT DYNAMIC RAM
logo
Cypress Semiconductor
CY7C1041BV33 CYPRESS-CY7C1041BV33 Datasheet
187Kb / 11P
   256K x 16 Static RAM
CY7C1041 CYPRESS-CY7C1041 Datasheet
182Kb / 10P
   256K x 16 Static RAM
CY62146CV18 CYPRESS-CY62146CV18 Datasheet
299Kb / 12P
   256K x 16 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com