Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

066R152U063HJ2 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 066R152U063HJ2
Description  Standard, Axial Leaded, Aluminum
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

066R152U063HJ2 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  066R152U063HJ2 Datasheet HTML 1Page - List of Unclassifed Manufacturers 066R152U063HJ2 Datasheet HTML 2Page - List of Unclassifed Manufacturers 066R152U063HJ2 Datasheet HTML 3Page - List of Unclassifed Manufacturers 066R152U063HJ2 Datasheet HTML 4Page - List of Unclassifed Manufacturers 066R152U063HJ2 Datasheet HTML 5Page - List of Unclassifed Manufacturers 066R152U063HJ2 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Type 066/066R 85 °C & 105 °C, Standard, Axial Leaded, Aluminum
85 °C & 105 °C, Standard
Ideal for general purpose use where long life at rated
temperature and operating voltage are important.
Type 066 is equipped with a molded top and uses
an o-ring to ensure a long life seal and an expected
life of more than ten years in most applications.
Type 066X has extra capacitance. Type 066R has
lower ESR and higher ripple capability.
Highlights
Long life, more than ten years in most applications
Molded top
Low DCL
High Ripple
General purpose
Specifications
Operating Temperature:
40 °C to +85 °C (Type 066R
40 °C to +105 °C)
Rated Voltage:
6.3 to 450 Vdc
Capacitance:
8.2 F to 68,000 F
Capacitance Tolerance:
10 + 75%
Leakage Current:
0.005 CV A @ +25 °C,
0.04 CV A @ 85 °C
Ripple Current Multipliers:
Ambient Temperature
Frequency
50 Hz
60 Hz
120 Hz
360 Hz 1 kHz
5 kHz
10 kHz+
0-60 F
0.85
1.00
1.10
1.15
1.15
1.15
1.15
61-200 F
0.83
1.00
1.15
1.20
1.20
1.20
1.20
201-450 F
0.80
1.00
1.15
1.30
1.30
1.30
1.30
Type
45 °C
55 °C
65 °C
75 °C
85 °C
95 °C
105 °C
066
2.24
2.00
1.73
1.41
1.00
0.0
0.0
066R
1.68
1.54
1.38
1.21
1.00
0.74
0.30
Load Life:
1,000 h @ +85 °C
Capacitance
10%
ESR 150% of limit
DCL 100% of limit
Shelf Life:
100 h at 85 °C, capacitance, ESR and DCL, initial requirements
Vibration:
10 to 55 Hz; 0.06” and 10 g max, 2 h. in each plane
Outline Drawings
1.5” min
(38mm min)
L
d
D
d = 20 AWG for D < 0.75”, 18 AWG for D
0.75”
1.5” min
(38mm min)
CDM Cornell Dubilier • 140 Technology Place. • Liberty, SC• 29657 • Phone: (864)843-2277 • Fax: (864) 843-3800 • www.cde.com


Similar Part No. - 066R152U063HJ2

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
066R152U063HJ2 CDE-066R152U063HJ2 Datasheet
75Kb / 6P
   Type 066/066R 85 째C & 105 째C, Standard, Axial Leaded, Aluminum
More results

Similar Description - 066R152U063HJ2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WBR100-16A ETC2-WBR100-16A Datasheet
163Kb / 2P
   Industrial Grade, Axial Leaded, Aluminum
logo
Cornell Dubilier Electr...
SKA470M6R3 CDE-SKA470M6R3 Datasheet
387Kb / 3P
   Axial Leaded Aluminum Electrolytic Capacitors
logo
SUNMATE electronic Co.,...
10A05 SUNMATE-10A05 Datasheet
96Kb / 2P
   10A Axial Leaded Standard Diode
logo
Cornell Dubilier Electr...
556 CDE-556 Datasheet
81Kb / 5P
   Computer Grade, Axial Leaded, Aluminum
TC1530 CDE-TC1530 Datasheet
152Kb / 2P
   Axial Leaded Aluminum Electrolytic Capacitors
logo
List of Unclassifed Man...
057152U6R3FE2 ETC2-057152U6R3FE2 Datasheet
175Kb / 4P
   Military Grade, Axial Leaded, Aluminum
logo
Cornell Dubilier Electr...
TCG252U010L1C CDE-TCG252U010L1C Datasheet
167Kb / 3P
   Axial Leaded Aluminum Electrolytic Capacitors
WBR100-16A CDE-WBR100-16A Datasheet
163Kb / 2P
   Industrial Grade, Axial Leaded, Aluminum
logo
Vishay Siliconix
030AS VISHAY-030AS Datasheet
111Kb / 9P
   Aluminum Capacitors Axial Standard
Revision: 15-Oct-08
030031AS VISHAY-030031AS Datasheet
179Kb / 9P
   Aluminum Capacitors Axial Standard
Revision: 13-Apr-12
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com