Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RMS132AW-75E Datasheet(PDF) 9 Page - Emerging Memory & Logic Solutions Inc

Part # RMS132AW-75E
Description  512K x 32Bits x 2Banks Low Power Synchronous DRAM
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMLSI [Emerging Memory & Logic Solutions Inc]
Direct Link  http://www.emlsi.com
Logo EMLSI - Emerging Memory & Logic Solutions Inc

RMS132AW-75E Datasheet(HTML) 9 Page - Emerging Memory & Logic Solutions Inc

Back Button RMS132AW-75E Datasheet HTML 5Page - Emerging Memory & Logic Solutions Inc RMS132AW-75E Datasheet HTML 6Page - Emerging Memory & Logic Solutions Inc RMS132AW-75E Datasheet HTML 7Page - Emerging Memory & Logic Solutions Inc RMS132AW-75E Datasheet HTML 8Page - Emerging Memory & Logic Solutions Inc RMS132AW-75E Datasheet HTML 9Page - Emerging Memory & Logic Solutions Inc RMS132AW-75E Datasheet HTML 10Page - Emerging Memory & Logic Solutions Inc RMS132AW-75E Datasheet HTML 11Page - Emerging Memory & Logic Solutions Inc RMS132AW-75E Datasheet HTML 12Page - Emerging Memory & Logic Solutions Inc RMS132AW-75E Datasheet HTML 13Page - Emerging Memory & Logic Solutions Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
Advance Information
The specifications of this device are subject to change without notice. For latest documentation see http://www.emlsi.com.
9
RMS132AW
Burst Length
Read and write accesses to the SDRAM are burst oriented, with the burst length being programmable, as shown in Figure 1. The burst
length determines the maximum number of column locations that can be accessed for a given READ or WRITE command. Burst
lengths of 1, 2, 4 or 8 locations are available for both the sequential and the interleaved burst types, and a full-page burst is available
for the sequential type. The full-page burst is used in conjunction with the BURST TERMINATE command to generate arbitrary burst
lengths.
Reserved states should not be used, as unknown operation or incompatibility with future versions may result. When a READ or WRITE
command is issued, a block of columns equal to the burst length is effectively selected. All accesses for that burst take place within
this block, meaning that the burst will wrap within the block if a boundary is reached. The block is uniquely selected by A1-A7 when
the burst length is set to two; by A2-A7 when the burst length is set to four; and by A3-A7 when the burst length is set to eight. The
remaining (least significant) address bit(s) is (are) used to select the starting location within the block. Full-page bursts wrap within
the page if the boundary is reached.
Bank(Row) Active
The Bank Active command is used to activate a row in a specified bank of the device. This command is initiated by activating CS, RAS and
deasserting CAS, WE at the positive edge of the clock. The value on the BA selects the bank, and the value on the A0-A10 selects the row.
This row remains active for column access until a precharge command is issued to that bank. Read and write operations can only be
initiated on this activated bank after the minimum tRCD time is passed from the activate command.
Read
The READ command is used to initiate the burst read of data. This command is initiated by activating CS, CAS, and deasserting WE, RAS at
the positive edge of the clock. BA input select the bank, A0-A7 address inputs select the starting column location. The value on input A10
determines whether or not Auto Precharge is used. If Auto Precharge is selected the row being accessed will be precharged at the end of
the READ burst; if Auto Precharge is not selected, the row will remain active for subsequent accesses. The length of burst and the CAS
latency will be determined by the values programmed during the MRS command.
Write
The WRITE command is used to initiate the burst write of data. This command is initiated by activating CS, CAS, WE and deasserting RAS
at the positive edge of the clock. BA input select the bank, A0-A7 address inputs select the starting column location. The value on input
A10 determines whether or not Auto Precharge is used. If Auto Precharge is selected the row being accessed will be precharged at the
end of the WRITE burst; if Auto Precharge is not selected, the row will remain active for subsequent accesses.


Similar Part No. - RMS132AW-75E

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
RMS132UAF-10E EMLSI-RMS132UAF-10E Datasheet
239Kb / 26P
   512K x 32Bits x 2Banks Low Power Synchronous DRAM
RMS132UAF-6E EMLSI-RMS132UAF-6E Datasheet
239Kb / 26P
   512K x 32Bits x 2Banks Low Power Synchronous DRAM
RMS132UAF-75E EMLSI-RMS132UAF-75E Datasheet
239Kb / 26P
   512K x 32Bits x 2Banks Low Power Synchronous DRAM
RMS132UAW EMLSI-RMS132UAW Datasheet
239Kb / 26P
   512K x 32Bits x 2Banks Low Power Synchronous DRAM
RMS132UAW-10E EMLSI-RMS132UAW-10E Datasheet
239Kb / 26P
   512K x 32Bits x 2Banks Low Power Synchronous DRAM
More results

Similar Description - RMS132AW-75E

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
RMS132UAW EMLSI-RMS132UAW Datasheet
239Kb / 26P
   512K x 32Bits x 2Banks Low Power Synchronous DRAM
logo
Integrated Silicon Solu...
IS42VM32100D-6BLI ISSI-IS42VM32100D-6BLI Datasheet
846Kb / 34P
   512K x 32Bits x 2Banks Low Power Synchronous DRAM
IS42VM32200G ISSI-IS42VM32200G Datasheet
284Kb / 27P
   512K x 32Bits x 4Banks Low Power Synchronous DRAM
IS42SM32200G ISSI-IS42SM32200G Datasheet
267Kb / 27P
   512K x 32Bits x 4Banks Low Power Synchronous DRAM
logo
Elite Semiconductor Mem...
M12S16161A ESMT-M12S16161A_1 Datasheet
627Kb / 30P
   512K x 16Bit x 2Banks Synchronous DRAM
M12L16161A ESMT-M12L16161A Datasheet
566Kb / 27P
   512K x 16Bit x 2Banks Synchronous DRAM
M12L16161A ESMT-M12L16161A_08 Datasheet
699Kb / 29P
   512K x 16Bit x 2Banks Synchronous DRAM
M12L16161A ESMT-M12L16161A_05 Datasheet
697Kb / 30P
   512K x 16Bit x 2Banks Synchronous DRAM
M12S16161A ESMT-M12S16161A_07 Datasheet
613Kb / 29P
   512K x 16Bit x 2Banks Synchronous DRAM
M52D32321A ESMT-M52D32321A Datasheet
690Kb / 29P
   512K x 32Bit x 2Banks Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com