Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RMS132UAF-75E Datasheet(PDF) 4 Page - Emerging Memory & Logic Solutions Inc

Part # RMS132UAF-75E
Description  512K x 32Bits x 2Banks Low Power Synchronous DRAM
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMLSI [Emerging Memory & Logic Solutions Inc]
Direct Link  http://www.emlsi.com
Logo EMLSI - Emerging Memory & Logic Solutions Inc

RMS132UAF-75E Datasheet(HTML) 4 Page - Emerging Memory & Logic Solutions Inc

  RMS132UAF-75E Datasheet HTML 1Page - Emerging Memory & Logic Solutions Inc RMS132UAF-75E Datasheet HTML 2Page - Emerging Memory & Logic Solutions Inc RMS132UAF-75E Datasheet HTML 3Page - Emerging Memory & Logic Solutions Inc RMS132UAF-75E Datasheet HTML 4Page - Emerging Memory & Logic Solutions Inc RMS132UAF-75E Datasheet HTML 5Page - Emerging Memory & Logic Solutions Inc RMS132UAF-75E Datasheet HTML 6Page - Emerging Memory & Logic Solutions Inc RMS132UAF-75E Datasheet HTML 7Page - Emerging Memory & Logic Solutions Inc RMS132UAF-75E Datasheet HTML 8Page - Emerging Memory & Logic Solutions Inc RMS132UAF-75E Datasheet HTML 9Page - Emerging Memory & Logic Solutions Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
Advance Information
The specifications of this device are subject to change without notice. For latest documentation see http://www.emlsi.com.
4
RMS132UAW
TCSR
PASR
Figure2: Functional Block Diagram
COLUMN
ADDRESS
BUFFER &
BURST
COUNTER
CLOCK
GENERATOR
CLK
CKE
ROW
ADDRESS
BUFFER &
REFRESH
COUNTER
/CS
/RAS
/CAS
/WE
MODE
REGISTER
BANK B
BANK A
SENSE AMPLIFIER
COLUMN DECODER
& LATCH CIRCUIT
DQ
DQM
ADDRESS
DATA CONTROL CIRCUIT
LATCH CIRCUIT
INPUT & OUTPUT
BUFFER
EXTENDED
MODE
REGISTER


Similar Part No. - RMS132UAF-75E

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
RMS132AF-10E EMLSI-RMS132AF-10E Datasheet
231Kb / 26P
   512K x 32Bits x 2Banks Low Power Synchronous DRAM
RMS132AF-6E EMLSI-RMS132AF-6E Datasheet
231Kb / 26P
   512K x 32Bits x 2Banks Low Power Synchronous DRAM
RMS132AF-75E EMLSI-RMS132AF-75E Datasheet
231Kb / 26P
   512K x 32Bits x 2Banks Low Power Synchronous DRAM
RMS132AW EMLSI-RMS132AW Datasheet
231Kb / 26P
   512K x 32Bits x 2Banks Low Power Synchronous DRAM
RMS132AW-10E EMLSI-RMS132AW-10E Datasheet
231Kb / 26P
   512K x 32Bits x 2Banks Low Power Synchronous DRAM
More results

Similar Description - RMS132UAF-75E

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
RMS132AW EMLSI-RMS132AW Datasheet
231Kb / 26P
   512K x 32Bits x 2Banks Low Power Synchronous DRAM
logo
Integrated Silicon Solu...
IS42VM32100D-6BLI ISSI-IS42VM32100D-6BLI Datasheet
846Kb / 34P
   512K x 32Bits x 2Banks Low Power Synchronous DRAM
IS42VM32200G ISSI-IS42VM32200G Datasheet
284Kb / 27P
   512K x 32Bits x 4Banks Low Power Synchronous DRAM
IS42SM32200G ISSI-IS42SM32200G Datasheet
267Kb / 27P
   512K x 32Bits x 4Banks Low Power Synchronous DRAM
logo
Elite Semiconductor Mem...
M12S16161A ESMT-M12S16161A_1 Datasheet
627Kb / 30P
   512K x 16Bit x 2Banks Synchronous DRAM
M12L16161A ESMT-M12L16161A Datasheet
566Kb / 27P
   512K x 16Bit x 2Banks Synchronous DRAM
M12L16161A ESMT-M12L16161A_08 Datasheet
699Kb / 29P
   512K x 16Bit x 2Banks Synchronous DRAM
M12L16161A ESMT-M12L16161A_05 Datasheet
697Kb / 30P
   512K x 16Bit x 2Banks Synchronous DRAM
M12S16161A ESMT-M12S16161A_07 Datasheet
613Kb / 29P
   512K x 16Bit x 2Banks Synchronous DRAM
M52D32321A ESMT-M52D32321A Datasheet
690Kb / 29P
   512K x 32Bit x 2Banks Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com