Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM742SP16B-45LL Datasheet(PDF) 3 Page - Emerging Memory & Logic Solutions Inc

Part # EM742SP16B-45LL
Description  256K x 16Bit Multiplexed Single Transistor RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMLSI [Emerging Memory & Logic Solutions Inc]
Direct Link  http://www.emlsi.com
Logo EMLSI - Emerging Memory & Logic Solutions Inc

EM742SP16B-45LL Datasheet(HTML) 3 Page - Emerging Memory & Logic Solutions Inc

  EM742SP16B-45LL Datasheet HTML 1Page - Emerging Memory & Logic Solutions Inc EM742SP16B-45LL Datasheet HTML 2Page - Emerging Memory & Logic Solutions Inc EM742SP16B-45LL Datasheet HTML 3Page - Emerging Memory & Logic Solutions Inc EM742SP16B-45LL Datasheet HTML 4Page - Emerging Memory & Logic Solutions Inc EM742SP16B-45LL Datasheet HTML 5Page - Emerging Memory & Logic Solutions Inc EM742SP16B-45LL Datasheet HTML 6Page - Emerging Memory & Logic Solutions Inc EM742SP16B-45LL Datasheet HTML 7Page - Emerging Memory & Logic Solutions Inc EM742SP16B-45LL Datasheet HTML 8Page - Emerging Memory & Logic Solutions Inc EM742SP16B-45LL Datasheet HTML 9Page - Emerging Memory & Logic Solutions Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
EM742SP16
256Kx16 Multiplexed STRAM
3
ABSOLUTE MAXIMUM RATINGS 1)
1. Stresses greater than those listed above “Absolute Maximum Ratings” may cause permanent damage to the device. Functional
operation should be restricted to recommended operating condition. Exposure to absolute maximum rating conditions for extended
periods may affect reliability.
2. Undershoot at power-off : -1.0V in case of pulse width < 20ns
Parameter
Symbol
Minimum
Unit
Voltage on Any Pin Relative to Vss
VIN, VOUT
-0.2 to VCCQ+0.3V
V
Voltage on Vcc supply relative to Vss
VCC, VCCQ
-0.22) to 2.5V
V
Power Dissipation
PD
1.0
W
Storage Temperature
TSTG
-65 to 150
oC
Operating Temperature
TA
-25 to 85
oC
FUNCTIONAL DESCRIPTION
Note: X means don’t care. (Must be low or high state)
CS
OE
WE
LB
UB
AVD
ADQ0~15
A16~A17
Mode
Power
H
X
X
X
X
X
High-Z
X
Deselected
Stand by
L
H
H
X
X
H
High-Z
X
Output Disabled
Active
L
X
X
H
H
X
High-Z
X
Output Disabled
Active
L
H
H
H
H
L
Add. Input
Add. Input
Address Input
Active
L
L
H
L
H
H
Data Out
X
Lower Byte Read
Active
L
L
H
H
L
H
Data Out
X
Upper Byte Read
Active
L
L
H
L
L
H
Data Out
X
Word Read
Active
L
H
L
L
H
H
Data In
X
Lower Byte Write
Active
L
H
L
H
L
H
Data In
X
Upper Byte Write
Active
L
H
L
L
L
H
Data In
X
Word Write
Active


Similar Part No. - EM742SP16B-45LL

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EM740FP16AS-45LF EMLSI-EM740FP16AS-45LF Datasheet
72Kb / 11P
   64K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM740FP16AS-45LL EMLSI-EM740FP16AS-45LL Datasheet
72Kb / 11P
   64K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM740FP16AS-70LF EMLSI-EM740FP16AS-70LF Datasheet
72Kb / 11P
   64K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM740FP16AS-70LL EMLSI-EM740FP16AS-70LL Datasheet
72Kb / 11P
   64K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM740FP16AW-45LF EMLSI-EM740FP16AW-45LF Datasheet
72Kb / 11P
   64K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
More results

Similar Description - EM742SP16B-45LL

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EM7162SP16AW EMLSI-EM7162SP16AW Datasheet
428Kb / 11P
   1M x 16Bit Multiplexed Single Transistor RAM
EM782SP16A EMLSI-EM782SP16A Datasheet
392Kb / 10P
   512K x 16Bit Multiplexed Single Transistor RAM
logo
Samsung semiconductor
KM416C254D SAMSUNG-KM416C254D Datasheet
840Kb / 36P
   256K x 16Bit CMOS Dynamic RAM with Extended Data Out
KM416C256D SAMSUNG-KM416C256D Datasheet
83Kb / 8P
   256K x 16Bit CMOS Dynamic RAM with Fast Page Mode
logo
Cypress Semiconductor
CY7C197D CYPRESS-CY7C197D Datasheet
239Kb / 8P
   256K (256K x 1) Static RAM
CY7C1016 CYPRESS-CY7C1016 Datasheet
82Kb / 1P
   256K x Static RAM
logo
List of Unclassifed Man...
NN5118160 ETC1-NN5118160 Datasheet
1Mb / 31P
   CMOS 1M x 16BIT DYNAMIC RAM
logo
Cypress Semiconductor
CY7C1041BV33 CYPRESS-CY7C1041BV33 Datasheet
187Kb / 11P
   256K x 16 Static RAM
CY7C1041 CYPRESS-CY7C1041 Datasheet
182Kb / 10P
   256K x 16 Static RAM
CY62146CV18 CYPRESS-CY62146CV18 Datasheet
299Kb / 12P
   256K x 16 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com