Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM7162SP16AW-70L Datasheet(PDF) 11 Page - Emerging Memory & Logic Solutions Inc

Part # EM7162SP16AW-70L
Description  1M x 16Bit Multiplexed Single Transistor RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMLSI [Emerging Memory & Logic Solutions Inc]
Direct Link  http://www.emlsi.com
Logo EMLSI - Emerging Memory & Logic Solutions Inc

EM7162SP16AW-70L Datasheet(HTML) 11 Page - Emerging Memory & Logic Solutions Inc

Back Button EM7162SP16AW-70L Datasheet HTML 3Page - Emerging Memory & Logic Solutions Inc EM7162SP16AW-70L Datasheet HTML 4Page - Emerging Memory & Logic Solutions Inc EM7162SP16AW-70L Datasheet HTML 5Page - Emerging Memory & Logic Solutions Inc EM7162SP16AW-70L Datasheet HTML 6Page - Emerging Memory & Logic Solutions Inc EM7162SP16AW-70L Datasheet HTML 7Page - Emerging Memory & Logic Solutions Inc EM7162SP16AW-70L Datasheet HTML 8Page - Emerging Memory & Logic Solutions Inc EM7162SP16AW-70L Datasheet HTML 9Page - Emerging Memory & Logic Solutions Inc EM7162SP16AW-70L Datasheet HTML 10Page - Emerging Memory & Logic Solutions Inc EM7162SP16AW-70L Datasheet HTML 11Page - Emerging Memory & Logic Solutions Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
EM7162SP16AW Series
1Mx16 Multiplexed STRAM
11
EM X XX X X X XX X X - XX XX
MEMORY FUNCTION GUIDE
1. EMLSI Memory
2. Device Type
3. Density
5. Technology
6. Operating Voltage
8. Version
9. Packages
10. Speed
7. Organization
1. Memory Component
2. Device Type
6 ------------------------ Low Power SRAM
7 ------------------------ STRAM
3. Density
1 ------------------------- 1M
2 ------------------------- 2M
4 ------------------------- 4M
8 ------------------------- 8M
16 ----------------------- 16M
32 ----------------------- 32M
64 ----------------------- 64M
4. Function
0 ----------------------- Dual CS
1 ----------------------- Single CS
2 ----------------------- Multiplexed
5. Technology
Blank ----------------- CMOS
F ------------------------ Full CMOS
S ------------------------ Single Transistor
6. Operating Voltage
Blank ------------------- 5V
V ------------------------- 3.3V
U ------------------------- 3.0V
S ------------------------- 2.5V
R ------------------------- 2.0V
P ------------------------- 1.8V
O ------------------------- 1.5V
7. Organization
8 ---------------------- x8 bit
16 ---------------------- x16 bit
32 ---------------------- x32 bit
8. Version
Blank ----------------- Mother die
A ----------------------- First version
B ----------------------- Second version
C ----------------------- Third version
D ----------------------- Fourth version
E ----------------------- Fifth version
9. Package
Blank ---------------------- Package
W --------------------- Wafer
10. Speed
45 ---------------------- 45ns
55 ---------------------- 55ns
70 ---------------------- 70ns
85 ---------------------- 85ns
90 ---------------------- 90ns
10 --------------------- 100ns
12 --------------------- 120ns
11. Power
LL ---------------------- Low Low Power
L ---------------------- Low Power
S ---------------------- Standard Power
4. Option
11. Power


Similar Part No. - EM7162SP16AW-70L

ManufacturerPart #DatasheetDescription
logo
Figaro Engineering Inc.
EM7160 FIGARO-EM7160 Datasheet
388Kb / 2P
   Evaluation Module
logo
Emerging Memory & Logic...
EM7160F32-45LF EMLSI-EM7160F32-45LF Datasheet
70Kb / 11P
   256K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM7160F32-45LL EMLSI-EM7160F32-45LL Datasheet
70Kb / 11P
   256K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM7160F32-85LF EMLSI-EM7160F32-85LF Datasheet
70Kb / 11P
   256K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM7160F32-85LL EMLSI-EM7160F32-85LL Datasheet
70Kb / 11P
   256K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
More results

Similar Description - EM7162SP16AW-70L

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EM742SP16 EMLSI-EM742SP16 Datasheet
392Kb / 10P
   256K x 16Bit Multiplexed Single Transistor RAM
EM782SP16A EMLSI-EM782SP16A Datasheet
392Kb / 10P
   512K x 16Bit Multiplexed Single Transistor RAM
logo
List of Unclassifed Man...
NN5118160 ETC1-NN5118160 Datasheet
1Mb / 31P
   CMOS 1M x 16BIT DYNAMIC RAM
logo
Emerging Memory & Logic...
EM7164SU16W EMLSI-EM7164SU16W Datasheet
450Kb / 12P
   1M x 16 bit Single Transistor RAM
EM7164SU16 EMLSI-EM7164SU16 Datasheet
316Kb / 13P
   1M x 16 bit Single Transistor RAM
logo
Samsung semiconductor
KM416C1000C SAMSUNG-KM416C1000C Datasheet
767Kb / 34P
   1M x 16Bit CMOS Dynamic RAM with Fast Page Mode
K4F171611D SAMSUNG-K4F171611D Datasheet
528Kb / 34P
   1M x 16Bit CMOS Dynamic RAM with Fast Page Mode
K4E171611D SAMSUNG-K4E171611D Datasheet
553Kb / 35P
   1M x 16Bit CMOS Dynamic RAM with Extended Data Out
KM416C1000B SAMSUNG-KM416C1000B Datasheet
84Kb / 8P
   1M x 16Bit CMOS Dynamic RAM with Fast Page Mode
logo
Hynix Semiconductor
HY51VS18163HG HYNIX-HY51VS18163HG Datasheet
107Kb / 12P
   1M x 16Bit EDO DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com