Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM7162SP16AW-70L Datasheet(PDF) 2 Page - Emerging Memory & Logic Solutions Inc

Part # EM7162SP16AW-70L
Description  1M x 16Bit Multiplexed Single Transistor RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMLSI [Emerging Memory & Logic Solutions Inc]
Direct Link  http://www.emlsi.com
Logo EMLSI - Emerging Memory & Logic Solutions Inc

EM7162SP16AW-70L Datasheet(HTML) 2 Page - Emerging Memory & Logic Solutions Inc

  EM7162SP16AW-70L Datasheet HTML 1Page - Emerging Memory & Logic Solutions Inc EM7162SP16AW-70L Datasheet HTML 2Page - Emerging Memory & Logic Solutions Inc EM7162SP16AW-70L Datasheet HTML 3Page - Emerging Memory & Logic Solutions Inc EM7162SP16AW-70L Datasheet HTML 4Page - Emerging Memory & Logic Solutions Inc EM7162SP16AW-70L Datasheet HTML 5Page - Emerging Memory & Logic Solutions Inc EM7162SP16AW-70L Datasheet HTML 6Page - Emerging Memory & Logic Solutions Inc EM7162SP16AW-70L Datasheet HTML 7Page - Emerging Memory & Logic Solutions Inc EM7162SP16AW-70L Datasheet HTML 8Page - Emerging Memory & Logic Solutions Inc EM7162SP16AW-70L Datasheet HTML 9Page - Emerging Memory & Logic Solutions Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
EM7162SP16AW Series
1Mx16 Multiplexed STRAM
2
FEATURES
- Process Technology : 0.13
µm CMOS process
-
Organization :1M x16
-
Power Supply Voltage : 1.7~1.9V
- Multiplexed address and data bus
-
Three state outputs
-
RMS and Auto TCSR for power saving
GENERAL WAFER SPECIFICATIONS
-
Deep trench process
-
3 Metal layers including local inter-connection
-
Typical Pad Size : 73.0um x 70.0um
-
Wafer diameter : 8-inch
1M x16 Bit Multiplexed Single Transistor RAM
FUNCTION BLOCK DIAGRAM
COLUMN SELECT
I/O CIRCUIT
Memory Array
1M X 16
Self-Refresh
CONTROL
CONTROL
LOGIC
ADDRESS
DECODER
ADDRESS/DATA
Multiplexer
Din/Dout BUFFER
ADQ0~
ADQ15
A16~A19
/AVD
/CS
/UB
/LB
/WE
/OE
Name
Function
Name
Function
/CS
Chip select inputs
/LB
Lower byte (ADQ0~7)
/OE
Output enable input
/UB
Upper byte (ADQ8~15)
/WE
Write enable input
VCC
Power supply
/AVD Address valid input
VCCQ I/O Power supply
ADQi Address/Data In-out
VSS(Q) Ground
Ai
Address inputs
NC
No connection
PAD DESCRIPTION


Similar Part No. - EM7162SP16AW-70L

ManufacturerPart #DatasheetDescription
logo
Figaro Engineering Inc.
EM7160 FIGARO-EM7160 Datasheet
388Kb / 2P
   Evaluation Module
logo
Emerging Memory & Logic...
EM7160F32-45LF EMLSI-EM7160F32-45LF Datasheet
70Kb / 11P
   256K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM7160F32-45LL EMLSI-EM7160F32-45LL Datasheet
70Kb / 11P
   256K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM7160F32-85LF EMLSI-EM7160F32-85LF Datasheet
70Kb / 11P
   256K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM7160F32-85LL EMLSI-EM7160F32-85LL Datasheet
70Kb / 11P
   256K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
More results

Similar Description - EM7162SP16AW-70L

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EM742SP16 EMLSI-EM742SP16 Datasheet
392Kb / 10P
   256K x 16Bit Multiplexed Single Transistor RAM
EM782SP16A EMLSI-EM782SP16A Datasheet
392Kb / 10P
   512K x 16Bit Multiplexed Single Transistor RAM
logo
List of Unclassifed Man...
NN5118160 ETC1-NN5118160 Datasheet
1Mb / 31P
   CMOS 1M x 16BIT DYNAMIC RAM
logo
Emerging Memory & Logic...
EM7164SU16W EMLSI-EM7164SU16W Datasheet
450Kb / 12P
   1M x 16 bit Single Transistor RAM
EM7164SU16 EMLSI-EM7164SU16 Datasheet
316Kb / 13P
   1M x 16 bit Single Transistor RAM
logo
Samsung semiconductor
KM416C1000C SAMSUNG-KM416C1000C Datasheet
767Kb / 34P
   1M x 16Bit CMOS Dynamic RAM with Fast Page Mode
K4F171611D SAMSUNG-K4F171611D Datasheet
528Kb / 34P
   1M x 16Bit CMOS Dynamic RAM with Fast Page Mode
K4E171611D SAMSUNG-K4E171611D Datasheet
553Kb / 35P
   1M x 16Bit CMOS Dynamic RAM with Extended Data Out
KM416C1000B SAMSUNG-KM416C1000B Datasheet
84Kb / 8P
   1M x 16Bit CMOS Dynamic RAM with Fast Page Mode
logo
Hynix Semiconductor
HY51VS18163HG HYNIX-HY51VS18163HG Datasheet
107Kb / 12P
   1M x 16Bit EDO DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com