Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM7643SU16HV-85LL Datasheet(PDF) 5 Page - Emerging Memory & Logic Solutions Inc

Part # EM7643SU16HV-85LL
Description  4M x 16Bit Asynchronous / Page Mode StRAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMLSI [Emerging Memory & Logic Solutions Inc]
Direct Link  http://www.emlsi.com
Logo EMLSI - Emerging Memory & Logic Solutions Inc

EM7643SU16HV-85LL Datasheet(HTML) 5 Page - Emerging Memory & Logic Solutions Inc

  EM7643SU16HV-85LL Datasheet HTML 1Page - Emerging Memory & Logic Solutions Inc EM7643SU16HV-85LL Datasheet HTML 2Page - Emerging Memory & Logic Solutions Inc EM7643SU16HV-85LL Datasheet HTML 3Page - Emerging Memory & Logic Solutions Inc EM7643SU16HV-85LL Datasheet HTML 4Page - Emerging Memory & Logic Solutions Inc EM7643SU16HV-85LL Datasheet HTML 5Page - Emerging Memory & Logic Solutions Inc EM7643SU16HV-85LL Datasheet HTML 6Page - Emerging Memory & Logic Solutions Inc EM7643SU16HV-85LL Datasheet HTML 7Page - Emerging Memory & Logic Solutions Inc EM7643SU16HV-85LL Datasheet HTML 8Page - Emerging Memory & Logic Solutions Inc EM7643SU16HV-85LL Datasheet HTML 9Page - Emerging Memory & Logic Solutions Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
EM7643SU16H
4Mx16 Async. / Page StRAM
5
Preliminary
Rev. 0.0
DC CHARACTERISTICS(Ta = -25℃ to 85 ℃, VDD=2.6 to 3.3V) (SEE NOTE 3 to 4)
Note
*1. Max VIL of signals(i.e. A0~A21, DQ1~DQ16, CE1#, CE2, WE#, OE#, LB#, UB#) can be 0.2V to 0.616V.
*2. For deep power-down, CE2<=0.2V is essential. If max VIL of CE2 is from 0.2V to 0.616V, the 10uA deep-power
current will not be guaranteed, and the deep-power current might go high as 20uA.
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Input leakage current
ILI
VIN=0 to VDD
-1
-
1
uA
Output leakage current
ILO
Output disable, VOUT= 0V to VDD
-1
-
1
uA
Operating current
IDDO1
tRC= Min, CE1=VIL , CE2=VIH , IOUT=0mA
--
50
mA
Page Access Operating
current
IDDO2
tPC = Min, CE1=VIL, CE2=VIH , IOUT=0mA,
Page add. cycling.
--
25
mA
Output high voltage
VOH
IOH = -0.5mA
0.8*VDD
--
V
Output low voltage
VOL
IOL = 1.0mA, VCC=VCCmin
--
0.15*VCCQ
V
Standby Current (CMOS)
IDDS
CE1>VDD-0.2V, CE2=VDD -0.2V
-
-
150
uA
Deep Power-down
Standby Curret
VDDSD
(*1, *2)
CE2 = 0.2V
--
10
uA
CAPACITANCE (f =1MHz, TA=25
oC)
Note : This parameter is sampled periodically and is not 100% tested
Item
Symbol
Test Condition
Min
Max
Unit
Input capacitance
CIN
VIN=VSS
-
10
pF
Ouput capacitance
COUT
VOUT=VSS
-
30
pF


Similar Part No. - EM7643SU16HV-85LL

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EM7640FP32BT-12LL EMLSI-EM7640FP32BT-12LL Datasheet
188Kb / 11P
   256K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM7640FP32BT-12S EMLSI-EM7640FP32BT-12S Datasheet
188Kb / 11P
   256K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM7640FP32BT-55LL EMLSI-EM7640FP32BT-55LL Datasheet
188Kb / 11P
   256K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM7640FP32BT-55S EMLSI-EM7640FP32BT-55S Datasheet
188Kb / 11P
   256K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM7640FP32BW-12LL EMLSI-EM7640FP32BW-12LL Datasheet
188Kb / 11P
   256K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
More results

Similar Description - EM7643SU16HV-85LL

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EM7323SU16H EMLSI-EM7323SU16H Datasheet
129Kb / 11P
   2M x 16Bit Asynchronous / Page Mode StRAM
logo
Samsung semiconductor
KM416V4000B SAMSUNG-KM416V4000B Datasheet
767Kb / 35P
   4M x 16bit CMOS Dynamic RAM with Fast Page Mode
KM416V4000C SAMSUNG-KM416V4000C Datasheet
88Kb / 9P
   4M x 16bit CMOS Dynamic RAM with Fast Page Mode
K4F661612D SAMSUNG-K4F661612D Datasheet
390Kb / 35P
   4M X 16BIT CMOS DYNAMIC RAM WITH FAST PAGE MODE
K4F661612E SAMSUNG-K4F661612E Datasheet
386Kb / 35P
   4M x 16bit CMOS Dynamic RAM with Fast Page Mode
KM416C4000B SAMSUNG-KM416C4000B Datasheet
826Kb / 35P
   4M x 16bit CMOS Dynamic RAM with Fast Page Mode
KM416C4000C SAMSUNG-KM416C4000C Datasheet
901Kb / 35P
   4M x 16bit CMOS Dynamic RAM with Fast Page Mode
K4F661612C SAMSUNG-K4F661612C Datasheet
844Kb / 35P
   4M x 16bit CMOS Dynamic RAM with Fast Page Mode
K4F661612B SAMSUNG-K4F661612B Datasheet
844Kb / 35P
   4M x 16bit CMOS Dynamic RAM with Fast Page Mode
logo
Hynix Semiconductor
HY51VS65163HG HYNIX-HY51VS65163HG Datasheet
96Kb / 11P
   4M x 16Bit EDO DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com