Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM7164SU16W-12S Datasheet(PDF) 2 Page - Emerging Memory & Logic Solutions Inc

Part # EM7164SU16W-12S
Description  1M x 16 bit Single Transistor RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMLSI [Emerging Memory & Logic Solutions Inc]
Direct Link  http://www.emlsi.com
Logo EMLSI - Emerging Memory & Logic Solutions Inc

EM7164SU16W-12S Datasheet(HTML) 2 Page - Emerging Memory & Logic Solutions Inc

  EM7164SU16W-12S Datasheet HTML 1Page - Emerging Memory & Logic Solutions Inc EM7164SU16W-12S Datasheet HTML 2Page - Emerging Memory & Logic Solutions Inc EM7164SU16W-12S Datasheet HTML 3Page - Emerging Memory & Logic Solutions Inc EM7164SU16W-12S Datasheet HTML 4Page - Emerging Memory & Logic Solutions Inc EM7164SU16W-12S Datasheet HTML 5Page - Emerging Memory & Logic Solutions Inc EM7164SU16W-12S Datasheet HTML 6Page - Emerging Memory & Logic Solutions Inc EM7164SU16W-12S Datasheet HTML 7Page - Emerging Memory & Logic Solutions Inc EM7164SU16W-12S Datasheet HTML 8Page - Emerging Memory & Logic Solutions Inc EM7164SU16W-12S Datasheet HTML 9Page - Emerging Memory & Logic Solutions Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
EM7164SU16W Series
1Mx16 Single Transistor RAM
2
Preliminary
1M x16 bit Single Transistor RAM
GENERAL DESCRIPTION
The EM7164SU16 is 16,777,216 bits of Single Transistor RAM which uses DRAM type memory cells, but
this device has refresh-free operation and extreme low power consumption technology. Furthermore the
interface is compatible to a low power Asynchronous type SRAM. The EM7164SU16 is organized as
1,048,576 Words x 16 bit.
FEATURES
- Organization :1M x16
- Power Supply Voltage : 2.7 ~ 3.3V
- Separated I/O power(VccQ) & Core power(Vcc)
- Three state outputs
- Byte read/write control by UB/LB
- Support Direct Deep Power Down control by ZZ and Auto TCSR for power saving
PRODUCT FAMILY
Part Number
Operating Temp.
Power Supply
Speed
(tRC)
Power Dissipation
Standby
(ISB1, Max.)
Operating
(ICC2, Max.)
EM7164SU16W
-25oC to 85oC
2.7V to 3.3V
70ns
80uA
25mA
FUNCTION BLOCK DIAGRAM
COLUMN SELECT
I/O CIRCUIT
Memory Array
1M X 16
Self-Refresh
CONTROL
CONTROL
LOGIC
ADDRESS
DECODER
Din/Dout BUFFER
DQ0~
DQ15
A0~A19
/ZZ
/CS
/UB
/LB
/WE
/OE


Similar Part No. - EM7164SU16W-12S

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EM7164SU16 EMLSI-EM7164SU16 Datasheet
316Kb / 13P
   1M x 16 bit Single Transistor RAM
EM7164SU16-10L EMLSI-EM7164SU16-10L Datasheet
316Kb / 13P
   1M x 16 bit Single Transistor RAM
EM7164SU16-10LF EMLSI-EM7164SU16-10LF Datasheet
316Kb / 13P
   1M x 16 bit Single Transistor RAM
EM7164SU16-10LL EMLSI-EM7164SU16-10LL Datasheet
316Kb / 13P
   1M x 16 bit Single Transistor RAM
EM7164SU16-10S EMLSI-EM7164SU16-10S Datasheet
316Kb / 13P
   1M x 16 bit Single Transistor RAM
More results

Similar Description - EM7164SU16W-12S

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EM7164SU16 EMLSI-EM7164SU16 Datasheet
316Kb / 13P
   1M x 16 bit Single Transistor RAM
logo
Siemens Semiconductor G...
HYB5116160BSJ-50 SIEMENS-HYB5116160BSJ-50 Datasheet
272Kb / 24P
   1M x 16-Bit Dynamic RAM
HYB5118160BSJ-50 SIEMENS-HYB5118160BSJ-50 Datasheet
254Kb / 24P
   1M x 16-Bit Dynamic RAM
HYB5118165BSJBST-50- SIEMENS-HYB5118165BSJBST-50- Datasheet
192Kb / 24P
   1M x 16-Bit Dynamic RAM 1k Refresh
HYB5118160BSJ-50- SIEMENS-HYB5118160BSJ-50- Datasheet
191Kb / 24P
   1M x 16-Bit Dynamic RAM 1k Refresh
logo
Cypress Semiconductor
CY7C1061AV25 CYPRESS-CY7C1061AV25 Datasheet
269Kb / 11P
   1M x 16 Static RAM
logo
AMIC Technology
A64S0616 AMICC-A64S0616 Datasheet
171Kb / 15P
   1M X 16 Bit Low Voltage Super RAM
A64E06161 AMICC-A64E06161 Datasheet
310Kb / 20P
   1M X 16 Bit Low Voltage Super RAM
A64E06161 AMICC-A64E06161 Datasheet
284Kb / 20P
   1M X 16 Bit Low Voltage Super RAM
logo
Cypress Semiconductor
CY7C1061AV33 CYPRESS-CY7C1061AV33 Datasheet
270Kb / 11P
   1M x 16 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com