Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMC326SP16AJT-10LL Datasheet(PDF) 10 Page - Emerging Memory & Logic Solutions Inc

Part # EMC326SP16AJT-10LL
Description  2Mx16 bit CellularRAM
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMLSI [Emerging Memory & Logic Solutions Inc]
Direct Link  http://www.emlsi.com
Logo EMLSI - Emerging Memory & Logic Solutions Inc

EMC326SP16AJT-10LL Datasheet(HTML) 10 Page - Emerging Memory & Logic Solutions Inc

Back Button EMC326SP16AJT-10LL Datasheet HTML 6Page - Emerging Memory & Logic Solutions Inc EMC326SP16AJT-10LL Datasheet HTML 7Page - Emerging Memory & Logic Solutions Inc EMC326SP16AJT-10LL Datasheet HTML 8Page - Emerging Memory & Logic Solutions Inc EMC326SP16AJT-10LL Datasheet HTML 9Page - Emerging Memory & Logic Solutions Inc EMC326SP16AJT-10LL Datasheet HTML 10Page - Emerging Memory & Logic Solutions Inc EMC326SP16AJT-10LL Datasheet HTML 11Page - Emerging Memory & Logic Solutions Inc EMC326SP16AJT-10LL Datasheet HTML 12Page - Emerging Memory & Logic Solutions Inc EMC326SP16AJT-10LL Datasheet HTML 13Page - Emerging Memory & Logic Solutions Inc EMC326SP16AJT-10LL Datasheet HTML 14Page - Emerging Memory & Logic Solutions Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 64 page
background image
EMC326SP16AJ
2Mx16 CellularRAM
10
Preliminary
Bus Operating Modes
32Mb CellularRAM products incorporate a burst mode interface found on Flash products targeting low-power, wireless applications.
This bus interface supports asynchronous, page mode, and burst mode read and write transfers. The specific interface supported is
defined by the value loaded into the BCR. Page mode is controlled by the refresh configuration register (RCR[7]).
Asynchronous Mode
CellularRAM products power up in the asynchronous operating mode.This mode uses the industry- standard SRAM control bus (CE#,
OE#, WE#, and LB#/UB#). READ operations (Figure 3) are initiated by bringing CE#, OE#, and LB#/UB# LOW while keeping WE#
HIGH. Valid data will be driven out of the I/Os after the specified access time has elapsed. WRITE operations (Figure 4) occur when
CE#, WE#, and LB#/UB# are driven LOW. During asychronous WRITE operations, the OE# level is a “Don’t care”, and WE# will over-
ride OE#. The data to be written is latched on the rising edge of CE#, WE#, or LB#/UB# (whichever occurs first). Asychronous opera-
tions (page mode disabled) can either use the ADV# input to latch the address, or ADV# can be driven LOW during the entire READ/
WRITE operation.
During asychronous operation, the CLK input must be held static LOW. WAIT will be driven while the device is enabled and its state
should be ignored. WE# LOW time must be limited to tCEM
Figure 3: READ Operation (ADV# LOW)
Note: ADV# must remain Low for PAGE MODE operation.
Don’t Care
CE#
Address
OE#
LB#/UB#
DATA
tRC = READ Cycle Time
Data Valid
Address Valid
WE#


Similar Part No. - EMC326SP16AJT-10LL

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EMC326SP16AK EMLSI-EMC326SP16AK Datasheet
489Kb / 52P
   2Mx16 bit CellularRAM AD-MUX
EMC326SP16AK-10L EMLSI-EMC326SP16AK-10L Datasheet
489Kb / 52P
   2Mx16 bit CellularRAM AD-MUX
EMC326SP16AK-10LF EMLSI-EMC326SP16AK-10LF Datasheet
489Kb / 52P
   2Mx16 bit CellularRAM AD-MUX
EMC326SP16AK-10LL EMLSI-EMC326SP16AK-10LL Datasheet
489Kb / 52P
   2Mx16 bit CellularRAM AD-MUX
EMC326SP16AK-12L EMLSI-EMC326SP16AK-12L Datasheet
489Kb / 52P
   2Mx16 bit CellularRAM AD-MUX
More results

Similar Description - EMC326SP16AJT-10LL

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EMC326SP16AK EMLSI-EMC326SP16AK Datasheet
489Kb / 52P
   2Mx16 bit CellularRAM AD-MUX
EMC646SP16J EMLSI-EMC646SP16J Datasheet
602Kb / 65P
   4Mx16 bit CellularRAM
EMC646SP16K EMLSI-EMC646SP16K Datasheet
507Kb / 52P
   4Mx16 bit CellularRAM AD-MUX
logo
Samsung semiconductor
KM23V32005BG SAMSUNG-KM23V32005BG Datasheet
87Kb / 5P
   32M-Bit (4Mx8/2Mx16) COMS MASK ROM
K1S321615M SAMSUNG-K1S321615M Datasheet
239Kb / 12P
   2Mx16 bit Uni-Transistor Random Access Memory
K1S3216B1C SAMSUNG-K1S3216B1C Datasheet
180Kb / 10P
   2Mx16 bit Uni-Transistor Random Access Memory
K3P6C2000B-SC SAMSUNG-K3P6C2000B-SC Datasheet
63Kb / 4P
   32M-Bit (2Mx16 /1Mx32) CMOS MASK ROM
K1S321611C SAMSUNG-K1S321611C Datasheet
179Kb / 10P
   2Mx16 bit Uni-Transistor Random Access Memory
logo
Infineon Technologies A...
HYE18P16161AC INFINEON-HYE18P16161AC Datasheet
641Kb / 33P
   16M Asynchronous/Page CellularRAM
V2.0, December 2003
HYE18P32160AC INFINEON-HYE18P32160AC Datasheet
1Mb / 53P
   32M Synchronous Burst CellularRAM
V2.0, December 2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com