Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GXO-L71 Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # GXO-L71
Description  3.3V LVDS Oscillator
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

GXO-L71 Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  GXO-L71_06 Datasheet HTML 1Page - Golledge Electronics Ltd GXO-L71_06 Datasheet HTML 2Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3.3V LVDS Oscillator
GXO-L71
Tel: +44 1460 256 100
Fax: +44 1460 256 101
E-mail: sales@golledge.com
Web: www.golledge.com
28 Jun 2006
100.0000
106.2500
108.0000
125.0000
155.5200
156.2500
Input (pad 1)
Output 1 (pad 4)
Output 2 (pad 5)
7.50
(max)
5.00
(max)
1.50
(max)
1.40
2.60
2.00
2.20
2.00
1.80
1.80
TOP VIEW
3
2
1
ACTUAL SIZE
4
SOLDER PAD LAYOUT
2.54
12
3
4
5
6
2
5
6
2.54
PAD
1
2
3
4
5
6
CONNECTION
Enable/Disable
Not connected
Ground
Output 1
Output 2
Supply
Features
« Differential outputs
« Enable / disable tristate function
« Power saving function
« Fast rise / fall times
Product name + option codes (if any) + frequency
eg: GXO-L71 80.0MHz ±100ppm -10+70°C
GXO-L71/BI 125.0MHz ±50ppm -40+85°C
Option code X (eg GXO-L71/X) denotes a custom spec.
Ordering Information
Scale 2:1
Option
Codes
GXO-L71
Product
Parameters
Standard.
Optional - Please specify required code(s) when ordering
Specifications
* Frequency stability is inclusive of calibration @ 25°C, operating temperature range, supply
voltage change, load change, ageing, shock and vibration.
Frequencies in MHz
Standard Frequencies
Open
‘1’ level ( 0.7V
DD)
‘0’ level ( 0.3V
DD)
Enabled
Enabled
High Impedance
Enabled
Enabled
High Impedance
Enable / Disable Function
Other frequencies available. Please consult our sales office.
Frequency range:
80.0 ~ 250MHz
Frequency stability*:
±100ppm
±50ppm
B
±25ppm
A
Operating temperature range:
-10 to +70°C
-40 to +85°C
I
Storage temperature range:
-55 to +125°C
Supply voltage (V
DD):
+3.3V (±5%)
Supply current:
66mA max
Output:
LVDS
Offset voltage:
1.25V typ
Differential output voltage:
0.247V ~ 0.454V (0.33V typ)
Output load:
100
Start up time:
10ms max
Waveform symmetry:
45:55 max @ 50%V
P-P
Rise / fall time:
0.7ns max (20 ~ 80%V
P-P)
Enable / disable function:
Tristate (control via pad 1)
Output enable / disable time:
10 ms / 200ns max
Stand-by current:
30µA max
Phase jitter RMS:
1ps max, 12kHz~20MHz


Similar Part No. - GXO-L71_06

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
GXO-L71/BI GOLLEDGE-GXO-L71/BI Datasheet
153Kb / 2P
   3.3V LVDS Oscillator
GXO-L71BI GOLLEDGE-GXO-L71BI Datasheet
61Kb / 1P
   3.3V LVDS Oscillator
GXO-L71 GOLLEDGE-GXO-L71_16 Datasheet
153Kb / 2P
   3.3V LVDS Oscillator
More results

Similar Description - GXO-L71_06

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
GXO-L71 GOLLEDGE-GXO-L71_16 Datasheet
153Kb / 2P
   3.3V LVDS Oscillator
GXOL71 GOLLEDGE-GXOL71 Datasheet
61Kb / 1P
   3.3V LVDS Oscillator
logo
EUROQUARTZ limited
EQXP-LC73 EUROQUARTZ-EQXP-LC73 Datasheet
164Kb / 1P
   LVDS 7x5mm 3.3V OSCILLATOR
logo
Golledge Electronics Lt...
GXO-L31 GOLLEDGE-GXO-L31 Datasheet
147Kb / 2P
   2.5V & 3.3V LVDS Oscillator
logo
EUROQUARTZ limited
EQXP-LC53 EUROQUARTZ-EQXP-LC53 Datasheet
164Kb / 1P
   LVDS 5x3.2mm 3.3V OSCILLATOR
logo
Golledge Electronics Lt...
GXO-L72 GOLLEDGE-GXO-L72_16 Datasheet
197Kb / 2P
   2.5V & 3.3V LVDS Oscillator
logo
Fox Electronics
F4700 FOX-F4700 Datasheet
78Kb / 1P
   LVDS 7x5mm 3.3V Oscillator
logo
Golledge Electronics Lt...
GXOL72 GOLLEDGE-GXOL72 Datasheet
97Kb / 2P
   2.5V & 3.3V LVDS Oscillator
logo
Fox Electronics
FXO-LC736R-100 FOX-FXO-LC736R-100 Datasheet
335Kb / 15P
   LVDS 7 x 5mm 3.3V Oscillator
FXU-LC53 FOX-FXU-LC53 Datasheet
297Kb / 11P
   LVDS 5 x 3.2mm 3.3V Oscillator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com