Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMP116MGAW-70E Datasheet(PDF) 5 Page - Emerging Memory & Logic Solutions Inc

Part # EMP116MGAW-70E
Description  21Mx16 Pseudo Static RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMLSI [Emerging Memory & Logic Solutions Inc]
Direct Link  http://www.emlsi.com
Logo EMLSI - Emerging Memory & Logic Solutions Inc

EMP116MGAW-70E Datasheet(HTML) 5 Page - Emerging Memory & Logic Solutions Inc

  EMP116MGAW-70E Datasheet HTML 1Page - Emerging Memory & Logic Solutions Inc EMP116MGAW-70E Datasheet HTML 2Page - Emerging Memory & Logic Solutions Inc EMP116MGAW-70E Datasheet HTML 3Page - Emerging Memory & Logic Solutions Inc EMP116MGAW-70E Datasheet HTML 4Page - Emerging Memory & Logic Solutions Inc EMP116MGAW-70E Datasheet HTML 5Page - Emerging Memory & Logic Solutions Inc EMP116MGAW-70E Datasheet HTML 6Page - Emerging Memory & Logic Solutions Inc EMP116MGAW-70E Datasheet HTML 7Page - Emerging Memory & Logic Solutions Inc EMP116MGAW-70E Datasheet HTML 8Page - Emerging Memory & Logic Solutions Inc EMP116MGAW-70E Datasheet HTML 9Page - Emerging Memory & Logic Solutions Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
EMP116MGAW Series
1Mx16 Pseudo Static RAM
Preliminary
Rev 0.0
DC AND OPERATING CHARACTERISTICS
1. Maximum Icc specifications are tested with VCC = VCCmax.
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Input leakage current
ILI
VIN=VSS to VCCQ , VCC=VCCmax
-1
-
1
uA
Output leakage current
ILO
CS#=VIH , ZZ#=VIH , OE#=VIH or WE#=VIL ,
VIO=VSS to VCCQ , VCC=VCCmax
-1
-
1
uA
Average operating current
ICC1
Cycle time=1
µs, 100% duty, IIO=0mA,
CS#<0.2V, ZZ#=VIH , VIN<0.2V or VIN>VCCQ-0.2V
-
-
3
mA
ICC2
Cycle time = Min, IIO=0mA, 100% duty,
CS#=VIL, ZZ#=VIH, VIN=VIL or VIH
-
-
25
mA
Output low voltage
VOL
IOL = 0.5mA, VCC=VCCmin
-
-
0.2*VCCQ
V
Output high voltage
VOH
IOH = -0.5mA, VCC=VCCmin
0.8*VCCQ
-
-
V
Standby Current (CMOS)
ISB
CS#,ZZ#>VCCQ-0.2V, Other inputs = 0 ~ VCCQ
(Typ. condition : VCC=3.0V @ 25oC)
(Max. condition : VCC=3.3V @ 85oC)
Standard
Reduced
Low Power
150
120
100
uA
RECOMMENDED DC OPERATING CONDITIONS 1)
1. TA= -25 to 85oC, otherwise specified
2. Overshoot: VCC +1.0 V in case of pulse width < 20ns
3. Undershoot: -1.0 V in case of pulse width < 20ns
4. Overshoot and undershoot are sampled, not 100% tested
.
Parameter
Symbol
Min
Typ
Max
Unit
Supply voltage
VCC
2.7
3.0
3.3
V
VCCQ
2.7
3.0
3.3
V
Ground
VSS, VSSQ
0
0
0
V
Input high voltage
VIH
0.8 * VCCQ
-
VCCQ + 0.22)
V
Input low voltage
VIL
-0.23)
-
0.2 * VCCQ
V
CAPACITANCE1) (f =1MHz, TA=25oC)
1. Capacitance is sampled, not 100% tested
Item
Symbol
Test Condition
Min
Max
Unit
Input capacitance
CIN
VIN=0V
-
8
pF
Input/Ouput capacitance
CIO
VIO=0V
-
8
pF


Similar Part No. - EMP116MGAW-70E

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EMP116MAAF EMLSI-EMP116MAAF Datasheet
471Kb / 11P
   1Mx16 Pseudo Static RAM
EMP116MAAFLF-70E EMLSI-EMP116MAAFLF-70E Datasheet
471Kb / 11P
   1Mx16 Pseudo Static RAM
EMP116MEAW EMLSI-EMP116MEAW Datasheet
539Kb / 14P
   1Mx16 Pseudo Static RAM
EMP116MEAW-70E EMLSI-EMP116MEAW-70E Datasheet
539Kb / 14P
   1Mx16 Pseudo Static RAM
EMP116MFAW EMLSI-EMP116MFAW Datasheet
422Kb / 11P
   1Mx16 Pseudo Static RAM
More results

Similar Description - EMP116MGAW-70E

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EMP216MFAW EMLSI-EMP216MFAW Datasheet
422Kb / 11P
   2Mx16 Pseudo Static RAM
EMP216MAAF EMLSI-EMP216MAAF Datasheet
471Kb / 11P
   2Mx16 Pseudo Static RAM
EMP216MEAF EMLSI-EMP216MEAF Datasheet
621Kb / 15P
   2Mx16 Pseudo Static RAM
EMP216MGAF EMLSI-EMP216MGAF Datasheet
551Kb / 13P
   2Mx16 Pseudo Static RAM
EMP216MFAF EMLSI-EMP216MFAF Datasheet
504Kb / 12P
   2Mx16 Pseudo Static RAM
EMP116MAAF EMLSI-EMP116MAAF Datasheet
471Kb / 11P
   1Mx16 Pseudo Static RAM
EMP116MEAW EMLSI-EMP116MEAW Datasheet
539Kb / 14P
   1Mx16 Pseudo Static RAM
EMP216MAAW EMLSI-EMP216MAAW Datasheet
388Kb / 10P
   2Mx16 Pseudo Static RAM
EMP216MGAW EMLSI-EMP216MGAW Datasheet
468Kb / 12P
   2Mx16 Pseudo Static RAM
EMP216MEAW EMLSI-EMP216MEAW Datasheet
163Kb / 14P
   2Mx16 Pseudo Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com