Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMP116MAAF Datasheet(PDF) 11 Page - Emerging Memory & Logic Solutions Inc

Part # EMP116MAAF
Description  1Mx16 Pseudo Static RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMLSI [Emerging Memory & Logic Solutions Inc]
Direct Link  http://www.emlsi.com
Logo EMLSI - Emerging Memory & Logic Solutions Inc

EMP116MAAF Datasheet(HTML) 11 Page - Emerging Memory & Logic Solutions Inc

Back Button EMP116MAAF Datasheet HTML 3Page - Emerging Memory & Logic Solutions Inc EMP116MAAF Datasheet HTML 4Page - Emerging Memory & Logic Solutions Inc EMP116MAAF Datasheet HTML 5Page - Emerging Memory & Logic Solutions Inc EMP116MAAF Datasheet HTML 6Page - Emerging Memory & Logic Solutions Inc EMP116MAAF Datasheet HTML 7Page - Emerging Memory & Logic Solutions Inc EMP116MAAF Datasheet HTML 8Page - Emerging Memory & Logic Solutions Inc EMP116MAAF Datasheet HTML 9Page - Emerging Memory & Logic Solutions Inc EMP116MAAF Datasheet HTML 10Page - Emerging Memory & Logic Solutions Inc EMP116MAAF Datasheet HTML 11Page - Emerging Memory & Logic Solutions Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
EMP116MAAF Series
1Mx16 Pseudo Static RAM
Preliminary
Rev 0.0
A1 corner index area
A
E2(Seating plane)
A
B
C
D
E
F
G
H
6
5
4
3
2 1
B
B1
B/2
B
PACKAGE DIMENSION
48 Ball Fine Pitch BGA (0.75mm ball pitch)
Bottom View
Top View
C
D(Diameter)
Min.
Typ.
Max.
A
-
0.75
-
B
5.90
6.00
6.10
B1
-
3.75
-
C
7.90
8.00
8.10
C1
-
5.25
-
D
0.30
0.35
0.40
E
-
1.00
1.10
E1
-
0.75
-
E2
0.20
0.25
0.30
R
-
-
0.08
NOTES
1. Dimensioning and tolerancing per ASME Y14.5M-1994.
2. All dimensions are millimeters.
3. Dimension “D” is measured at the maximum solder ball
diameter in a plane parallel to datum C.
4. Primary datum C (Seating plane) is defined by the crown
of the solder balls.
5. This is a controlling dimension.
Side View
Detail A
A1 index Mark
C
5
3
4
A
R


Similar Part No. - EMP116MAAF

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EMP116MEAW EMLSI-EMP116MEAW Datasheet
539Kb / 14P
   1Mx16 Pseudo Static RAM
EMP116MEAW-70E EMLSI-EMP116MEAW-70E Datasheet
539Kb / 14P
   1Mx16 Pseudo Static RAM
EMP116MFAW EMLSI-EMP116MFAW Datasheet
422Kb / 11P
   1Mx16 Pseudo Static RAM
EMP116MGAW EMLSI-EMP116MGAW Datasheet
468Kb / 12P
   21Mx16 Pseudo Static RAM
EMP116MGAW-70E EMLSI-EMP116MGAW-70E Datasheet
468Kb / 12P
   21Mx16 Pseudo Static RAM
More results

Similar Description - EMP116MAAF

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EMP116MFAW EMLSI-EMP116MFAW Datasheet
422Kb / 11P
   1Mx16 Pseudo Static RAM
EMP116MEAW EMLSI-EMP116MEAW Datasheet
539Kb / 14P
   1Mx16 Pseudo Static RAM
EMP216MFAW EMLSI-EMP216MFAW Datasheet
422Kb / 11P
   2Mx16 Pseudo Static RAM
EMP216MAAF EMLSI-EMP216MAAF Datasheet
471Kb / 11P
   2Mx16 Pseudo Static RAM
EMP216MEAF EMLSI-EMP216MEAF Datasheet
621Kb / 15P
   2Mx16 Pseudo Static RAM
EMP216MGAF EMLSI-EMP216MGAF Datasheet
551Kb / 13P
   2Mx16 Pseudo Static RAM
EMP216MFAF EMLSI-EMP216MFAF Datasheet
504Kb / 12P
   2Mx16 Pseudo Static RAM
EMP216MAAW EMLSI-EMP216MAAW Datasheet
388Kb / 10P
   2Mx16 Pseudo Static RAM
EMP216MGAW EMLSI-EMP216MGAW Datasheet
468Kb / 12P
   2Mx16 Pseudo Static RAM
EMP216MEAW EMLSI-EMP216MEAW Datasheet
163Kb / 14P
   2Mx16 Pseudo Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com