Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMC326SP16AKV-10LF Datasheet(PDF) 9 Page - Emerging Memory & Logic Solutions Inc

Part # EMC326SP16AKV-10LF
Description  2Mx16 bit CellularRAM AD-MUX
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMLSI [Emerging Memory & Logic Solutions Inc]
Direct Link  http://www.emlsi.com
Logo EMLSI - Emerging Memory & Logic Solutions Inc

EMC326SP16AKV-10LF Datasheet(HTML) 9 Page - Emerging Memory & Logic Solutions Inc

Back Button EMC326SP16AKV-10LF Datasheet HTML 5Page - Emerging Memory & Logic Solutions Inc EMC326SP16AKV-10LF Datasheet HTML 6Page - Emerging Memory & Logic Solutions Inc EMC326SP16AKV-10LF Datasheet HTML 7Page - Emerging Memory & Logic Solutions Inc EMC326SP16AKV-10LF Datasheet HTML 8Page - Emerging Memory & Logic Solutions Inc EMC326SP16AKV-10LF Datasheet HTML 9Page - Emerging Memory & Logic Solutions Inc EMC326SP16AKV-10LF Datasheet HTML 10Page - Emerging Memory & Logic Solutions Inc EMC326SP16AKV-10LF Datasheet HTML 11Page - Emerging Memory & Logic Solutions Inc EMC326SP16AKV-10LF Datasheet HTML 12Page - Emerging Memory & Logic Solutions Inc EMC326SP16AKV-10LF Datasheet HTML 13Page - Emerging Memory & Logic Solutions Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 52 page
background image
EMC326SP16AK
2Mx16 CellularRAM AD-MUX
9
Preliminary
FUNTIONAL DESCRIPTION
In general, 32Mb CellularRAM devices are high-density alternatives to SRAM and Pseudo SRAM products, popular in low-power,
portable applications. The 32Mb device contains a 33,554,432-bit DRAM core, organized as 2,097,152 addresses by 16 bits.The device
implement a multiplexed address/data bus. This multiplexed configuration supports greater bandwidth through the x16 data bus, yet still
reduces the required signal count. The 32Mb CellularRAM bus interface supports both asynchronous and burst mode transfers.
POWER-UP INITIALIZATION
32Mb CellularRAM products include an on-chip voltage sensor used to launch the power-up initialization process. Initialization will
configure the BCR and the RCR with their default settings. VCC and VCCQ must be applied simultaneously. When they reach a stable
level at or above 1.7V, the device will require 150
µs to complete its self-initialization process. Until the end of tPU, CE# should track
VccQ and remain HIGH. When initialization is complete, the device is ready for normal operation.
Figure 2: Power-Up Initialization Timing
Vcc
VccQ
Vcc=1.7V
tPU
Device Initialization
Device ready for
normal operation


Similar Part No. - EMC326SP16AKV-10LF

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EMC326SP16AJ EMLSI-EMC326SP16AJ Datasheet
612Kb / 64P
   2Mx16 bit CellularRAM
EMC326SP16AJ-10L EMLSI-EMC326SP16AJ-10L Datasheet
612Kb / 64P
   2Mx16 bit CellularRAM
EMC326SP16AJ-10LF EMLSI-EMC326SP16AJ-10LF Datasheet
612Kb / 64P
   2Mx16 bit CellularRAM
EMC326SP16AJ-10LL EMLSI-EMC326SP16AJ-10LL Datasheet
612Kb / 64P
   2Mx16 bit CellularRAM
EMC326SP16AJ-12L EMLSI-EMC326SP16AJ-12L Datasheet
612Kb / 64P
   2Mx16 bit CellularRAM
More results

Similar Description - EMC326SP16AKV-10LF

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EMC646SP16K EMLSI-EMC646SP16K Datasheet
507Kb / 52P
   4Mx16 bit CellularRAM AD-MUX
EMC326SP16AJ EMLSI-EMC326SP16AJ Datasheet
612Kb / 64P
   2Mx16 bit CellularRAM
EMC646SP16J EMLSI-EMC646SP16J Datasheet
602Kb / 65P
   4Mx16 bit CellularRAM
logo
Analog Devices
AD7570 AD-AD7570_15 Datasheet
3Mb / 12P
   10-Bit Monolithic AD Converter
logo
Asahi Kasei Microsystem...
AK5482 AKM-AK5482 Datasheet
73Kb / 13P
   10 BIT 20MHZ AD CONVERTER
logo
List of Unclassifed Man...
AD7819YR-REEL7 ETC2-AD7819YR-REEL7 Datasheet
34Kb / 1P
   8-BIT SAMPLING AD CONVERTER
logo
Analog Devices
AD574AJN AD-AD574AJN Datasheet
781Kb / 12P
   Complete 12-bit AD Converter
REV. B
logo
KODENSHI_AUK CORP.
TPSMD02-1 KODENSHI-TPSMD02-1 Datasheet
233Kb / 2P
   AD converter bit count 10Bit
logo
Samsung semiconductor
KM23V32005BG SAMSUNG-KM23V32005BG Datasheet
87Kb / 5P
   32M-Bit (4Mx8/2Mx16) COMS MASK ROM
K1S321615M SAMSUNG-K1S321615M Datasheet
239Kb / 12P
   2Mx16 bit Uni-Transistor Random Access Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com