Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TG931 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # TG931
Description  Low TC Precision High Voltage Resistors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TG931 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  TG931 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Sales and Corporate Office
1717 Chicago Avenue
Riverside, California 92507-2364
Phone: (951) 788-1700
Fax: (951) 369-1151
Applications Engineering
17271 North Umpqua Hwy.
Roseburg, Oregon 97470-9422
Phone: (541) 496-0700
Fax: (541) 496-0408
e-mail: caddock@caddock.com • web: www.caddock.com
For Caddock Distributors listed by country see caddock.com/contact/dist.html
© 2004 Caddock Electronics, Inc.
CAD
K
DOC
To meet the precision temperature stability requirements
of high accuracy, high voltage systems, Caddock introduces
the Type TG Low TC Precision High Voltage Resistors.
These resistors utilize our proven Tetrinox® resistance
system to achieve the unique combination of low temperature
coefficient with high stability performance at high operating
voltages.
The Type TG Low TC Precision High Voltage Resistors
are designed to meet the demanding stability requirements of
TWT power supplies, electron microscopes, X-ray systems,
high resolution CRT displays, and geophysical instruments.
Type TG Low TC Precision High Voltage Resistors
All Type TG resistors are produced with
Caddock's Non-inductive Serpentine Pattern.
The performance features of the Type TG Low TC
Precision High Voltage Resistors are:
Temperature Coefficient: 25 ppm/°C from -55°C to +125°C.
Load Life Stability of 0.25% per 1,000 hours at +125°C.
Resistance Tolerance from ±1.0% to ±0.1%.
Resistance Range from 1 Megohm to 1,000 Megohms.
Maximum Continuous Operating Temperature of +225°C.
The low temperature coefficient minimizes the self-drift
due to power dissipation warm-up.
TG985
TG980
TG950
TG931
TG1010
TG1015
TG940
TC of 25 ppm/°C from -55°C to +125°C, Resistance Range from 1 Megohm to 1,000 Megohms
1.500 ± .125
(38.10 ± 3.18)
A
B
C
AMBIENT TEMPERATURE, °C
100
80
60
40
20
0
25
75
125
175
225 275
RATED POWER OR
RATED VOLTAGE, %
Derating Curve:
DIMENSIONS IN INCHES AND (MILLIMETERS)
Dielect.
Strength
Max.
Continuous
Oper. Volt.
Watt-
age
Model
No.
A
B
C
Dimensions in inches and (millimeters)
Resistance
Min.
Max.
TG931
1.000 ±.060
(25.40 ±1.52)
.315 ±.030
(8.00 ±.76)
.040 ±.002
(1.02 ±.05)
TG940
1.500 ±.060
(38.10 ±1.52)
.315 ±.030
(8.00 ±.76)
.040 ±.002
(1.02 ±.05)
TG950
2.125 ±.060
(53.98 ±1.52)
.315 ±.030
(8.00 ±.76)
.040 ±.002
(1.02 ±.05)
TG980
3.125 ±.060
(79.38 ±1.52)
.315 ±.030
(8.00 ±.76)
.040 ±.002
(1.02 ±.05)
TG985
4.000 ±.120
(101.60 ±3.05)
.315 ±.030
(8.00 ±.76)
.040 ±.002
(1.02 ±.05)
TG1010
5.000 ±.120
(127.00 ±3.05)
.315 ±.030
(8.00 ±.76)
.040 ±.002
(1.02 ±.05)
TG1015
6.000 ±.120
(152.40 ±3.05)
.350 ±.040
(8.89 ±1.02)
.040 ±.002
(1.02 ±.05)
1.0
1.5
2.0
3.0
4.0
5.0
6.0
4,000
6,000
10,000
15,000
20,000
25,000
30,000
750
750
1,000
1,000
1,000
1,000
1,000
25
25
25
25
25
25
25
1 Meg
1.5 Meg
2 Meg
3 Meg
4 Meg
5 Meg
6 Meg
50 Meg
100 Meg
200 Meg
300 Meg
400 Meg
500 Meg
1000 Meg
TC
ppm/
°
C
-15
Min.
40 Meg
64 Meg
128 Meg
192 Meg
320 Meg
400 Meg
384 Meg
Extended Maximum Continuous Operating Voltage Rating
Maximum continuous operating voltages up to 60% higher than the values listed
in the table can be achieved through special factory conditioning. To specify maximum
continuous operating voltages above the values listed in the table, add a "-15" to the
model number (Example: TG950-15). Note that the standard overload and overvoltage
ratings do not apply to the "-15" resistors. Resistance range for "-15" resistors shown
in the table are from "-15 Min." to "Max.
"
Combine Type TG and Type TK Resistors for Low Ratio TC Tracking
The Type TG Low TC Precision High Voltage Resistors can be
used in combination with the low Absolute Temperature Coefficient of
the Type TK Low TC Precision Radial-Lead Film Resistors
(Model TK133 with TC of 5 ppm/°C) to achieve 30 ppm/°C Ratio
TC without special matching.
With special matching, a
Ratio TC of 10 ppm/°C can be achieved.
The low temperature coefficient for both the Type TG
and Type TK resistors will also minimize ratio drift due
to power dissipation warm-up.
Certain products shown in this catalog are covered by one or more patents, there are also patents pending.
Specifications:
Resistance Tolerance: ±1% (tolerances to 0.1%
on special order).
Temperature Coefficient: 25 ppm/°C refer-
enced to +25°C, ΔR taken at -55°C and +125°C.
Insulation Resistance: 10,000 Megohms, min.
Overload/Overvoltage: 5 times rated power with
applied voltage not to exceed 1.5 times maximum
continuous operating voltage for 5 seconds.
Δ
R 0.20% max.
Thermal Shock: Mil-Std-202, Method 107,
Cond. B, ΔR 0.20% max.
Moisture Resistance: Mil-Std-202, Method 106,
Δ
R 0.20% max.
Load Life: 1,000 hours at +125°C at rated
voltage, not to exceed rated power, ΔR 0.25%.
Solderable Leads
Encapsulation: High Temperature Silicone
Conformal.
N Non-inductive
performance with
Caddock's exclusive design
28_IL111.1004


Similar Part No. - TG931

ManufacturerPart #DatasheetDescription
logo
Caddock Electronics, In...
TG931 CADDOCK-TG931 Datasheet
165Kb / 1P
   Type TG Low TC Precision High Voltage Resistors
TG931 CADDOCK-TG931_17 Datasheet
723Kb / 1P
   Type TG Low TC Precision High Voltage Resistors
More results

Similar Description - TG931

ManufacturerPart #DatasheetDescription
logo
Caddock Electronics, In...
TG931 CADDOCK-TG931 Datasheet
165Kb / 1P
   Type TG Low TC Precision High Voltage Resistors
TG931 CADDOCK-TG931_17 Datasheet
723Kb / 1P
   Type TG Low TC Precision High Voltage Resistors
logo
List of Unclassifed Man...
TF020N ETC2-TF020N Datasheet
116Kb / 1P
   Low TC Ultra-Precision Film Resistors
TK121 ETC2-TK121 Datasheet
166Kb / 2P
   Low TC Precision Radial-Lead Film Resistors
TN130 ETC2-TN130 Datasheet
106Kb / 1P
   Lab Grade Low TC Precision Film Resistors
HVE20 ETC-HVE20 Datasheet
447Kb / 1P
   Precision high voltage resistors
MX431 ETC2-MX431 Datasheet
118Kb / 1P
   PRECISION HIGH VOLTAGE RESISTORS
MG650 ETC2-MG650 Datasheet
310Kb / 2P
   Precision High Voltage Resistors
logo
Caddock Electronics, In...
TF020N CADDOCK-TF020N Datasheet
180Kb / 1P
   Type TF Low TC Ultra-Precision Film Resistors
TK200 CADDOCK-TK200 Datasheet
371Kb / 2P
   Type TK Low TC Precision Radial-Lead Film Resistors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com