Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

184103K63RBA-F Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # 184103K63RBA-F
Description  Radial Box Metallized Polyester Capacitors for Automatic Insertion
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

184103K63RBA-F Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  184103K63RBA-F Datasheet HTML 1Page - List of Unclassifed Manufacturers 184103K63RBA-F Datasheet HTML 2Page - List of Unclassifed Manufacturers 184103K63RBA-F Datasheet HTML 3Page - List of Unclassifed Manufacturers 184103K63RBA-F Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Type 167/184 Metallized Polyester Radial Lead Capacitors
Cap
(µF)
Catalog
Part Number
Tape & Reel
Ammo Pack
Inches
Millimeters
L
T
H
S
Ød
L
T
H
S
Ød
250 Vdc / 160 Vac
.010
167103*250A–F 184103*250#A>–F 0.413
0.138
0.276
0.295
0.024
10.5
3.5
7.0
7.5
0.6
.015
167153*250A–F 184153*250#A>–F 0.413
0.138
0.276
0.295
0.024
10.5
3.5
7.0
7.5
0.6
.018
167183*250A–F 184183*250#A>–F 0.413
0.138
0.276
0.295
0.024
10.5
3.5
7.0
7.5
0.6
.022
167223*250A–F 184223*250#A>–F 0.413
0.138
0.276
0.295
0.024
10.5
3.5
7.0
7.5
0.6
.027
167273*250B–F 184273*250#B>–F 0.413
0.157
0.354
0.295
0.024
10.5
4.0
9.0
7.5
0.6
.033
167333*250B–F 184333*250#B>–F 0.413
0.157
0.354
0.295
0.024
10.5
4.0
9.0
7.5
0.6
.039
167393*250B–F 184393*250#B>–F 0.413
0.157
0.354
0.295
0.024
10.5
4.0
9.0
7.5
0.6
.047
167473*250B–F 184473*250#B>–F 0.413
0.157
0.354
0.295
0.024
10.5
4.0
9.0
7.5
0.6
.068 167683*250C–F 184683*250#C>–F 0.413
0.197
0.433
0.295
0.024
10.5
5.0
11.0
7.5
0.6
.100 167104*250C–F 184104*250#C>–F 0.413
0.197
0.433
0.295
0.024
10.5
5.0
11.0
7.5
0.6
400 Vdc / 200 Vac
.0047 167472*400A–F 184472*400#A>–F 0.413
0.138
0.276
0.295
0.024
10.5
3.5
7.0
7.5
0.6
.0056 167562*400A–F 184562*400#A>–F 0.413
0.138
0.276
0.295
0.024
10.5
3.5
7.0
7.5
0.6
.0068 167682*400A–F 184682*400#A>–F 0.413
0.138
0.276
0.295
0.024
10.5
3.5
7.0
7.5
0.6
.010
167103*400A–F 184103*400#A>–F 0.413
0.138
0.276
0.295
0.024
10.5
3.5
7.0
7.5
0.6
.015
167153*400B–F 184153*400#B>–F 0.413
0.157
0.354
0.295
0.024
10.5
4.0
9.0
7.5
0.6
.022 167223*400C–F 184223*400#C>–F 0.413
0.197
0.433
0.295
0.024
10.5
5.0
11.0
7.5
0.6
.033 167333*400C–F 184333*400#C>–F 0.413
0.197
0.433
0.295
0.024
10.5
5.0
11.0
7.5
0.6
630 Vdc / 220 Vac
.0010 167102*630A–F 184102*630#A>–F 0.413
0.138
0.276
0.295
0.024
10.5
3.5
7.0
7.5
0.6
.0015 167152*630A–F 184152*630#A>–F 0.413
0.138
0.276
0.295
0.024
10.5
3.5
7.0
7.5
0.6
.0022 167222*630A–F 184222*630#A>–F 0.413
0.138
0.276
0.295
0.024
10.5
3.5
7.0
7.5
0.6
.0033 167332*630A–F 184332*630#A>–F 0.413
0.138
0.276
0.295
0.024
10.5
3.5
7.0
7.5
0.6
.0047 167472*630B–F 184472*630#B>–F 0.413
0.157
0.354
0.295
0.024
10.5
4.0
9.0
7.5
0.6
.0068 167682*630B–F 184682*630#B>–F 0.413
0.157
0.354
0.295
0.024
10.5
4.0
9.0
7.5
0.6
.010 167103*630C–F 184103*630#C>–F 0.413
0.197
0.433
0.295
0.024
10.5
5.0
11.0
7.5
0.6
.015 167153*630D–F 184153*630#D>–F 0.413
0.236
0.472
0.295
0.024
10.5
6.0
12.0
7.5
0.6
* Indicates capacitance tolerance: J = ±5%, K = ±10%, M = ±20%
# Indicates packaging type: R = Tape and Reel, A = Ammo Pack
> Indicates tooling code: A = 16.5 mm, B = 18.5 mm, C = 16.0 mm (See H dimension in taping specification)
Part Numbering System for Bulk Items
167
104
K
100
A
-F
Case
RoHS
Series
Capacitance Tolerance
Voltage
Code
Compliant
167 392 = .0039 µF J = ±5%
63 = 63 Vdc
A
Designator
103 = .01 µF
K = ±10% 100 = 100 Vdc
B
104 = .1 µF
M = ±20% 250 = 250 Vdc
C
105 = 1.0 µF
630 = 630 Vdc
D
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com


Similar Part No. - 184103K63RBA-F

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
184113-1 MACOM-184113-1 Datasheet
47Kb / 1P
   COPALUM Sealed Terminals and Splices
logo
PHOENIX CONTACT
1841161 PHOENIX-1841161 Datasheet
162Kb / 5P
   MC 1,5/12-G-3,5
1841161 PHOENIX-1841161 Datasheet
388Kb / 12P
   MC 1,5/ 3-G-3,5 P26 THR
1841161 PHOENIX-1841161 Datasheet
397Kb / 12P
   MC 1,5/ 6-G-3,5 P26 THR
1841161 PHOENIX-1841161 Datasheet
402Kb / 12P
   MC 1,5/ 8-G-3,5 P26 THR
More results

Similar Description - 184103K63RBA-F

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
160 CDE-160_17 Datasheet
442Kb / 6P
   Radial Box Metallized Polyester Capacitors
logo
List of Unclassifed Man...
16810450A-F ETC2-16810450A-F Datasheet
584Kb / 4P
   Metallized Polyester Radial Lead Capacitors
16022463C-F ETC2-16022463C-F Datasheet
779Kb / 5P
   Metallized Polyester Radial Lead Capacitors
171333160B-F ETC2-171333160B-F Datasheet
190Kb / 3P
   Radial Box Metallized Polypropylene Capacitors
logo
Cornell Dubilier Electr...
171 CDE-171 Datasheet
190Kb / 3P
   Radial Box Metallized Polypropylene Capacitors
DMMAAS47K-F CDE-DMMAAS47K-F Datasheet
184Kb / 2P
   Polyester Film Capacitors Metallized Radial Leads
DME1P56K-F CDE-DME1P56K-F Datasheet
210Kb / 4P
   Polyester Film Capacitors Metallized Radial Leads
logo
Illinois Capacitor, Inc...
103MSR400K ILLINOISCAPACITOR-103MSR400K_13 Datasheet
238Kb / 2P
   Radial leaded metallized polyester film capacitors
logo
Cornell Dubilier Electr...
DMM1P15K-F CDE-DMM1P15K-F Datasheet
205Kb / 2P
   Polyester Film Capacitors Metallized Radial Leads
DSF050J103 CDE-DSF050J103 Datasheet
119Kb / 2P
   Polyester Capacitors Stacked Metallized Radial Leads
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com