Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MV217 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MV217
Description  Low Resistance Power Film Resistors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MV217 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MV217 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Sales and Corporate Office
1717 Chicago Avenue
Riverside, California 92507-2364
Phone: (951) 788-1700
Fax: (951) 369-1151
Applications Engineering
17271 North Umpqua Hwy.
Roseburg, Oregon 97470-9422
Phone: (541) 496-0700
Fax: (541) 496-0408
e-mail: caddock@caddock.com • web: www.caddock.com
For Caddock Distributors listed by country see caddock.com/contact/dist.html
© 2004 Caddock Electronics, Inc.
CAD
K
DOC
Type MV Low Resistance Power Film Resistors
Values from 0.1 ohm to 50 ohms with Exclusive Non-Inductive Design
Model
No.
Watt-
age
Oper.
Temp.
(Max.)
Dielect.
Strength Min.
Max.
A
B
C
Leadwire
Resistance
Dimensions in inches and (millimeters)
MV
217
1.5
275°C
800
0.20 Ω
50 Ω
.400 ±.060
(10.16 ±1.52)
.140 ±.030
(3.56 ±.76)
.025 ±.002
(.64 ±.05)
Solderable
MV
228
2.0
275°C
1,000
0.10 Ω
50 Ω
.480 ±.060
(12.19 ±1.52)
.230 ±.030
(5.84 ±.76)
.040 ±.002
(1.02 ±.05)
MV
234
3.0
275°C
1,000
0.10 Ω
50 Ω
.570 ±.060
(14.48 ±1.52)
.300 ±.030
(7.62 ±.76)
.040 ±.002
(1.02 ±.05)
MV
261
6.0
275°C
1,000
0.10 Ω
50 Ω
.910 ±.060
(23.11 ±1.52)
.350 ±.040
(8.89 ±.76)
.040 ±.002
(1.02 ±.05)
MV
311
10.0
275°C
1,000
0.10 Ω
50 Ω
2.000 ±.080
(50.80 ±2.03)
.350 ±.040
(8.89 ±1.02)
.040 ±.002
(1.02 ±.05)
Solderable
Solderable
Solderable
Solderable
Specifications:
Resistance Tolerance: ±1% (5%, 10% and
20% are also available).
Temperature Coefficient: 5 ohms and above,
±100 ppm/°C, referenced to +25°C, ΔR taken at
-15°C and +105°C.
Below 5 ohms, ±(200 ppm + 0.00002 ohm)/°C,
referenced to +25°C, ΔR taken at -15°C and
+105°C.
Insulation Resistance: 10,000 Megohms, min.
Momentary Overload: 5 times rated power for
5 seconds, ΔR ±(1 percent + 0.001 ohm) max.
Thermal Shock: Mil-Std-202, Method 107,
Cond. C, ΔR ±(1 percent + 0.001 ohm) max.
Moisture Resistance: Mil-Std-202, Method 106,
Δ
R ±(1 percent + 0.001 ohm) max.
Load Life: 1,000 hours at +25°C at rated
power, ΔR ±(1 percent + 0.001 ohm) max.
Encapsulation: High Temperature Silicone
Conformal.
Measurement Note: For these specifications,
resistance measurement shall be made at a
point 0.3 inch (7.62 mm) from the resistor body.
MV261
MV228
MV311
MV217
MV234
Type MV Low Resistance Power Film Resistors combine Caddock's
Exclusive Non-Inductive Design with many high performance capabilities of
Micronox® resistance films to achieve these special advantages:
Low Resistance - from 0.1 ohm to 50 ohms.
Maximum Operating Temperature up to +275°C.
Five Sizes and Power Ratings.
Full Power Ratings without derating for Non-Inductive Performance.
See MP900 Series Power Resistor Products for Resistances as Low as 0.005Ω.
The interdigitated terminations in the Type MV resistors provide a multiple-
path distribution of the current into parallel resistance sections, which provides
low resistance values and non-inductive performance. This Exclusive Non-
Inductive Design provides significant performance improvements in high speed
or inductance sensitive electronic circuits, including high performance power
amplifiers, high-speed data transmission systems, high frequency video
amplifiers, current switching circuits, and current sensing circuits.
MV Exclusive
Non-Inductive
Design
1.500 ± .125
(38.10 ± 3.18)
A
B
C
RATED LOAD, %
AMBIENT TEMPERATURE, °C
100
80
60
40
20
0
25
75
125
175
225 275
DIMENSIONS IN INCHES AND (MILLIMETERS)
Derating
Curve:
MV234 - 0.10 - 1%
Model Number:
Resistor Value:
Tolerance
Ordering Information:
28_IL109.1004


Similar Part No. - MV217

ManufacturerPart #DatasheetDescription
logo
Caddock Electronics, In...
MV217 CADDOCK-MV217 Datasheet
297Kb / 1P
   Type MV Low Resistance Power Film Resistors
MV217 CADDOCK-MV217_17 Datasheet
478Kb / 1P
   Type MV Low Resistance Power Film Resistors
More results

Similar Description - MV217

ManufacturerPart #DatasheetDescription
logo
Caddock Electronics, In...
MV217 CADDOCK-MV217 Datasheet
297Kb / 1P
   Type MV Low Resistance Power Film Resistors
MV217 CADDOCK-MV217_17 Datasheet
478Kb / 1P
   Type MV Low Resistance Power Film Resistors
logo
List of Unclassifed Man...
RL10FTNR100 ETC-RL10FTNR100 Datasheet
894Kb / 10P
   Alloy Film Chip Resistors Low Resistance
RL25FENR020 ETC-RL25FENR020 Datasheet
574Kb / 9P
   Alloy Film Chip Resistors Low Resistance
RL10FTNR050 ETC-RL10FTNR050 Datasheet
715Kb / 9P
   Alloy Film Chip Resistors Low Resistance
RL12JTNR050 ETC-RL12JTNR050 Datasheet
655Kb / 9P
   Alloy Film Chip Resistors Low Resistance
RBL10FTR030 ETC-RBL10FTR030 Datasheet
600Kb / 9P
   Alloy Film Low Resistance Chip Resistors
RL13FTNR020 ETC-RL13FTNR020 Datasheet
796Kb / 9P
   Alloy Film Chip Resistors Low Resistance
logo
Panasonic Semiconductor
ERJ-6BWFR020V PANASONIC-ERJ-6BWFR020V Datasheet
109Kb / 4P
   Thick Film Chip Resistors / Low Resistance Type
ERJ-6RSJR18V PANASONIC-ERJ-6RSJR18V Datasheet
109Kb / 4P
   Thick Film Chip Resistors / Low Resistance Type
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com