Electronic Components Datasheet Search |
|
EM7110FR32CW-12S Datasheet(PDF) 4 Page - Emerging Memory & Logic Solutions Inc |
|
EM7110FR32CW-12S Datasheet(HTML) 4 Page - Emerging Memory & Logic Solutions Inc |
4 / 11 page EM641FU16E Series Low Power, 256Kx16 SRAM 4 merging Memory & Logic Solutions Inc. merging Memory & Logic Solutions Inc. DC AND OPERATING CHARACTERISTICS Parameter Symbol Test Conditions Min Typ Max Unit Input leakage current ILI VIN=VSS to VCC -1 - 1 µA Output leakage current ILO CS =VIH or OE=VIH or WE=VIL, LB=UB=VIH , VIO=VSS to VCC -1 - 1 µA Operating power supply ICC IIO=0mA, CS=VIL, VIN=VIH or VIL - - 2 mA Average operating current ICC1 Cycle time=1 µs, 100% duty, I IO=0mA, CS <0.2V, LB<0.2V or/and UB<0.2V, VIN<0.2V or VIN>VCC-0.2V - - 2 mA ICC2 Cycle time = Min, IIO=0mA, 100% duty, CS =VIL, LB=VIL or/and UB=VIL, VIN=VIL or VIH 55ns - - 25 mA 70ns - - 20 Output low voltage VOL IOL = 2.1mA - - 0.4 V Output high voltage VOH IOH = -1.0mA 2.2 - - V Standby Current (TTL) ISB CS =VIH, LB=UB =VIH Other inputs=VIH or VIL - - 0.3 mA Standby Current (CMOS) ISB1 CS >VCC-0.2V(CS controlled) or LB =UB ≥ V CC-0.2V, CS<0.2V( LB/UB Controlled) Other inputs=0~VCC (Typ. condition : VCC=3.0V @ 25 oC) (Max. condition : VCC=3.3V @ 85 oC) LL LF - 1 5 µA RECOMMENDED DC OPERATING CONDITIONS 1) 1. TA= -40 to 85oC, otherwise specified 2. Overshoot: VCC +2.0 V in case of pulse width < 20ns 3. Undershoot: -2.0 V in case of pulse width < 20ns 4. Overshoot and undershoot are sampled, not 100% tested . Parameter Symbol Min Typ Max Unit Supply voltage VCC 2.7 3.0 3.3 V Ground VSS 0 0 0 V Input high voltage V IH 2.2 - VCC + 0.2 2) V Input low voltage VIL -0.23) - 0.6 V CAPACITANCE1) (f =1MHz, TA=25 oC) 1. Capacitance is sampled, not 100% tested Item Symbol Test Condition Min Max Unit Input capacitance C IN V IN=0V - 8 pF Input/Ouput capacitance C IO V IO =0V - 10 pF |
Similar Part No. - EM7110FR32CW-12S |
|
Similar Description - EM7110FR32CW-12S |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |